Part Number Hot Search : 
RT7257D RC4195T 203001 SK352 DS250 AN1192 RF803 RU2YZ
Product Description
Full Text Search
 

To Download 600R150-RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) Resettable PTCs
Radial Leaded
600R Series
Description * The 600R series is designed to protect against power fault events typically found in telecom applications. This series is designed to be used in applications that need to meet the requirements of GR-1089-CORE and UL60950/EN60950/IEC60950. These resettable devices also help to meet the requirements of ITU K.20, K.21 and K.44.
Features Agency Approvals
AGENCY AGENCY FILE NUMBER E183209 R50082521
* RoHS compliant and lead-free * Fast time-to-trip * Binned and sorted narrow resistance ranges available Applications Secondary overcurrent protection for: * Central Office Equipment (CO) * Customer Premises Equipment (CE)
* 0.15 - 0.16A Hold current range, 60VDC operating voltage * 600VAC interrupt rating
* Alarm Systems * Set Top Boxes (STB) * Voice over IP (VOIP) * Subscriber Line Interface Circuit (SLIC)
Electrical Characteristics
I hold (A) 0.15 0.15 0.15 0.16 0.16 0.16 I trip (A) 0.30 0.30 0.30 0.32 0.32 0.32 V max (Vdc) 600 600 600 600 600 600 I max (A) 3 3 3 3 3 3 Pd max. (W) 1.00 1.00 1.00 1.00 1.00 1.00 Maximum Time To Trip Current (A) 5.0 5.0 4.5 7.5 9.5 9.0 Time (Sec.) 8.0 7.5 18 R min () 6 7 9 4 4 4 Resistance R typ () 12 10 12 10 7 8 R 1max () 22 20 22 18 16 17 X X X X X X X X X X X X Agency Approvals
Part Number
600R150 600R150-RA 600R150-RB 600R160 600R160-RA 600R160-R1
Temperature Rerating
Ambient Operation Temperature -40C Part Number 600R150 600R160 0.26 0.27 0.23 0.24 0.19 0.20 -20C 0C 23C Hold Current (A) 0.15 0.16 0.124 0.13 0.062 0.07 0.03 0.05 40C 60C 85C
600R Series Specifications are subject to change without notice.
Electronics Designers Guide
www.littelfuse.com (c)2006 Littelfuse
POLYFUSE(R) Resettable PTCs
Radial Leaded
600R Series
Average Time Current Curves
0.150A 0.160A
Temperature Rerating Curve
170% 150% Percentage of Rated Current 130% 110% 90% 70% 50% 30% 10%
100000
10000
1000
TIME IN SECONDS
100
10
-40 -30 -20
-10
0
10
20 30 40 Temperature (C)
50
60
70
80
1
0.100
0.010
0.001 0.20 1 10 100 1000
CURRENT IN AMPERES
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places. AKL V3.9 06.05.15
The average time current curves and temperature rerating curve performance is affected by a number or variables, and these curves provided as guidance only. Customer must verify the performance in their application.
Agency Specification Selection Guide For Telecom and Networking Applications
Part Number 600R150 600R160 Lightning TIA-968-A - 1.5kV 10/160s 800V 10/560s Telcordia GR -1089-1.0kV 10/1000s 2.5kV 2/10s
Devices should be independently evaluated and tested for use in any specific application
Power Cross UL60950, 3rd Ed - 600Vac, 40A Telcordia GR - 1089 - 600Vac, 60A
600R Series Specifications are subject to change without notice.
Electronics Designers Guide
www.littelfuse.com (c)2006 Littelfuse
POLYFUSE(R) Resettable PTCs
Radial Leaded
Protection Application Guide
Region/Specification North America Telcordia GR-1089 Application *Access network equipment Remote terminal Repeaters WAN equipment Cross -connect Customer and IT equipment Analog modems ADSL, XDSL modems Phone sets, PBX systems Internet appliances POS terminals Central Office POTS/ISDN linecards T1/E1/J1 linecards ADSL/VDSL splitters CSU/DSU *Intrabuilding communication systems LAN, VOIP cards Local loop handsets Device Selection 600R150 600R160
North America TIA-968-A, UL60950
600R150 600R160
North America Telcordia GR-1089 North America Telcordia GR-1089 South America/Asia/Europe ITU K.20 and K.21
*Resistance binned parts are recommended
600R150 600R160
600R150 600R160
Soldering Parameters - Wave Soldering
Condition Peak Temp/ Duration Time > 220C Preheat 140C~ 180C Storage Condition Wave Soldering 260C < 5 Sec 2 Sec ~ 20 Sec 180 Sec ~ 210 Sec 0C~35C, < 70%RH
Temperature (C)
260 220
Soldering
Cooling
* Recommended soldering methods: heat element oven or N2 environment for lead-free * Devices are designed to be wave soldered to the bottom side of the board. * Devices can be cleaned using standard industry methods and solvents. * This profile can be used for lead-free device Note: If soldering temperatures exceed the recommended profile, devices may not meet the performance requirements.
190 160
Preheating
0
180 to 210
2 to 5 Time(s)
20-30
600R Series Specifications are subject to change without notice.
Electronics Designers Guide
www.littelfuse.com (c)2006 Littelfuse
POLYFUSE(R) Resettable PTCs
Radial Leaded
Soldering Parameters - Solder Reflow
Condition Peak Temp/ Duration Time > 220C Preheat 160C~ 190C Storage Condition Reflow 260C > 5 Sec 30 Sec ~ 60 Sec
Temperature (C)
260 220
Soldering
Cooling
60 Sec ~ 90 Sec 0C~35C, < 70%RH
* Recommended reflow methods: IR, vapor phase oven, hot air oven, N2 environment for lead-free. * Devices are not designed to be wave soldered to the bottom side of the board. * Devices can be cleaned using standard industry methods and solvents. Note: If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements. Physical Specifications
Lead Material Soldering Characteristics Insulating Material Device Labeling Tin-plated copper Solderability per MIL-STD-202, Method 208E Cured, flame retardant epoxy polymer meets UL94V-0 requirements. Marked with LF, voltage, current rating, and date code.
190 160
Preheating
0
60 to 90
30 to 60 Time(s)
120
Environmental Specifications
Operating/Storage Temperature Maximum Device Surface Temperature in Tripped State Passive Aging Humidity Aging -40C to +85C 125C 85C/85C, 1000 hours +85C, 85%R.H. 1000 hours MIL-STD-202F Method 107G +125C to -55C 10 times MIL-STD-202, Method 215F
Thermal Shock
Solvent Resistance
600R Series Specifications are subject to change without notice.
Electronics Designers Guide
www.littelfuse.com (c)2006 Littelfuse
POLYFUSE(R) Resettable PTCs
Radial Leaded
Dimensions
A C
Littelfuse Trademark
150 XXXX
600
Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information)
Marking
B
D
E
F
Figure
A Part Number 600R150 600R150-RA 600R150-RB 600R160 600R160-RA 600R160-R1 Inches Max. 0.53 0.53 0.53 0.63 0.63 0.63 mm Max. 13.5 13.5 13.5 16 16 16 Max. 0.50 0.50 0.50 0.50 0.50 0.50 B Inches mm Max. 12.6 12.6 12.6 12.6 12.6 12.6 Max. 0.24 0.24 0.24 0.24 0.24 0.24 C Inches mm Max. 6 6 6 6 6 6 Min. 0.19 0.19 0.19 0.19 0.19 0.19 D Inches mm Min. 4.7 4.7 4.7 4.7 4.7 4.7 Typ. 0.20 0.20 0.20 0.20 0.20 0.20 E Inches mm Typ. 5.1 5.1 5.1 5.1 5.1 5.1 Physical Characteristics Lead (dia) Inches 0.026 0.026 0.026 0.026 0.026 0.026 mm 0.65 0.65 0.65 0.65 0.65 0.65 Material Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Sn/Cu Figure 1 1 1 1 1 1
Part Marking System
Littelfuse Trademark
A
C
150 XXXX
600
Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information)
Marking
B
D
E
F
Part Numbering System
600 R 160
- RA F
PACKAGING STYLE BLANK: Bulk R: Tape & Ammo
SERIES
QUANTITY CODE: F=200 U=500 Rx: Resistance Range (x = A-Z or 1-9) [not applicable for all parts] T: PRE-TRIPPED DEVICE (OPTIONAL) I HOLD CURRENT CODE (SEE TABLE BELOW) R: RADIAL
PEAK VOLTAGE RATING
Packaging
I hold (A) 0.15 0.16 I hold Code 150 160 Packaging Option Bulk Tape and Ammo Bulk Tape and Ammo Quantity 200 600 200 500 Quantity & Packaging Codes F ZR F UR
600R Series Specifications are subject to change without notice.
Electronics Designers Guide
www.littelfuse.com (c)2006 Littelfuse


▲Up To Search▲   

 
Price & Availability of 600R150-RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X