Part Number Hot Search : 
TTA160 SXN15 1N4937 1N4627 C0686A FA7616CP 1000M ACHIPS
Product Description
Full Text Search
 

To Download 1N581707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5817~1N5819
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * For use in low voltage,high frequency inverters ,free wheeling ,and polarity protection applications . * In compliance with EU RoHS 2002/95/EC directives
.205(5.2) .160(4.1)
.034(.86)
20 to 40 Volts
CURRENT
1.0 Ampere
DO-41
Unit: inch(mm)
MECHANICALDATA
* Case: DO-41 Molded plastic * Terminals: Axial leads, solderable per MIL-STD-750,Method 2026 * Polarity: Color band denotes cathode * Mounting Position: Any * Weight: 0.012 ounces, 0.3 grams
1.0(25.4)MIN.
.028(.71)
.107(2.7)
1.0(25.4)MIN.
.080(2.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h a t Ta = 9 0 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 0 A D C M a xi m um F o r w a r d V o l t a g e a t 3 . 0 A D C M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L V RRM V RMS V DC IF ( A V ) IF S M VF IR R J A TJ T S TG
1N5817 20 14 20
1N5818 30 21 30 1 .0 25
1N5819 40 28 40
U N IT S V V V A A
0 .4 7 0 .7 5
0 .5 5 0 .8 7 5 0 .5 10 80 - 5 0 TO + 1 2 5 - 5 0 TO + 1 5 0
0 .6 0 0 .9 0
V mA
O
C/W
O
C C
O
STAD-JAN.23.2007
PAGE . 1
1N5817~1N5819
RATING AND CHARACTERISTIC CURVES
AVERAGEFORWARDRECITIFIED CURRENTAMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
2.5 2.0
.375"9.5mm LEADLENGHTS RESISTIVEORINDUCTIVE LOAD
40 35 30 25 20 15 10 5 0 1 2 5 10 20 50 100
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERAURE, OC
Fig.1- FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60HZ
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE LEAKAGE CURRENT, uA
2
10
FORWARD CURRENT, AMPERES
10
1
TJ=125 C
10
0
O
1.0
TJ=75 C
10
-1
O
10
-2
0.1
T A =25 C
O
TJ=25 C
10
-3
O
0.01
10
-4
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
LEGAL STATEMENT
Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.23.2007
PAGE . 2


▲Up To Search▲   

 
Price & Availability of 1N581707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X