Part Number Hot Search : 
VN750 HMCS44C SEC4203C 221M16V8 DF1510 75N08 4HAC10J 3V10X
Product Description
Full Text Search
 

To Download TRML-8100WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l Up to 4.25 Gb/s Bi-directional Data Link l Duplex LC Multi-Mode Transceiver l Compliant with Fibre Channel FC-PH-2 for 400-M5-SN-1 and 400-M6-SN-1 l Compliant with IEEE 802.3z 1000BASE-SX l Link Distance at 4.25 Gbd 150 m links with 50/125 m MMF Cables 70 m links with 62.5/125 m MMF Cables l Link Distance at 2.125 Gbd 300 m links with 50/125 m MMF Cables 150 m links with 62.5/125 m MMF Cables l Link Distance at 1.063 Gbd 500 m links with 50/125 m MMF Cables 300 m links with 62.5/125 m MMF Cables l Small Form Factor, RJ-45 size, 2X5 pin Package l SFF-8472 Digital Diagnostic Function l AC/AC Coupled Signal Input / Output l LVTTL Transmitter Disable Input l LVTTL Signal Detect Output l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operating: TRML-8100G l -10 to 85oC Operating: TRML-8100BG l Wave Solderable and Aqueous Washable l Class 1 Laser International Safety Standard IEC-60825 Compliant
TRML-8100WG
1
***********************************************************************************************************************************************************************
TRML-8100WG / TRML-8100BWG (RoHS Compliant) 3.3V / 850 nm / 4.25 Gbps Digital Diagnostic SFF LC MULTI-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
DESCRIPTION
The TRML-8100WG series multi-mode transceivers is small form factor, low power, high performance module for bi-directional serial optical data communications such as Fibre Channel 4x/2x/1x and Gigabit Ethernet 1000BASE-SX. This 2x7 pin SFF transceiver comply with the 2x5 standard package defined by the SFF MSA with the exception of four extra pins for real-time digital diagnostics and transmitter fault indication. Digital diagnostic functions are available via the 2-wire serial interface defined in the SFF-8472 MSA. This module is designed for multi-mode fiber and operates at a nominal wavelength of 850 nm. The transmitter section uses a multiple quantum well 850 nm VCSEL and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated GaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l Tri-Rate 4.25/2.125/1.063 Gb/s Fiber Channel l 1.25 Gb/s 1000BASE-SX Ethernet
ORDER INFORMATION
P/No. TRML-8100WG TRML-8100BWG Bit Rate (Gb/s)
4/ 2/1 4/ 2/1
FC
Distance (m)
Wavelength
(nm)
850 850
400/200/100 150/300/500 400/200/100 150/300/500
TX Power RX Sens. RoHS (dBm) (dBm) Compliant 0 to 70 -2.5 to -9 -15/-17/-18 Yes 2X7 LC with DMI Yes 2X7 LC with DMI -10 to 85 -2.5to -9 -15/-17/-18
Package
Temp. (oC)
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Symbol Tstg Topr --Vcc --Min -40 0 -10 0 GND Max 85 70 85 260 4.5 Vcc Units o C o C
o
Notes TRML-8100WG TRML-8100BWG 10 seconds on leads only
C V V
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0
Optoway
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Power Supply Current Symbol Vcc Topr Min 3.13 0 -10 1062 Typ 3.3 Max 3.47 70 85 240
TRML-8100WG
Units / Notes V o C / TRML-8100WG o C / TRML-8100BWG Mb/s mA
2
***********************************************************************************************************************************************************************
Icc
4250 180
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Optical Modulation Amplitude@4.25Gb/s Optical Rise Time Optical Fall Time Relative Intensity Noise Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Po OMA tr tf RIN IIL IIH VIH - V IL VIL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS -350 350 300 -2.0 -1.1 0 Vcc - 1.3 -1.58 -0.74 0.5 Vcc 1 Min -9 840 --247 Typ --850 --Max -2.5 860 0.85 Units dBm nm nm W ps ps dB/Hz A A mV V V V V ms Notes 1 RMS () 2 20% to 80% 20% to 80%
90 90 -118
3 3 TX Output Enabled TX Ouput Disabled
Notes: 1. Output power is power coupled into a 62.5/125 m MM fiber. 2. An OMA of 196 W is approximately equal to an average power of -9 dBm assuming an Extinction Ratio of 9 dB. 3. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter Optical Sensitivity @4.25Gb/s Sensitivity @2.125Gb/s Sensitivity @1.063Gb/s Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol Sens Sens Sens Pin Pa Pd Min Typ Max -15 40 -17 -18 ---18 --1600 -1.58 -0.74 0.5 Units dBm W dBm dBm dBm dBm dBm dB nm V V V V Notes 4 4 4 Transition: low to high Transition: high to low
0 ---31 1.0 1100 -2.0 -1.1 2.0
---------
VOL - VCC VOH - VCC VOL VOH
5 5
Notes: 4. Minimum sensitivity and saturation levels at BER=1E-12 for a 27-1 PRBS. 5. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0
Optoway
CONNECTION DIAGRAM
54321AC MS
TRML-8100WG
3
***********************************************************************************************************************************************************************
TOP VIEW
6 7 8 9 10 B D MS
PIN C A 1 2 3 4 5
MS
Signal Name
N/C SDA VeeRx VccRx SD RDRD+ MS
Description
Not Connected Data line of two wire serial interface Rreceiver ground Receiver Power - 3.3V5% Signal Detect Output Receiver Data Out Bar Receiver Data Out Mounting Studs. Connect to Chassis Ground
PIN D B 10 9 8 7 6
Signal Name
TX_Fault SCL
Description
Transmitter Fault Indication Clock line of two wire serial interface Transmitter Data In Bar Transmitter Data In Logic low to enable TXoutput Transmitter ground Transmitter Power - 3.3V5%
TDTD+ TX_Disable VeeTx VccTx
Module Definition
Module Definition 4 MOD-DEF2 PIN A SDA MOD-DEF1 PIN B SCL MOD-DEF0 Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
Recommended Circuit Schematic
Vee TX 7 TX _Disabl e 8 TX _Fault D 4.7K to 10K
TX _Disabl e TX _Fault
LD Driver
TD+ 9 Z=50 100 TD- 10 VccTX 6 10nF 2 10nF RD- 4 Z=50 100 10F 1H Z=50
VC 3.3V C
TD+
TD-
10F 1H
10nF
10F
VccRX
SerDes IC
Protocol IC
RD-
POST Amp
RD+ 5 Z=50
RDDependi ng on SerDes
SD 3 4.7K to 10K Vee RX 1 SCL B SDA A N/C C 4.7K to 10K 4.7K to 10K
VC 3.3V C
Signal Dete ct
SCL SDA
EE PORM
SFF Module
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0
Optoway
PACKAGE DIAGRAM (Units in mm) A) Standard Case
TRML-8100WG
4
***********************************************************************************************************************************************************************
TRML-8100WG / TRML-8100BWG
B) Extended Case
TRML-8100WEG / TRML-8100BWEG
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0


▲Up To Search▲   

 
Price & Availability of TRML-8100WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X