Part Number Hot Search : 
2N6674 CM7236 74LS76N 20030 TM3011 2SD2110 MP1474DJ IRF9Z30
Product Description
Full Text Search
 

To Download TRML-8100BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l Up to 4.25 Gb/s Bi-directional Data Link l Duplex LC Multi-Mode Transceiver l Compliant with Fibre Channel FC-PH-2 for 400-M5-SN-1 and 400-M6-SN-1 l Compliant with IEEE 802.3z 1000BASE-SX l Link Distance at 4.25 Gbd 150 m links with 50/125 m MMF Cables 70 m links with 62.5/125 m MMF Cables l Link Distance at 2.125 Gbd 300 m links with 50/125 m MMF Cables 150 m links with 62.5/125 m MMF Cables l Link Distance at 1.063 Gbd 500 m links with 50/125 m MMF Cables 300 m links with 62.5/125 m MMF Cables l Small Form Factor, RJ-45 size, 2X5 pin Package l AC/AC Coupled Signal Input / Output l LVTTL Transmitter Disable Input l LVTTL Signal Detect Output l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operating: TRML-8100G l -10 to 85oC Operating: TRML-8100BG l Wave Solderable and Aqueous Washable l Class 1 Laser International Safety Standard IEC-60825 Compliant
TRML-8100G
1
***********************************************************************************************************************************************************************
TRML-8100G / TRML-8100BG (RoHS Compliant) 3.3V / 850 nm / 4.25 Gbps SFF LC MULTI-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
APPLICATIONS
l Tri-Rate 4.25/2.125/1.063 Gb/s Fiber Channel l 1.25 Gb/s 1000BASE-SX Ethernet
DESCRIPTION
The TRML-8100G series multi-mode transceivers is small form factor, low power, high performance module for bi-directional serial optical data communications such as Fibre Channel 4x/2x/1x and Gigabit Ethernet 1000BASE-SX. This module is designed for multi-mode fiber and operates at a nominal wavelength of 850 nm. The transmitter section uses a multiple quantum well 850 nm VCSEL and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated GaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
ORDER INFORMATION
P/No. TRML-8100G TRML-8100BG Bit Rate (Gb/s)
4/2/1 4/2/1
FC
Distance Wavelength (m) (nm)
850 850
Package 2X5 LC 2X5 LC
Temp. (oC) 0 to 70 -10 to 85
400/200/100 150/300/500 400/200/100 150/300/500
TX Power RX Sens. RoHS (dBm) (dBm) Compliant -2.5 to -9 -15/-17/-18 Yes -2.5to -9 -15/-17/-18 Yes
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Symbol Tstg Topr --Vcc --Min -40 0 -10 0 GND Max 85 70 85 260 4.5 Vcc Units o C o C
o
Notes TRML-8100G TRML-8100BG 10 seconds on leads only
C V V
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Power Supply Current Symbol Vcc Topr Min 3.13 0 -10 1062 Typ 3.3 Max 3.47 70 85 240 Units / Notes V o C / TRML-8100G o C / TRML-8100BG Mb/s mA
Icc
4250 180
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Optical Modulation Amplitude@4.25Gb/s Optical Modulation Amplitude@2.125Gb/s Optical Modulation Amplitude@1.063Gb/s Optical Rise Time Optical Fall Time Relative Intensity Noise Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Po OMA OMA OMA tr tf RIN IIL IIH VIH - V IL VIL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS -350 350 300 -2.0 -1.1 0 Vcc - 1.3 -1.58 -0.74 0.5 Vcc 1 Min -9 840 --247 196 156 90 90 -118 Typ --850 --Max -2.5 860 0.85 Units dBm nm nm W W W ps ps dB/Hz A A mV V V V V ms
TRML-8100G
2
***********************************************************************************************************************************************************************
Notes 1 RMS () 2
20% to 80% 20% to 80%
3 3 TX Output Enabled TX Ouput Disabled
Notes: 1. Output power is power coupled into a 62.5/125 m MM fiber. 2. An OMA of 196 W is approximately equal to an average power of -9 dBm assuming an Extinction Ratio of 9 dB. 3. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter Optical Sensitivity @4.25Gb/s Sensitivity @2.125Gb/s Sensitivity @1.063Gb/s Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol Sens Sens Sens Pin Pa Pd Min Typ Max -15 40 -17 -18 ---18 --1600 -1.58 -0.74 0.5 Units dBm W dBm dBm dBm dBm dBm dB nm V V V V Notes 4 4 4 Transition: low to high Transition: high to low
0 ---31 1.0 1100 -2.0 -1.1 2.0
---------
VOL - VCC VOH - VCC VOL VOH
5 5
Notes: 4. Minimum sensitivity and saturation levels at BER=1E-12 for a 27-1 PRBS. 5. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0
Optoway
CONNECTION DIAGRAM
54321 MS
TRML-8100G
3
***********************************************************************************************************************************************************************
TOP VIEW
6 7 8 9 10 MS
PIN 1 2 3 4 5 6 7 8 9 10 MS
Symbol VEERX V CC RX SD RD- RD+ V CC TX VEETX TX_Disable TD+ TDMS
Notes Directly connect this pin to the receiver ground plane +3.3V dc power for the receiver section Active high on this indicates a received optical signal. Receiver Dataout Bar. See recommended circuit schematic Receiver Dataout. See recommended circuit schematic +3.3V dc power for the transmitter section Directly connect this plan to the transmitter ground plane Transmitter Disable. Connect this pin to +3.3V TTL logic "1" to disable module To enable module connect to TTL logic low "0" Transmitter Data In. See recommended circuit schematic Transmitter Data In Bar. See recommended circuit schematic Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
Vee TX 7 TX_Disabl e 8 TD+ 9 Z=50 100 TD- 10 VccTX 6 10nF 2 10nF RD- 4 Z=50 100 10F 1H Z=50
VCC 3.3V
TX_Disabl e TD+
LD Driver
TD-
10F 1H
10nF
10F
VccRX
SerDes IC
Protocol IC
RD-
POST Amp
RD+ 5 Z=50
RDDepe ndi ng on SerDes
SD 3 4.7K to 10K Vee RX 1
Signal Dete ct
SF Module F
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0
Optoway
PACKAGE DIAGRAM (Units in mm) A) Standard Case
TRML-8100G
4
***********************************************************************************************************************************************************************
TRML-8100G / TRML-8100BG
B) Extended Case
TRML-8100EG / TRML-8100BEG
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/1/2007 V1.0


▲Up To Search▲   

 
Price & Availability of TRML-8100BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X