Part Number Hot Search : 
2EDWF2 FAN8412M B2612BS1 CMZ5350B THS124 4532M R3010 035150
Product Description
Full Text Search
 

To Download TRM-3002AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l l
TRM-3002G
1
***********************************************************************************************************************************************************************
TRM-3002G / TRM-3002TG / TRM-3002AG / TRM-3002ATG 5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
***********************************************************************************************************************************************************************
DESCRIPTION
Duplex SC Multimode Transceiver: TRM-3002G Duplex ST Multimode Transceiver : TRM-3002TG 1310 nm Transmitter 0 to 2000 m Transmission Industry Standard 1 x 9 Footprint Single +5 V Power Supply PECL Signal Detection Output RoHS Compliant 0 to 70 oC Operating : TRM-3002G -40 to 85 oC Operating: TRM-3002AG Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC 60825 Compliant
The TRM-3002G series multi-mode transceivers are low power, high performance module for bi-directional serial optical data communications such as ATM 155 Mb/s and Fast Ethernet. This module is designed for multi-mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This multimode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l l l ATM 155 Mbps Links SONET/SDH Equipment Interconnect Fast Ethernet 100 Mb/s Links
ORDER INFORMATION
P/No. Bit Rate (Mb/s) 125 / 155 125 / 155 Distance (m) 0 to 2000 0 to 2000 Wavelength (nm) 1310 1310 Voltage (V) 5 5 Package Temp. (oC) 0 to 70 -40 to 85 TX Power (dBm) -12 to -19 -12 to -19 RX Sens. (dBm) -31 -31 RoHS Compliant Y Y
TRM-3002G TRM-3002AG
1X9 SC/ST 1X9 SC/ST
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 -40 0 GND 0 Max 85 70 85 260 6 Vcc 30 Units o C o C
o
Notes TRM-3002G TRM-3002AG 10 seconds on leads only
C V V
mA
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Symbol Vcc Topr Min 4.75 0 -40 Typ 5 Max 5.25 70 85 Units V o C / TRM-3002G o C / TRM-3002AG Mb/s
125 / 155
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 4.75V < Vcc < 5.25V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Power Supply Current Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Symbol Min Typ Max Units
2
TRM-3002G
Notes
***********************************************************************************************************************************************************************
Po -19 ---12 dBm 1 1260 1310 1360 nm ----20 nm RMS () ER 8.2 ----dB Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957 tr 2 ns 10% to 90% Values tf 2 ns 10% to 90% Values RIN -116 dB/Hz TJ 1.0 ns 2 Icc IIL IIH VIH - VIL V IL - VCC V IH - VCC 140 -350 350 300 -2.0 -1.1 -1.58 -0.74 mA A A mV V V 3
4 4
Notes: 1. Output power is power coupled into a 62.5/125 m multi-mode fiber. 2. Measured with a 223-1 PRBS with 72 ones and 72 zeros. 3. Maximum current is specified at Vcc = Maximum @ maximum temperature. 4. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 4.75 V < Vcc < 5.25V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Power Supply Current Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol --Pin Pa Pd Min ---8 ---47 1.0 1100 Typ ------------Max -31 ---31 --4.0 1600 100 -1.58 -0.74 -1.58 -0.74 Units dBm dBm dBm dBm dB nm mA V V V V Notes 1 Transition: low to high Transition: high to low
Icc VOL - V CC VOH - V CC VOL - V CC VOH - V CC
-2.0 -1.1 -2.0 -1.1
2 3 3
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 2 23-1 PRBS. 2. The current excludes the output load current. 3. These outputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
CONNECTION DIAGRAM
Receiver Signal Ground 1 (Rx GND) Receiver Data Out 2 (RD+) Receiver Data Out Bar 3 (RD-) Signal Detect 4 (SD) Receiver Power Supply 5 (Rx Vcc) Transmitter Power Supply 6 (Tx Vcc) Transmitter Data In Bar 7 (TD-) Transmitter Data In 8 (TD+) Transmitter Signal Ground 9 (Tx GND) N/C
3
TRM-3002G
***********************************************************************************************************************************************************************
TOP VIEW
N/C
PIN 1 2 3 4 5 6 7 8 9
Symbol Rx GND RD+ RD- SD Rx Vcc Tx Vcc TD- TD+ Tx GND
Notes Directly connect this pin to the receiver ground plane See recommended circuit schematic See recommended circuit schematic Active high on this indicates a received optical signal +5V dc power for the receiver section +5V dc power for the transmitter section See recommended circuit schematic See recommended circuit schematic Directly connect this plan to the transmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2005 V2.0
Optoway
PACKAGE DIAGRAM
Units in mm 1) SC Duplex
4
TRM-3002G
***********************************************************************************************************************************************************************
TX OPTICAL
RX OPTICAL
TRM-3002G / TRM-3002AG
2) Duplex ST
12.7
TX OPTICAL
RX OPTICAL
2.54*8 20.32
25.4
13.9 5.97
10
15.88
O1.3
20.32
34.5MAX
TRM-3002TG / TRM-3002ATG
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
0.75
13.7
10/1/2005 V2.0


▲Up To Search▲   

 
Price & Availability of TRM-3002AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X