Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download TN210603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TN2106 Low Threshold N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 60V RDS(ON) (max) 2.5 VGS(th) (max) 2.0V Order Number / Package TO-236AB* TN2106K1 TO-92 TN2106N3 Die TN2106ND Product marking for SOT-23: N1L where = 2-week alpha date code
*Same as SOT-23. All units shipped on 3,000 piece carrier tape reels.
Features
Free from secondary breakdown Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral Source-Drain diode High input impedance and high gain Complementary N- and P-channel devices
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds. BVDSS BVDGS 20V -55C to +150C 300C
D GS
SGD
TO-236AB (SOT-23) top view
TO-92
Note: See Package Outline section for dimensions.
01/06/03
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
TN2106
Thermal Characteristics
Package TO-236AB TO-92 ID (continuous)* 0.28A 0.30A ID (pulsed) 0.8A 1.0A Power Dissipation @ TA = 25C 0.36W 0.74W
jc
ja
IDR* 0.28A 0.30A
IDRM 0.8A 1.0A
C/W
200 125
C/W
350 170
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min 60 0.6 -3.8 0.1 2.0 -5.5 100 1 100 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr
Notes: 1.All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2.All A.C. parameters sample tested.
Typ
Max
Unit V V mV/C nA A A A
Conditions ID = 1mA, VGS = 0V VGS = VDS, ID = 1mA ID = 1mA, VGS = VDS VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = 10V, VDS = 25V VGS = 4.5V, ID = 200mA VGS = 10V, ID = 500mA VGS = 10V, ID = 500mA VDS = 25V, ID = 500mA VGS = 0V, VDS = 25V, f = 1MHz
ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time
0.6 5.0 2.5 0.70 150 400 35 17 7 3 5 6 5 1.2 400 50 25 8 5 8 9 8 1.8 1.0
%/C m
pF
ns
V ns
Switching Waveforms and Test Circuit
VDD
10V
90% INPUT
0V
PULSE GENERATOR
Rgen
10%
t(ON)
t(OFF) tr td(OFF) tF
td(ON)
VDD
10%
10%
INPUT
OUTPUT
0V
90%
90%
2
VDD = 25V ID = 0.5A RGEN = 25 ISD = 0.5A, VGS = 0V ISD = 0.5A, VGS = 0V
RL OUTPUT
D.U.T.
TN2106
Typical Performance Curves
Output Characteristics
2.5
Saturation Characteristics
VGS = 10V
2.5
VGS = 10V
2.0
2.0
ID (amperes)
8V
ID (amperes)
1.5
1.5
8V
1.0
1.0
6V
0.5
6V
0.5
4V 3V
0 0 10 20 30 40 50 0 0 2 4 6 8 10
4V 3V
VDS (volts) Transconductance vs. Drain Current
0.5 1.0
VDS (volts) Power Dissipation vs. Temperature
0.4
VDS = 25V
0.8 TO-92
GFS (siemens)
25C
0.2
PD (watts)
0.3
TA = -55C
0.6
0.4
125C
0.1
SOT-23
0.2
0 0 0.2 0.4 0.6 0.8 1.0
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
1.0 SOT-23 (pulsed) 1.0
TA ( C) Thermal Response Characteristics
Thermal Resistance (normalized)
TO-236AB 0.8 TA = 25C PD = 0.36W TO-92 TC = 25C PD = 1W
SOT-23 (DC)
ID (amperes)
0.1
0.6
0.4
0.01
TA = 25C
0.2
0.001 0.1 1 10 100
0 0.001
0.01
0.1
1.0
10
VDS (volts)
tp (seconds)
3
TN2106
Typical Performance Curves
BVDSS Variation with Temperature
10 1.1 8
On-Resistance vs. Drain Current
V GS = 4.5V
BVDSS (normalized)
RDS(ON) (ohms)
6
VGS = 10V
1.0
4
2 0.9 0 -50 0 50 100 150 0 0.5 1.0 1.5 2.0 2.5
Tj (C) Transfer Characteristics
1.0
ID (amperes) VGS(th) and RDS(ON) Variation with Temperature
2.0
VDS = 25V
0.8
1.2
RDS(ON) @ 10V, 0.5A
1.6
1.0 1.2 0.8 0.8 0.6
0.6
0.4
25C
125C
0.2
VGS(th) @ 1mA
0.4
0.4 0 0 2 4 6 8 10 -50 0 50 100 150 0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
100 10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
8 75
VDS = 10V
C (picofarads)
VGS (volts)
6
50
CISS
25
4
VDS = 20V 92 pF
COSS
CRSS
2
38 pF
0 0 10 20 30 40 0 0 0.2 0.4 0.6 0.8 1.0
VDS (volts)
QG (nanocoulombs)
01/06/03
(c)2003 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)
VGS(th) (normalized)
TA = -55C
ID (amperes)


▲Up To Search▲   

 
Price & Availability of TN210603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X