Part Number Hot Search : 
BC847C HMC29006 A7986A HER302 T1213 FJP555 00113 U1001H
Product Description
Full Text Search
 

To Download TN0640N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LETE -Threshold Low OBSO -
N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 350V 400V
TN0635 TN0640
RDS(ON) (max) 10 10
ID(ON) (min) 1.0A 1.0A
VGS(th) (max) 1.8V 1.8V
Order Number / Package TO-92 TN0635N3 TN0640N3 Die TN0635ND TN0640ND
MIL visual screening available
7
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Features
Low threshold --1.8V max. High input impedance Low input capacitance -- 85pF typical Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage Complementary N- and P-channel devices
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Options
SGD
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds. 7-59 BVDSS BVDGS 20V -55C to +150C 300C
TO-92
Note: See Package Outline section for dimensions.
TN0635/TN0640
Thermal Characteristics
Package TO-92 ID (continuous)* 200mA ID (pulsed) 1.5A Power Dissipation @ TC = 25C 1.0W
jc
ja
IDR* 200mA
IDRM 1.5A
C/W
125
C/W
170
LETE - OBSO - Electrical Characteristics
*
ID (continuous) is limited by max rated Tj.
(@ 25C unless otherwise specified)
Min TN0640 TN0635 400 350 0.6 -2.5 1.8 -4.0 100 10 1.0 V mV/C nA A mA A 10 10 0.75 125 350 85 30 10 130 75 20 20 15 25 20 1.8 300 V ns ns pF %/C m Typ Max Unit V
Symbol BVDSS VGS(th) VGS(th) IGSS IDSS
Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current
Conditions VGS = 0V, ID = 100A VGS = VDS, ID= 1mA VGS = VDS, ID= 1mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = 5V, VDS = 25V VGS = 10V, VDS = 25V VGS = 4.5V, ID = 150mA VGS = 10V, ID = 500mA VGS = 10V, ID = 500mA VDS = 25V, ID = 100mA VGS = 0V, VDS = 25V f = 1 MHz
ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr
ON-State Drain Current
0.3 1.0
1.5 1.8 8.0 7.0
Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
10V
90% INPUT
0V
PULSE GENERATOR
Rgen
10%
t(ON)
t(OFF) tr td(OFF) tF
td(ON)
VDD
10%
10%
INPUT
OUTPUT
0V
90%
90%
7-60
VDD = 25V, ID = 1.0A, RGEN = 25 VGS = 0V, ISD = 200mA VGS = 0V, ISD = 1.0A
VDD
RL OUTPUT
D.U.T.
Typical Performance Curves
Output Characteristics
2.5
LETE - OBSO -
1.25 1.00
TN0635/TN0640
Saturation Characteristics
VGS = 10V 6V 4V
VGS = 10V
2.0
5V
ID (amperes)
4V
1.0
ID (amperes)
1.5
0.75
0.50
3V
0.5
0.25
2V
0 0 10 20 30 40 50 0 0 2 4 6 8 10
VDS (volts) Transconductance vs. Drain Current
0.5
VDS (volts) Power Dissipation vs. Case Temperature
7
VDS = 25V
1.8 0.4
TA = -55 C TA = 25 C
1.4
GFS (siemens)
PD (watts)
0.3
TA = 125 C
0.2
TO-92 1.0
0.6 0.1 0.2 0 0 0.1 0.2 0.3 0.4 0.5 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
1.0 1.0 TO-92 (pulsed)
TC ( C) Thermal Response Characteristics
Thermal Resistance (normalized)
0.8
ID (amperes)
0.1 TO-92 (DC)
0.6
TO-92 PD = 1W TC = 25 C
0.4
0.01
0.2
T C = 25C 0.001 1 10 100 1000 0 0.001 0.01 0.1 1.0 10
VDS (volts)
tp (seconds)
7-61
Typical Performance Curves
BVDSS Variation with Temperature
1.1
LETE - OBSO -
On-Resistance vs. Drain Current
15.0 12.0
TN0635/TN0640
V GS = 5V
BVDSS (normalized)
RDS(ON) (ohms)
9.0
1.0
VGS = 10V
6.0
3.0
0 -50 0 50 100 150
0 0 0.4 0.8 1.2 1.6 2.0
Tj ( C) Transfer Characteristics
2.5
ID (amperes) V(th) and RDS Variation with Temperature
2.0
TA = -55 C
TA = 125 C
2.0
1.4
RDS(ON) @ 10V, 0.5A
VGS(th) (normalized)
1.2
1.6
V (th) @ 1mA
1.2
1.5
TA = 25 C
1.0 0.8 0.8 0.4 0.6
1.0
0.5
0 0 2 4 6 8 10 -50 0 50 100 150
0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 10
Tj ( C) Gate Drive Dynamic Characteristics
VDS = 10V 270 pF
8
150
C (picofarads)
VDS = 40V
VGS (volts)
6
270 pF
100
CISS
4
50
COSS
CRSS
2
100 pF
0 40 0 1.0 2.0 3.0 4.0 5.0
0 0 10 20 30
VDS (volts)
QG (nanocoulombs)
7-62
RDS(ON) (normalized)
ID (amperes)


▲Up To Search▲   

 
Price & Availability of TN0640N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X