Part Number Hot Search : 
TDA2030 10012 TN1506NW T114038 270401B DZ10C SBMJ160 98DX4211
Product Description
Full Text Search
 

To Download TLP3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP3904
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-DIODE ARRAY
TLP3904
TELECOMMUNICATION PROGRAMMABLE CONTROLLERS MOS FET GATE DRIVER

Unit in mm
4.2 1.4
The TOSHIBA SSOP coupler TLP3904 is a small outline coupler, suitable for surface mount assembly. The TLP3904 consists of a GaAs light emitting diode, optically coupled to a series connected photo diode array which is suitable for MOS FET gate drive.
3.65
1.9
1.8
0.15
0.2
3.8
0.2
1.27 2.04
(0.3)
Features
* 4 pin SSOP (SSOP4) : 1.8 mm high, 1.27 mm pitch * Open Voltage * Short Current * Isolation Voltage : 7V (min) : 5A (min) : 1500Vrms (min)
(0.46)
Pin Configuration (top view)
TOSHIBA Weight: 0.03 g
11-2B1
1
4 1. ANODE 2. CATHODE 3. CATHODE 4. ANODE
2
3
1
2007-10-01
TLP3904
Absolute Maximum Ratings (Ta = 25C)
Characteristic Forward Current LED Forward Current Derating (Ta 25C) Reverse Voltage Junction Temperature Forward Current DETECTOR Reverse Voltage Junction Temperature Storage Temperature Range Operating Temperature Range Lead Soldering Temperature (10 s) Isolation Voltage (AC, 1 min., R.H. 60%) (Note 1) Symbol IF IF / C VR Tj IFD VRD Tj Tstg Topr Tsol BVS Rating 50 -0.5 5 125 50 10 125 -55~125 -40~85 260 1500 Unit mA mA / C V C A V C C C C Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Device considered a two terminal device: Pins 1 and 2 shorted together and pins 3 and 4 shorted together.
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and equipment are earthed.
Recommended Operating Conditions (Note 2)
Characteristic Forward Current Operating Temperature Symbol IF Topr Min 7 -25 Typ. -- -- Max 20 65 Unit mA C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward Voltage LED Reverse Current Capacitance Forward Voltage DETECTOR Reverse Current Capacitance (Anode to Cathode) Symbol VF IR CT VFD IRD CTD Test Condition IF = 10 mA VR = 5 V V = 0, f = 1 MHz IFD = 10 A VRD = 10 V V = 0, f = 1 MHz Min 1.0 -- -- -- -- -- Typ. 1.15 -- 30 9.6 1 2.5 Max 1.3 10 -- -- -- -- Unit V A pF V nA pF
2
2007-10-01
TLP3904
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Open-Circuit Voltage Short-Circuit Current Symbol VOC ISC Test Condition IF = 10 mA IF = 10 mA Min 7 5 Typ. -- -- Max -- -- Unit V A
Isolation Characteristics (Ta = 25C)
Characteristic Capacitance Input to Output Isolation Resistance Symbol CS RS Test Condition VS = 0, f = 1 MHz VS = 500 V, R.H. 60% AC, 1 minute Isolation Voltage BVS AC, 1 second in oil DC, 1 minute in oil Min -- 5x10
10
Typ. 0.8 10
14
Max -- -- -- -- --
Unit pF Vrms Vdc
1500 -- --
-- 3000 3000
Switching Characteristics (Ta = 25C)
Characteristic Turn-on Time Turn-off Time Symbol tON tOFF Test Condition IF = 10 mA, RSH = 1 M (Note 3) CL = 1000pF Min -- -- Typ. 0.6 2 Max -- -- Unit ms ms
(Note 3) : SWITCHING TIME TEST CIRCUIT
IF RSH CL VOUT IF VOUT 0V RSH : External Shunt Resistance tON
5V 1V tOFF
3
2007-10-01
TLP3904
I F Ta
100
I F VF
100 50
Ta = 25 C
ALLOWABLE FORWARD CURRENT I F (mA)
90
FORWARD CURRENT I F (mA)
0 20 40 60 80 100 120
80 70 60 50 40 30 20 10 0 -20
30 10 5 3 1 0.5 0.3 0.1 0.6
0.8
1
1.2
1.4
1.6
1.8
AMBIENT TEMPERATURE
Ta (C)
FORWARD VOLTAGE
VF (V)
I o Vo
40
100
tON,tOFF CL tON,tOFF (ms)
Ta = 25 C I F = 10 mA tON tOFF RSH=2.2M 1M 510k 510k 1M 2.2M
Ta = 25 C
OUTPUT CURRENT I o (A)
30 10 3 1 0.3 0.1 0.03 0.01 102
20
5 mA 10 mA 15 mA
-20
20 mA 25 mA
-40
0
2
4
6
8
10
SWITCHING TIME
0
IF =0 mA
300
103
3000
104
OUTPUT VOLTAGE
Vo (V)
LOAD CAPACITANCE
CL (pF)
Voc I F
14 13 12
Ta = 25 C
Isc I F
100
Ta = 25 C
Voc (V)
11 10 9 8 7 6 5 4 3 2 1 0 1 3 5 10 30
RSH = OPEN 2.2M 1M 510k
I s c (A) SHORT CURRENT
50 30
OPEN VOLTAGE
10 5 3
1
1
3
5
10
30
FORWARD CURRENT I F (mA)
FORWARD CURRENT I F (mA)
4
2007-10-01
TLP3904
Voc Ta
14 13
I F = 10 mA
Isc Ta
20 18
I F = 10 mA
Voc (V)
12 11 10 9 8 7 6 5 4 -20 0 20 40 60 80 100
SHORT CURRENT I s c (A)
16 14 12 10 8 6 4 2 0 -20 0 20 40 60 80 100
OPEN VOLTAGE
AMBIENT TEMPERATURE
Ta (C)
AMBIENT TEMPERATURE
Ta (C)
5
2007-10-01
TLP3904
OUTLINE DRAWING
4.2 1.4

3.65
1.9
0.2
3.8
0.2
1.27 2.04
(0.3)
: ANODE : CATHODE : DRAIN : DRAIN
1.8
(0.46)
0.15
6
2007-10-01
TLP3904
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
7
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X