Part Number Hot Search : 
3600B MAX9326 B75NF75L A844C W503GDT BC850 N2N5796U 2SB816
Product Description
Full Text Search
 

To Download TC7WP3125FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7WP3125FK/FC
TOSHIBA Digital Integrated Circuit Silicon Monolithic
TC7WP3125FK, TC7WP3125FC
Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
The TC7WP3125 is a dual supply, advanced high-speed CMOS 2-bit dual supply voltage interface bus buffer fabricated with silicon gate CMOS technology. It is also designed with over voltage tolerant inputs and outputs up to 3.6 V. Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V, or 2.5-V bus and a 1.8-V, 2.5-V or 3.6-V bus in mixed 1.2-V, 1.5-V, 1.8-V or 2.5-V/1.8-V, 2.5-V or 3.6-V supply systems. The A-input interfaces with the 1.2-V, 1.5-V, 1.8-V or 2.5-V bus, the B-output with the 1.8-V, 2.5-V, 3.3-V bus. The enable input (OE) can be used to disable the device so that the signal lines are effectively isolated. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
TC7WP3125FK
TC7WP3125FC
Weight: SSOP8-P-0.50A : 0.01 g (typ.) CSON8-P-0.4 : 0.002 g (typ.)
Features
* * Level converter for interfacing 1.2-V to 1.8-V, 1.2-V to 2.5-V, 1.2-V to 3.3-V, 1.5-V to 2.5-V, 1.5-V to 3.3-V, 1.8-V to 2.5-V, 1.8-V to 3.3-V or 2.5 V to 3.3-V system. High-speed operation : tpd = 6.8 ns (max) (VCCA = 2.5 0.2 V, VCCB = 3.3 0.3 V) tpd = 7.8 ns (max) (VCCA = 1.8 0.15 V, VCCB = 3.3 0.3 V) tpd = 8.6 ns (max) (VCCA = 1.5 0.1 V, VCCB = 3.3 0.3 V) tpd = 22 ns (max) (VCCA = 1.2 0.1 V, VCCB = 3.3 0.3 V) tpd = 9.5 ns (max) (VCCA = 1.8 0.15 V, VCCB = 2.5 0.2 V) tpd = 10.8 ns (max) (VCCA = 1.5 0.15 V, VCCB = 2.5 0.2 V) tpd = 23 ns (max) (VCCA = 1.2 0.15 V, VCCB = 2.5 0.2 V) tpd = 30 ns (max) (VCCA = 1.2 0.1 V, VCCB = 1.8 0.15 V) Output current : IOH/IOL = 12 mA (min) (VCC = 3.0 V) IOH/IOL = 9mA (min) (VCC = 2.3 V) IOH/IOL = 3 mA (min) (VCC = 1.65 V) Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Ultra-small package: CSON8(CST8), SSOP8(US8) Low current consumption : Using the new circuit significantly reduces current consumption when OE = "H". Suitable for battery-driven applications such as PDAs and cellular phones. 3.6-V tolerant function and power-down protection provided on all inputs and outputs.
*
* * * * *
Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
1
2007-10-19
TC7WP3125FK/FC
Pin Assignment (top view)
TC7WP3125FK
VCCB 8 B1 7 B2 6 OE 5
TC7WP3125FC
VCCB 8 B1 7 B2 6 OE 5 VCCB 8
Marking
B1 7 B2 6 OE 5
P001 P3 125
top view
1 2 VCCA A1
3 4 A2 GND
1
2
3 A2
4 GND
1
2
3 A2
4 GND
VCCA A1
VCCA A1
Truth Table
Inputs Output
IEC Logic Symbol
2OE 5 2 3 EN 7 6 B1 B2
OE L L H
A1, A2 L H X
B1, B2 L H Z A1 A2
X: Don't care Z: High impedance
Block Diagram
VCCA
VCCB
OE A1 A2
Logic level converter
B1 B2
2
2007-10-19
TC7WP3125FK/FC
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage (Bn) Input diode current Output diode current DC output current DC VCC/ground current per supply pin Power dissipation Storage temperature (An, OE ) (Note 2) Symbol VCCA VCCB VIN VOUTB IIK IOK IOUTB ICCA ICCB PD Tstg Rating
-0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 -50 50 25 25 50
Unit V V (Note 3) V mA (Note 5) mA mA mA mW
C
-0.5 to VCCB + 0.5 (Note 4)
180
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Don't supply a voltage to VCCB pin when VCCA is in the OFF state. Note 3: Output in OFF state Note 4: High or Low stats. IOUT absolute maximum rating must be observed. Note 5: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics Power supply voltage (Note 2) Input voltage Output voltage (Bn) Output current (Bn) Operating temperature Input rise and fall time (An, OE ) Symbol VCCA VCCB VIN VOUTB Rating 1.1 to 2.7 1.65 to 3.6 0 to 3.6 0 to 3.6
12
Unit V V (Note 3) (Note 5) (Note 6) (Note 7) C (Note 8) ns/V mA V
0 to VCCB (Note 4)
9 3 -40 to 85
IOUTB Topr dt/dv
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Don't use in VCCA > VCCB Note 3: Output in OFF state Note 4: High or low state Note 5: VCCB = 3.0 to 3.6 V Note 6: VCCB = 2.3 to 2.7 V Note 7: VCCB = 1.65 to 1.95 V Note 8: VIN = 0.8 to 2.0 V, VCCA = 2.5 V, VCCB = 3.0 V
3
2007-10-19
TC7WP3125FK/FC
Electrical Characteristics
< < < < DC Characteristics (1.1 V = VCCA = 2.7 V , 1.65 V = VCCB = 3.6 V)
Characteristics Symbol Test Condition VCCA (V) 1.1VCCA <1.4 1.4VCCA <1.65 1.65VCCA <2.3 2.3VCCA 2.7 1.1VCCA <1.4 1.4VCCA <1.65 1.65VCCA <2.3 2.3VCCA 2.7 IOHB = -100 A H-level output voltage VOHB An = VIH IOHB = - 3 mA IOHB = - 9 mA IOHB = -12 mA IOLB = 100 A L-level output voltage VOLB An = VIL IOLB = IOLB = 3 mA 9 mA 1.1 to 2.7 1.1 to 1.4 1.1 to 2.3 1.1 to 2.7 1.1 to 2.7 1.1 to 1.4 1.1 to 2.3 1.1 to 2.7 1.1 to 2.7 1.1~2.7 0 1.1 to 2.7 1.1 to 2.7 1.1 to 2.7 1.1 to 2.7 1.1 to 2.7 1.1 to 2.7 VCCB (V) 1.65 to 3.6 2.3 to 3.6 2.3 to 3.6 2.7 to 3.6 1.65 to 3.6 2.3 to 3.6 2.3 to 3.6 2.7 to 3.6 1.65 to 3.6 1.65 to 2.3 2.3 to 2.7 2.7 to 3.6 1.65 to 3.6 1.65 to 2.3 2.3 to 2.7 2.7 to 3.6 1.65 to 3.6 1.65 to 3.6 0 0 OPEN 1.65 to 3.6 1.65 to 3.6 1.65 to 3.6 1.65 to 3.6 Ta = -40~85C Min 0.65x VccA 0.65x VccA 0.65x VccA 1.6

Max

Unit V V V V V V V V
H-level input voltage
VIHA
VIN
0.30 x VCCA 0.30 x VCCA 0.35 x VCCA 0.7

L-level input voltage
VILA
VIN
VCCB - 0.2 1.25 1.7 2.2

V
0.2 0.3 0.6 0.55
2.0 1.0 A A
V
IOLB = 12 mA 3-state output OFF state current Input leakage current IOZB IIN IOFF1 Power-off leakage current IOFF2 IOFF3 ICCA ICCB Quiescent supply current ICCA ICCB An = VIHA or VILA Bn = 0 to 3.6 V VIN = 0 to 3.6 V VIN,Bn = 0 to 3.6 V OE = VCCA An, Bn = 0 to 3.6 V VIN = VCCA or GND VIN = VCCA or GND VCCA < VIN < 3.6 V = VIN=VCCA VCCB < Bn < 3.6 V = =
2.0 2.0 2.0 2.0 2.0
2.0 2.0 A A
4
2007-10-19
TC7WP3125FK/FC
AC Characteristics (Ta = -40 to 85C, Input: tr = tf = 2.0 ns) VCCA = 2.5 0.2 V, VCCB= 3.3 0.3 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 6.8 Unit
Figure 1, Figure 3
1.0
8.7
ns
Figure 1, Figure 3
1.0
3.9
(Note)
0.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.8 0.15 V, VCCB = 3.3 0.3 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 7.8 Unit
Figure 1, Figure 3
1.0
10.7
ns
Figure 1, Figure 3
1.0
5.2
(Note)
0.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.5 0.1 V, VCCB = 3.3 0.3 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 8.6 Unit
Figure 1, Figure 3
1.0
14.3
ns
Figure 1, Figure 3
1.0
6.6
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
5
2007-10-19
TC7WP3125FK/FC
VCCA = 1.2 0.1 V, VCCB = 3.3 0.3 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 22 Unit
Figure 1, Figure 3
1.0
52
ns
Figure 1, Figure 3
1.0
18
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.8 0.15 V, VCCB = 2.5 0.2 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 9.5 Unit
Figure 1, Figure 3
1.0
12.6
ns
Figure 1, Figure 3
1.0
5.1
(Note)
0.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.5 0.1 V, VCCB = 2.5 0.2 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 10.5 Unit
Figure 1, Figure 3
1.0
15.4
ns
Figure 1, Figure 3
1.0
6.4
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
6
2007-10-19
TC7WP3125FK/FC
VCCA = 1.2 0.1 V, VCCB = 2.5 0.2 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 23 Unit
Figure 1, Figure 3
1.0
54
ns
Figure 1, Figure 3
1.0
17
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCA = 1.2 0.1 V, VCCB = 1.8 0.15 V
Characteristics Propagation delay time (An Bn) 3-state output enable time ( OE Bn) 3-state output disable time ( OE Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Figure 1, Figure 2 Min 1.0 Max 30 Unit
Figure 1, Figure 3
1.0
55
ns
Figure 1, Figure 3
1.0
17
(Note)
1.5
ns
Note: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
7
2007-10-19
TC7WP3125FK/FC
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Symbol CIN COUT CPDA (Note) An, OE Bn /OE="L" /OE="H" /OE="L" /OE="H" Test Circuit VCCA (V) VCCB (V) 2.5 2.5 2.5 2.5 2.5 2.5 3.3 3.3 3.3 3.3 3.3 3.3 Typ. 7 8 3 0 13 0 pF Unit pF pF
Power dissipation capacitance
CPDB
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/2 (per bit)
AC Test Circuit
6.0 V or VCCB x 2 Open GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL 6.0 V tpLZ, tpZL VCCB x 2
Switch Open @ VCCB=3.30.3V @ VCCB=2.50.2V @ VCCB=1.80.15V
Output
tpHZ, tpZH
GND
Symbol
VCCB (output) 3.3 0.3 V 2.5 0.2 V 500 30 pF 1.8 0.15 V 1 k 30 pF
RL CL
Figure 1
8
2007-10-19
TC7WP3125FK/FC
AC Waveform
tr 2.0 ns Input (An) tf 2.0 ns 90% VIM 10% VIH GND VOH VOM tpLH tpHL VOL
Output (Bn)
Figure 2 tpLH, tpHL
tr 2.0 ns Output Enable Control ( OE ) tpLZ Output (Bn) Low to off to Low tpHZ tf 2.0 ns 90% VIM VIH 10% tpZL 3.0 V or VCCB VX VOM tpZH VOL VOH VOM GND Outputs enabled Outputs disabled Outputs enabled GND
Output (Bn) High to Off to High
VY
Figure 3 tpLZ, tpHZ, tpZL, tpZH
VCCA , VCCB Symbol 3.3 0.3 V VOH/2 VOL + 0.3 V VOH - 0.3 V 2.5 0.2 V 1.8 0.15 V VCCA VCCA/2 VOH/2 VOL + 0.15 V VOH - 0.15 V 1.5 0.1 V 1.2 0.1 V VCCA VCCA/2 -
Input
VIH VIM
Output
VOM VX VY
9
2007-10-19
TC7WP3125FK/FC
Package Dimensions
weight: 0.01 g (typ.)
10
2007-10-19
TC7WP3125FK/FC
Package Dimensions
CSON8-P-0.4
Weight: 0.002 g (typ.)
11
2007-10-19
TC7WP3125FK/FC
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
12
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC7WP3125FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X