Part Number Hot Search : 
MA80620H CS8240 SK350 MS3106 9899P 53210 BDW42 10C80
Product Description
Full Text Search
 

To Download TC7SGU04AFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC7SGU04AFS
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SGU04AFS
Inverter (Un-Buffer) Features
* * * * High-level output current: IOH/IOL = 8 mA (min) at VCC = 3 V
High-speed operation: tpd = 1.9 ns (typ.) at VCC = 3.3 V,15pF Operating voltage range: VCC = 0.9~3.6 V 3.6-V tolerant inputs
SON5-P-0.35
Weight: 0.001 g (typ.)
Marking
Product name
Pin Assignment (top view)
IN A 1 5 VCC
W
6
GND 2
NC
3
4 OUT Y
Absolute Maximum Ratings (Ta = 25C)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Value -0.5~4.6 -0.5~4.6 -0.5~ VCC + 0.5 -20 20 (Note 1) 25 50 50 -65~150 Unit V V V mA mA mA mA mW C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: VOUT < GND, VOUT > VCC
1
2007-11-01
TC7SGU04AFS
Truth Table
A L H Y H L IN A 1 OUT Y
IEC Logic Symbol
Operating Ranges
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Value 0.9~3.6 0~3.6 0~VCC 8.0 4.0 Output Current IOH/IOL 3.0 1.7 0.3 0.02 Operating temperature Topr -40~85 (Note 2) (Note 3) (Note 4) (Note 5) (Note 6) (Note 7) C mA Unit V V V
Note 2: VCC = 3.0~3.6 V Note 3: VCC = 2.3~2.7 V Note 4: VCC = 1.65~1.95 V Note 5: VCC = 1.4~1.6 V Note 6: VCC = 1.1~1.3 V Note 7: VCC = 0.9 V
2
2007-11-01
TC7SGU04AFS
DC Electrical Characteristics
Characteristics Symbol Test Condition Ta = 25C VCC (V) 0.9 1.1~1.3 1.4~1.6 VIH 1.65~ 1.95 2.3~2.7 3.0~3.6 0.9 1.1~1.3 1.4~1.6 Low-level input voltage VIL 1.65~ 1.95 2.3~2.7 3.0~3.6 VIN = VIL IOH =-0.02 mA IOH = -0.3 mA High-level output voltage IOH = -1.7 mA VIN=GND IOH = -3.0 mA IOH = -4.0 mA IOH = -8.0 mA VIN = VIH IOL = 0.02 mA IOL = 0.3 mA Low-level output voltage IOL = 1.7 mA VIN= VCC IOL = 3.0 mA IOL = 4.0 mA IOL = 8.0 mA Input leakage current Quiescent supply current IIN ICC VIN = 0~3.6V VIN = VCC or GND 0.9 1.1~1.3 1.4~1.6 1.65~ 1.95 2.3~2.7 3.0~3.6 0.9 1.1~1.3 1.4~1.6 1.65~ 1.95 2.3~2.7 3.0~3.6 0~3.6 3.6 Min VCC VCC x 0.8 VCC x 0.8 VCC x 0.8 VCC x 0.8 VCC x 0.8 0.75 VCC x 0.75 VCC x 0.75 VCC -0.45 2.0 2.48 Typ. Max GND VCC x 0.2 VCC x 0.2 VCC x 0.2 VCC x 0.2 VCC x 0.2 0.1 VCC x 0.25 VCC x 0.25 0.45 0.4 0.4 0.1 1.0 Ta = -40~85C Min VCC VCC x 0.8 VCC x 0.8 VCC x 0.8 VCC x 0.8 VCC x 0.8 0.75 VCC x 0.75 VCC x 0.75 VCC -0.45 2.0 2.48 Max GND VCC x 0.2 VCC x 0.2 VCC x 0.2 VCC x 0.2 VCC x 0.2 0.1 VCC x 0.25 VCC x 0.25 0.45 0.4 0.4 1.0 10.0 A A V V V Unit
High-level input voltage
VOH
V
VOL
3
2007-11-01
TC7SGU04AFS
AC Electrical Characteristics (input tr = tf = 3 ns)
Characteristics Symbol Test Condition Ta = 25C VCC (V) 0.9 1.1~1.3 CL = 10 pF, RL = 1 M 1.4~1.6 1.65~ 1.95 2.3~2.7 3.0~3.6 0.9 1.1~1.3 Propagation delay time tPLH tPHL CL = 15 pF, RL = 1 M 1.4~1.6 1.65~ 1.95 2.3~2.7 3.0~3.6 0.9 1.1~1.3 CL = 30 pF, RL = 1 M 1.4~1.6 1.65~ 1.95 2.3~2.7 3.0~3.6 Input capacitance Power dissipation capacitance CIN CPD (Note8) 3.6 0.9~3.6 Min Typ. 15.0 6.0 3.2 2.6 2.0 1.7 18.8 7.0 3.5 3.0 2.3 1.9 33.0 12.0 6.0 4.5 3.2 2.5 3 8 Max 18.4 8.5 6.2 3.9 3.1 21.5 9.3 6.9 4.4 3.4 29.6 13.1 9.2 5.7 4.4 Ta = -40~85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max 34.2 10.0 6.7 4.4 3.7 37.2 11.2 7.1 5.0 3.9 56.0 15.9 9.6 6.1 4.8 pF pF ns Unit
Note 8:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr.) = CPDVCCfIN + ICC
4
2007-11-01
TC7SGU04AFS
Package Dimensions
SON5-P-0.35 Unit:mm
Weight: 0.001 g (typ.)
5
2007-11-01
TC7SGU04AFS
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2007-11-01


▲Up To Search▲   

 
Price & Availability of TC7SGU04AFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X