Part Number Hot Search : 
TDA8137 EM6K1T2R NTE8149 EM91810B AN4140 BYV29 HT68F SBL3045C
Product Description
Full Text Search
 

To Download TC74HC4066AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC4066AP/AF/AFN/AFT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4066AP,TC74HC4066AF,TC74HC4066AFN,TC74HC4066AFT
Quad Bilateral Switch
The TC74HC4066A is a high speed CMOS QUAD BILATERAL SWITCH fabricated with silicon gate C2MOS technology. It consists of four independent high speed switches capable of controlling either digital or analog signals while maintaining the CMOS low power dissipation. Control input (C) is provided to control the switch. The switch turns ON while the C input is high, and the switch turns OFF while low. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74HC4066AP
Features
* * * * * * High speed: tpd = 7 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 1 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Low on resistance: RON = 50 (typ.) at VCC = 9 V High degree of linearity: THD = 0.05% (typ.) at VCC = 5 V Pin and function compatible with 4066B
TC74HC4066AF
TC74HC4066AFN
TC74HC4066AFT
Weight DIP14-P-300-2.54 SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A
: 0.96 g (typ.) : 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.)
1
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Pin Assignment IEC Logic Symbol
(13) (1) (5) (4) (6) (8) (12) (11) (10) 4O/I (9) 3O/I (3) 2O/I
1I/O 1O/I 2O/I 2I/O 2C 3C GND (VSS)
1 2 3 4 5 6 7 (top view)
14 13 12 11 10 9 8
VCC 1C 4C 4I/O
1C 1I/O 2C 2I/O 3C
x1 1 1
(2)
1O/I
4O/I 3O/I 3I/O
3I/O 4C 4I/O
Truth Table
Control H L Switch Function On Off
2
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range Control input voltage Switch I/O voltage Control input diode current I/O diode current Switch through Current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VI/O IIK IOK IOUT ICC PD Tstg Rating -0.5 to 13 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (DIP) (Note 2)/180 (SOP/TSSOP) -65 to 150 Unit V V V mA mA mA mA mW C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C should be applied up to 300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Control input voltage Switch I/O voltage Operating temperature Symbol VCC VIN VI/O Topr Rating 2 to 12 0 to VCC 0 to VCC -40 to 85 0 to 1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0 to 500 (VCC = 4.5 V) 0 to 400 (VCC = 6.0 V) 0 to 250 (VCC = 10.0 V) ns Unit V V V C
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused control inputs must be tied to either VCC or GND.
3
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Electrical Characteristics
DC Characteristics
Ta = 25C Characteristics Symbol Test Condition VCC (V) 2.0 High-level control input voltage VIHC 4.5 9.0 12.0 2.0 Low-level control input voltage VILC 4.5 9.0 12.0 VIN = VIHC VI/O = VCC to GND II/O 1 mA On resistance RON VIN = VIHC VI/O = VCC or GND II/O 1 mA Difference of on resistance between switches Input/output leakage current (switch off) Switch input leakage current (switch on, output open) Control input current Quiescent supply current VIN = VIHC RON VI/O = VCC to GND II/O 1 mA VOS = VCC or GND IOFF VIS = GND or VCC VIN = VILC VOS=VCC or GND VIN = VIHC VIN = VCC or GND 12.0 100 1000 nA 4.5 9.0 12.0 2.0 4.5 9.0 12.0 4.5 9.0 12.0 Min 1.50 3.15 6.30 8.40 Typ. 96 55 45 160 70 50 45 10 5 5 Max 0.50 1.35 2.70 3.60 170 85 80 100 75 70 Ta = -40 to 85C Min 1.50 3.15 6.30 8.40 Max 0.50 1.35 2.70 3.60 200 100 90 130 95 90 V V Unit
IIZ
12.0
100
1000
nA
IIN
12.0 6.0


100 1.0 4.0 8.0

1000 10.0 40.0 80.0
nA
ICC
VIN = VCC or GND
9.0 12.0
A
4
2007-10-01
TC74HC4066AP/AF/AFN/AFT
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Characteristics Symbol Test Condition VCC (V) 2.0 Phase difference between input and output I-O 4.5 9.0 12.0 2.0 Output enable time tpZL tpZH RL = 1 k 4.5 9.0 12.0 2.0 Output disable time tpLZ tpHZ RL = 1 k 4.5 9.0 12.0 RL = 1 k Maximum control input frequency CL = 15 pF VOUT = 1/2 VCC Control input capacitance Switch terminal capacitance Feed through capacitance Power dissipation capacitance CIN CI/O CIOS CPD (Note) 2.0 4.5 9.0 12.0 Min Ta = 25C Typ. 10 4 3 3 18 8 6 6 20 10 8 8 30 30 30 30 5 6 0.5 15 Max 50 10 8 7 100 20 12 12 115 23 20 18 10 Ta = -40 to 85C Min Max 65 13 10 9 125 25 22 18 145 29 25 22 10 pF pF pF pF MHz pF pF pF Unit
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/4 (per channel)
5
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Analog Switch Characteristics (GND = 0 V, Ta = 25C) (Note)
Characteristics Symbol Test Condition fIN = 1 kHz, VIN = 4 Vp-p, @VCC = 4.5 V RL = 10 k, VIN = 8 Vp-p, @VCC = 9.0 V CL = 50 pF Adjust fIN voltage to obtain 0dBm at VOS Frequency response (switch on) fmax Increase fIN frequency until dB meter reads -3dB RL = 50 , CL = 10 pF fIN = 1 MHz, sine wave Vin is centered at VCC/2 Feedthrough attenuation (switch off) Adjust input for 0dBm RL = 600 , CL = 50 pF fIN = 1 MHz, sine wave Crosstalk (control input to signal output) Crosstalk (between any switches) RL = 600 , CL = 50 pF fIN = 1 MHz, square wave (tr = tf = 6 ns) Adjust VIN to obtain 0dBm at input RL = 600 , CL = 50 pF fIN = 1 MHz, sine wave 4.5 9.0 4.5 9.0 60 100 -60 -60 mV 4.5 9.0 -60 -60 dB 4.5 9.0 200 200 MHz VCC (V) 4.5 9.0 Typ. Unit
Sine wave distortion (T.H.D)
0.05 0.04
%
dB
Note:
These characteristics are determined by design of devices.
6
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Switching Characteristics Test Circuits
1. tpLZ, tpHZ, tpZL, tpZH
VCC VC from P.G S1 C I/O VCC O/I GND 1 k 50 pF S2 VO/I (S1 = VCC, S2 = GND) tpZH VO/I (S1 = GND, S2 = VCC) tpZL 50% 50% 90% tpHZ 6 ns 6 ns VCC 10% 50% GND VOH VOL VOH
10% VOL tpLZ
2. Cross Talk (control input-switch output) fIN = 1 MHz duty = 50% tr = tf = 6 ns
VCC VCC GND from P.G VCC/2 600 GND C I/O 600 VCC O/I VCC/2
3. Feedthrough Attenuation
VCC
C 0.1 F 600 I/O
VCC O/I 600 GND 50 pF
50 pF
7
2007-10-01
TC74HC4066AP/AF/AFN/AFT
4. CIOS, CI/O
CIOS VCC
C I/O CI/O
VCC O/I GND
5. Crosstalk (between any two switches)
VIN VCC
C I/O 0.1 F 600 C 600 I/O
VCC O/I 600 50 pF 10 pF 50 pF
O/I GND 600 50
6. Frequency Response (switch on)
C 0.1 F I/O
VCC O/I GND
CI/O
8
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Package Dimensions
Weight: 0.96 g (typ.)
9
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Package Dimensions
Weight: 0.18 g (typ.)
10
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
11
2007-10-01
TC74HC4066AP/AF/AFN/AFT
Package Dimensions
Weight: 0.06 g (typ.)
12
2007-10-01
TC74HC4066AP/AF/AFN/AFT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
13
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC4066AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X