Part Number Hot Search : 
600BW 0CTQ1 3386C JANTX2N MBRM10L CAT25 337M0 VAD7R5
Product Description
Full Text Search
 

To Download TC74HC4050AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC4049,4050AP/AF/AFN/AFT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4049AP,TC74HC4049AF,TC74HC4049AFN,TC74HC4049AFT TC74HC4050AP,TC74HC4050AF,TC74HC4050AFN,TC74HC4050AFT
TC74HC4049AP/AF/AFN/AFT TC74HC4050AP/AF/AFN/AFT Hex Buffer/Converter (inverting) Hex Note: xxxFN (JEDEC SOP) is not available in Buffer/Converter Japan.
TC74HC4049AP, TC74HC4050AP
The TC74HC4049A and TC74HC4050A are high speed CMOS HEX BUFFERs fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. The TC74HC4049A is an inverting buffer, while the TC74HC4050A is a non-inverting buffer. The internal circuits are composed of 3-stages (HC4049A) or 2-stages (HC4050A) of invertaers, which provided high noise immunity and stable output. Input protection circuits are different from those of other high speed CMOS IC's. They eliminate the diodes on the VCC side thus providing of logic-level conversion from high-level volages up to 15 V to low-level voltages. They are useful for battery back up circuits, because input voltage can be applied on IC's which are not biased by VCC.
TC74HC4049AF, TC74HC4050AF
Features
* * * * * * * * High speed: tpd = 9 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 1 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Output Drive Capability: 15 LSTTL loads Symmetrical output impedance: |IOH| = IOL = 6 mA (min) Balanced propagation delays: tpLH tpHL - Wide operating voltage range: VCC (opr) = 2 V to 6 V Pin and function compatible with 4049B/4050B
TC74HC4049AFT, TC74HC4050AFT TC74HC4049AFN, TC74HC4050AFN
Weight DIP16-P-300-2.54A SOP16-P-300-1.27A SOL16-P-150-1.27 TSSOP16-P-0044-0.65A
: 1.00 g (typ.) : 0.18 g (typ.) : 0.13 g (typ.) : 0.06 g (typ.)
1
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Pin Assignment
TC74HC4049A VCC 1Y 1A 2Y 2A 1 2 3 4 5 6 7 8 (top view) 16 15 14 13 12 11 10 9 NC VCC 1Y 1A 2Y 2A 3Y 3A GND 1 2 3 4 5 6 7 8 (top view) TC74HC4050A 16 15 14 13 12 11 10 9 NC 6Y 6A NC 5Y 5A 4Y 4A
6Y 6A NC 5Y 5A 4Y 4A
3Y
3A GND
NC: No connection
IEC Logic Symbol
TC74HC4049A 1 TC74HC4050A 1
1A 2A 3A 4A 5A 6A
(3) (5) (7) (9) (11) (14)
(2) (4) (6) (10) (12) (15)
1Y 2Y 3Y 4Y 5Y 6Y
1A 2A 3A 4A 5A 6A
(3) (5) (7) (9) (11) (14)
(2) (4) (6) (10) (12) (15)
1Y 2Y 3Y 4Y 5Y 6Y
Truth Table
A
Y (4049A) H L
Y (4050A) L H
L H
Input and Output Equivalent Circuit
TC74HC4049A
VCC
TC74HC4050A
VCC
A
Y
A
Y
GND
GND
2
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7 -0.5 to 18 -0.5 to VCC + 0.5 -20 20 35 75
Unit V (Note 2) V V mA mA mA mA mW C
500 (DIP) (Note 3)/180 (SOP/TSSOP)
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: DC input voltage (VIN) specified is measured to GND and is not related to VCC. Recommended operating range is 0 V to 15 V and it is possible to convert logic-levels from 15 V to 5 V or 5 V to 2 V. Note 3: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C shall be applied until 300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2 to 6 0 to 15 0 to VCC
-40 to 85
Unit V V V C
0 to 1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0 to 500 (VCC = 4.5 V) 0 to 400 (VCC = 6.0 V) ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
3
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Electrical Characteristics
DC Characteristics
Characteristics Symbol Test Condition VCC (V) 2.0 High-level input voltage VIH
Ta = 25C Min 1.50 3.15 4.20

Ta = -40 to 85C Max

Unit
Typ.

Min 1.50 3.15 4.20

Max

4.5 6.0 2.0
V
0.50 1.35 1.80

0.50 1.35 1.80

Low-level input voltage
VIL
4.5 6.0 2.0
V
1.9 4.4 5.9 4.18 5.68

2.0 4.5 6.0 4.31 5.80 0.0 0.0 0.0 0.17 0.18

1.9 4.4 5.9 4.13 5.63

IOH = -20 A High-level output voltage VOH VIN = VIH or VIL IOH = -6 mA IOH = -7.8 mA IOL = 20 A Low-level output voltage VOL VIN = VIH or VIL IOL = 6 mA IOL = 7.8 mA Input leakage current Quiescent supply current IIN ICC VIN = VCC or GND VIN = 15 V VIN = VCC or GND
4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 6.0
V
0.1 0.1 0.1 0.26 0.26
0.1 0.5
0.1 0.1 0.1 0.33 0.33
1.0 5.0 A A
V
1.0
10.0
AC Characteristics (input: tr = tf = 6 ns)
Characteristics Symbol Test Condition CL (pF) tTLH tTHL
Ta = 25C VCC (V) 2.0 Min

Ta = -40 to 85C Max 60 12 10 75 15 13 100 20 17 10
Unit
Typ. 25 6 5 30 9 8 45 14 12 5 26
Min

Max 75 15 13 95 19 16 145 29 25 10
Output transition time
50
4.5 6.0 2.0
ns
50 Propagation delay time tpLH tpHL
4.5 6.0 2.0
ns
150
4.5 6.0
Input capacitance Power dissipation capacitance
CIN CPD
pF pF
(Note)
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/6 (per gate)
4
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Package Dimensions
Weight: 1.00 g (typ.)
5
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Package Dimensions
Weight: 0.18 g (typ.)
6
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.13 g (typ.)
7
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
Package Dimensions
Weight: 0.06 g (typ.)
8
2007-10-01
TC74HC4049,4050AP/AF/AFN/AFT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC4050AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X