Part Number Hot Search : 
C2654 MBTA56 CA239E ISL6843 BPC350 2SC5514 25100 NTE1417
Product Description
Full Text Search
 

To Download TC74HC4017AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC4017AP/AF
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4017AP,TC74HC4017AF
Decade Counter/Divider
The TC74HC4017A is a high speed CMOS DECADE JOHNSON COUNTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaing the CMOS low power dissipation. It contains 5-stage divided-by-10 Johnson counter with 10 decoded output (Q0-Q9) and carry-out bit. This counter is advanced on the positive edge of clock signal when clock enable signal ( CE ) input is held low, or it is advanced on the negative edge of the CE when CK input is held high, and selected one of ten outputs goes high. Holding high the CLR input, this counter is cleared to its zero state without regard to the other input conditions. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
TC74HC4017AP
TC74HC4017AF
Features
* * * * * * * * High speed: fmax = 87 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Outputs drive capability: 10 LSTTL loads Symmetrical output impedance: |IOH| = IOL = 4 mA (min) Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2~6 V Pin and function compatible with 4017B Weight DlP16-P-300-2.54A SOP16-P-300-1.27A : 1.00 g (typ.) : 0.18 g (typ.)
Pin Assignment
1
2007-10-01
TC74HC4017AP/AF
IEC Logic symbol
Truth Table
Inputs CK
CE X X H L L
CLR H L L L L L L
Decode Output (H) Q0 Qn Qn Qn + 1 Qn Qn Qn + 1
X L X
H H
X: Don't care Carry out "H"......Q0~Q4 = "H" "L" ......Q5~Q9 = "H"
System Diagram
2
2007-10-01
TC74HC4017AP/AF
Timing Chart
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5~7 -0.5~VCC + 0.5 -0.5~VCC + 0.5 20 20 25 50
Unit V V V mA mA mA mA mW C
500 (DIP) (Note 2)/180 (SOP)
-65150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C shall be applied until 300 mW.
3
2007-10-01
TC74HC4017AP/AF
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2~6 0~VCC 0~VCC
-40~85
Unit V V V C
0~1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0~500 (VCC = 4.5 V) 0~400 (VCC = 6.0 V) ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) 2.0 High-level input voltage VIH
Ta = 25C Min 1.50 3.15 4.20

Ta = -40~85C Max

Typ.

Min 1.50 3.15 4.20

Max

Unit
4.5 6.0 2.0
V
0.50 1.35 1.80

0.50 1.35 1.80

Low-level input voltage
VIL
4.5 6.0 2.0
V
1.9 4.4 5.9 4.18 5.68

2.0 4.5 6.0 4.31 5.80 0.0 0.0 0.0 0.17 0.18

1.9 4.4 5.9 4.13 5.63

High-level output voltage
VOH
VIN = VIH or VIL
IOH = -20 A IOH = -4 mA IOH = -5.2 mA IOL = 20 A IOL = 4 mA IOL = 5.2 mA
4.5 6.0 4.5 6.0 2.0
V
0.1 0.1 0.1 0.26 0.26
0.1
0.1 0.1 0.1 0.33 0.33
1.0 A A
Low-level output voltage
VOL
VIN = VIH or VIL
4.5 6.0 4.5 6.0 6.0 6.0
V
Input leakage current Quiescent supply current
IIN ICC
VIN = VCC or GND VIN = VCC or GND
4.0
40.0
4
2007-10-01
TC74HC4017AP/AF
Timing Requirements (input: tr = tf = 6 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) tW (L) tW (H) 2.0
Ta = 25C Typ.

Ta = -40 ~85C Limit 95 19 16 95 19 16 60 12 11 95 19 16 60 12 11 4 20 25
Unit
Limit 75 15 13 75 15 13 50 10 9 75 15 13 50 10 9 5 25 29
4.5 6.0 2.0
ns
Minimum pulse width (CLR)
tW (H)
4.5 6.0 2.0
ns
Minimum set-up time
ts
4.5 6.0 2.0
ns
Minimum hold time
th
4.5 6.0
ns
Minimum removal time (CLR)
2.0 trem
4.5 6.0 2.0
ns
Clock frequency
f
4.5 6.0
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25C, input: tr = tf = 6 ns)
Characteristics Output transition time Propagation delay time (CK, CE -Q, CARRY) Propagation delay time (CLR-Q, CARRY) Maximum clock frequency Symbol tTLH tTHL tpLH tpHL tpLH tpHL fmax Test Condition
Min
Typ. 6
Max 12
Unit ns
21
34
ns

19 87
30
ns MHz
29
5
2007-10-01
TC74HC4017AP/AF
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition Characteristics Symbol VCC (V) 2.0
Ta = 25C Min

Ta = -40~85C Max 75 15 13 195 39 33 175 35 30

Typ. 30 8 7 85 25 20 75 22 18 18 68 90 5 38
Min

Max 95 19 16 440 88 75 375 75 64

Unit
Output transition time
tTLH tTHL tpLH tpHL tpLH tpHL
4.5 6.0 2.0
ns
Propagation delay time (CK, CE -Q, CARRY) Propagation delay time (CLR-Q, CARRY)
4.5 6.0 2.0
ns
4.5 6.0 2.0
ns
5 25 29

4 20 24

Maximum clock frequency Input capacitance Power dissipation capacitance
fmax
4.5 6.0
MHz
CIN CPD (Note)

10
10
pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC
6
2007-10-01
TC74HC4017AP/AF
Package Dimensions
Weight: 1.00 g (typ.)
7
2007-10-01
TC74HC4017AP/AF
Package Dimensions
Weight: 0.18 g (typ.)
8
2007-10-01
TC74HC4017AP/AF
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC4017AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X