Part Number Hot Search : 
74F283SC H7611 HT7627 SDHD7 LBS16503 2SD1092 AM29DL32 NF25T
Product Description
Full Text Search
 

To Download TC74ACT161P07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74ACT161,163P/F/FN
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT161P,TC74ACT161F,TC74ACT161FN TC74ACT163P,TC74ACT163F,TC74ACT163FN
Synchronous Presettable 4-Bit Binary Counter TC74ACT161P/F/FN Asynchronous Clear TC74ACT163P/F/FN Synchronous Clear
The TC74ACT161 and T163 are advanced high speed CMOS SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTERs fabricated with silicon gate and double-layer metal wiring C2MOS technology. They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. These devices may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels. The CK input is active on the rising edge. Both LOAD and CLR inputs are active on low logic level. Presetting of these IC's is synchronous to the rising edge of CK. The clear function of the TC74ACT163 is synchronous to CK, while the TC74ACT161 are cleared asynchronously. Two enable inputs (ENP and ENT) and CARRY OUTPUT are provided to enable easy cascading of counters, which facilitates easy implementation of n-bit counters without using external gates. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Note:
xxxFN (JEDEC SOP) is not available in Japan.
TC74ACT161P, TC74ACT163P
TC74ACT161F, TC74ACT163F
TC74ACT161FN, TC74ACT163FN
Features
* * * * High speed: fmax = 110 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 8 A (max) at Ta = 25C Compatible with TTL outputs: VIL = 0.8 V (max) VIH = 2.0 V (min) Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 * * transmission lines. Balanced propagation delays: tpLH - tpHL Pin and function compatible with 74F161/163 Weight DIP16-P-300-2.54A SOP16-P-300-1.27A SOL16-P-150-1.27 : 1.00 g (typ.) : 0.18 g (typ.) : 0.13 g (typ.)
1
2007-10-01
TC74ACT161,163P/F/FN
Pin Assignment
IEC Logic Symbol
TC74ACT161 TC74ACT163
Truth Table
Inputs
CLR (161) CLR (163)
LOAD
Outputs ENT X X L X H X CK (161) X CK (163) QA L A QB L B QC L C QD L D Function Reset to "0" Preset Data No Count No Count Count No Count
ENP X X X L H X
L H H H H H
L H H H H X
X L H H H X
No Change No Change Count Up No Change
X: Don't care A, B, C, D: Logic level of data inputs Carry: Carry = ENTQAQBQCQD
2
2007-10-01
TC74ACT161,163P/F/FN
Timing Chart
3
2007-10-01
TC74ACT161,163P/F/FN
System Diagram (Note)
(Note)
(Note)
(Note)
(Note)
Note:
Truth table of internal F/F
TC74ACT161 D X L H X CK X R H L L L Q L L H
Q
TC74ACT163 D X L X X CK R H L L L Q L L H
Q
H H L
H H L
No Change
No Change
X: Don't care
4
2007-10-01
TC74ACT161,163P/F/FN
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 50 50 125 500 (DIP) (Note 2)/180 (SOP) -65 to 150 Unit V V V mA mA mA mA mW C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C should be applied up to300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dV Rating 4.5 to 5.5 0 to VCC 0 to VCC -40 to 85 0 to 10 Unit V V V C ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
5
2007-10-01
TC74ACT161,163P/F/FN
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) IOH = -50 A VIN = VIH or IOH = -24 mA VIL IOH = -75 mA VIN = VIH or IOL = 24 mA VIL IOL = 75 mA VIN = VCC or GND VIN = VCC or GND Per input: VIN = 3.4 V Other input: VCC or GND IOL = 50 A 4.5 to 5.5 4.5 to 5.5 4.5 4.5 (Note) 5.5 4.5 4.5 (Note) 5.5 5.5 5.5 5.5 Min 2.0 4.4 3.94 Ta = 25C Typ. 4.5 0.0 Max 0.8 0.1 0.36 0.1 8.0 1.35 Ta = -40 to 85C Min 2.0 4.4 3.80 3.85 Max 0.8 0.1 0.44 1.65 1.0 80.0 1.5 A A mA V V V V Unit
High-level input voltage Low-level input voltage High-level output voltage
VIH VIL
VOH
Low-level output voltage Input leakage current Quiescent supply current
VOL
IIN ICC IC
Note:
This spec indicates the capability of driving 50 transmission lines. One output should be tested at a time for a 10 ms maximum duration.
Timing Requirements (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) Minimum pulse width ( CLR ) tW (L) tW (H) Figure 1 5.0 0.5 Ta = 25C Limit 5.0 Ta = -40 to 85C Limit 5.0 ns Unit
(Note1)
tW (L)
Figure 4
5.0 0.5
5.0
5.0
ns
Minimum pulse width ( LOAD , ENP, ENT) Minimum set-up time (A, B, C, D) Minimum set-up time ( CLR ) Minimum hold time ( LOAD , ENP, ENT) Minimum hold time (A, B, C, D) Minimum hold time ( CLR ) Minimum removal time ( CLR ) (Note 1) (Note 2) (Note 2)
ts
Figure 2, Figure 3
5.0 0.5
6.0
6.0
ns
ts
Figure 2
5.0 0.5
4.0
4.0
ns
ts
Figure 5
5.0 0.5
3.0
3.0
ns
th
Figure 2, Figure 3
5.0 0.5
1.0
1.0
ns
th
Figure 2
5.0 0.5
2.0
2.0
ns
th
Figure 5
5.0 0.5
2.0
2.0
ns
trem
Figure 4
5.0 0.5
1.0
1.0
ns
Note 1: For TC74ACT161 only Note 2: For TC74ACT163 only
6
2007-10-01
TC74ACT161,163P/F/FN
AC Characteristics (CL = 50 pF, RL = 500 , input: tr = tf = 3 ns)
Characteristics Propagation delay time (CK-Q) Propagation delay time (CK-CARRY, count mode) Propagation delay time (CK-CARRY, preset mode) Propagation delay time (ENT-CARRY) Propagation delay time (Note 2) ( CLR -Q) Propagation delay time (Note 2) ( CLR -CARRY) Maximum clock frequency Input capacitance Power dissipation capacitance fmax CIN CPD (Note 1)

Symbol
Test Condition VCC (V) Min
Ta = 25C Typ. 7.2 Max 10.5
Ta = -40 to 85C Min 1.0 Max 12.0
Unit
tpLH tpHL tpLH tpHL
Figure 1
5.0 0.5
ns
Figure 1
5.0 0.5
8.5
13.0
1.0
15.0
ns
tpLH tpHL tpLH tpHL
Figure 2
5.0 0.5
9.7
15.0
1.0
17.0
ns
Figure 6
5.0 0.5
6.6
10.0
1.0
11.5
ns
tpHL
Figure 4
5.0 0.5
6.3
10.0
1.0
11.5
ns
tpHL
Figure 4
5.0 0.5
7.7
12.3
1.0
14.0
ns
5.0 0.5
70

100 5 32
60

MHz pF pF
10
10
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC When the outputs drive a capacitive load, total current consumption is the sum of CPD, and ICC which is obtained from the following formula:
C C C C C ICC = fCK VCC ( QA + QB + QC + QD + CO ) 2 4 8 16 16
CQA~CQD and CCO are the capacitances at QA~QD and CARRY OUT, respectively. fCK is the input frequency of the CK. Note 2: for TC74ACT161 only
7
2007-10-01
TC74ACT161,163P/F/FN
Switching Characteristics Test Waveform
Count Mode Clear Mode (TC74ACT161)
Figure 1
Figure 4
Preset Mode
Clear Mode (TC74ACT163)
Figure 2
Figure 5
Count Enable Mode
Cascade Mode (fix maximum count)
Figure 3
Figure 6
8
2007-10-01
TC74ACT161,163P/F/FN
Typical Application
Parallel Carry N-Bit Counter
9
2007-10-01
TC74ACT161,163P/F/FN
Package Dimensions
Weight: 1.00 g (typ.)
10
2007-10-01
TC74ACT161,163P/F/FN
Package Dimensions
Weight: 0.18 g (typ.)
11
2007-10-01
TC74ACT161,163P/F/FN
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.13 g (typ.)
12
2007-10-01
TC74ACT161,163P/F/FN
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
13
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74ACT161P07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X