Part Number Hot Search : 
30BR100 3B125 82562EZ MYB32TA 15KP130 AC162 NCV4276 30NC6
Product Description
Full Text Search
 

To Download TC74AC86F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74AC86P/F/FN/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC86P,TC74AC86F,TC74AC86FN,TC74AC86FT
Quad Exclusive OR Gate
The TC74AC86 is an advanced high speed CMOS QUAD EXCLUSIVE OR GATE fabricated with silicon gate and double-layer metal wiring C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The internal circuit is includes on output buffer, which provide high noise immunity and stable output. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74AC86P
Features
* * * * High speed: tpd = 4.4 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 transmission lines. Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2 to 5.5 V Pin and function compatible with 74F86
TC74AC86F
* * *
TC74AC86FN
TC74AC86FT
Weight DIP14-P-300-2.54 SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A
: 0.96 g (typ.) : 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.)
1
2007-10-01
TC74AC86P/F/FN/FT
Pin Assignment IEC Logic Symbol
1A 1B 2A 2B 3A 3B 4A 4B (1) (2) (4) (5) (9) (10) (12) (13) =1 (3) (6) (8) (11)
1A 1B 1Y 2A 2B 2Y GND
1 2 3 4 5 6 7 (top view)
14 13 12 11 10 9 8
VCC 4B 4A 4Y 3B 3A 3Y
1Y 2Y 3Y 4Y
Truth Table
A L L H H B L H L H Y L H H L
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 50 50 100 500 (DIP) (Note 2)/180 (SOP/TSSOP) -65 to 150 Unit V V V mA mA mA mA mW C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C should be applied up to 300 mW.
2
2007-10-01
TC74AC86P/F/FN/FT
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dV Rating 2.0 to 5.5 0 to VCC 0 to VCC -40 to 85 0 to 100 (VCC = 3.3 0.3 V) 0 to 20 (VCC = 5 0.5 V) Unit V V V C ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Ta = 25C Characteristics Symbol Test Condition VCC (V) 2.0 High-level input voltage VIH 3.0 5.5 2.0 Low-level input voltage VIL 3.0 5.5 2.0 IOH = -50 A High-level output voltage VOH VIN = VIH or IOH = -4 mA VIL IOH = -24 mA IOH = -75 mA (Note) 3.0 4.5 3.0 4.5 5.5 2.0 IOL = 50 A Low-level output voltage VOL VIN = VIH or IOL = 12 mA VIL IOL = 24 mA IOL = 75 mA Input leakage current Quiescent supply current IIN ICC VIN = VCC or GND VIN = VCC or GND (Note) 3.0 4.5 3.0 4.5 5.5 5.5 5.5 Min 1.50 2.10 3.85 1.9 2.9 4.4 2.58 3.94 Typ. 2.0 3.0 4.5 0.0 0.0 0.0 Max 0.50 0.90 1.65 0.1 0.1 0.1 0.36 0.36 0.1 4.0 Ta = -40 to 85C Min 1.50 2.10 3.85 1.9 2.9 4.4 2.48 3.80 3.85 Max 0.50 0.90 1.65 0.1 0.1 0.1 0.44 0.44 1.65 1.0 40.0 A A V V V V Unit
Note:
This spec indicates the capability of driving 50 transmission lines. One output should be tested at a time for a 10 ms maximum duration.
3
2007-10-01
TC74AC86P/F/FN/FT
AC Characteristics (CL = 50 pF, RL = 500 , input: tr = tf = 3 ns)
Characteristics Symbol tpLH tpHL CIN CPD Test Condition VCC (V) Propagation delay time Input capacitance Power dissipation capacitance (Note) 3.3 0.3 5.0 0.5 Min Ta = 25C Typ. 7.6 5.6 5 56 Max 12.3 8.3 10 Ta = -40 to 85C Min 1.0 1.0 Max 14.0 9.5 10 ns pF pF Unit
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD*VCC*fIN + ICC/4 (per gate)
4
2007-10-01
TC74AC86P/F/FN/FT
Package Dimensions
Weight: 0.96 g (typ.)
5
2007-10-01
TC74AC86P/F/FN/FT
Package Dimensions
Weight: 0.18 g (typ.)
6
2007-10-01
TC74AC86P/F/FN/FT
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
7
2007-10-01
TC74AC86P/F/FN/FT
Package Dimensions
Weight: 0.06 g (typ.)
8
2007-10-01
TC74AC86P/F/FN/FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74AC86F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X