Part Number Hot Search : 
EL2142CN S7241 88523 AON6546 SR5421 1451C OPE5T87 74LCX16
Product Description
Full Text Search
 

To Download SSM3J305T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3J305T
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J305T
High-Speed Switching Applications
* * 4 V drive Low ON-resistance: Ron = 477 m (max) (@VGS = -4 V) Ron = 237 m (max) (@VGS = -10 V) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Gate-source voltage Drain current Drain power dissipation Channel temperature Storage temperature range DC Pulse Symbol VDS VGSS ID IDP PD (Note 1) Tch Tstg Rating -30 20 -1.7 -3.4 700 150 -55 to 150 Unit V V A mW C C
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Mounted on an FR4 board. 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 645 mm )
Note:
JEDEC JEITA TOSHIBA
2-3S1A
Weight: 10 mg (typ.)
Electrical Characteristics (Ta = 25C)
Characteristic Drain-source breakdown voltage Drain cutoff current Gate leakage current Gate threshold voltage Forward transfer admittance Drain-source ON-resistance Input capacitance Output capacitance Reverse transfer capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Switching time Turn-on time Turn-off time Symbol V (BR) DSS V (BR) DSX IDSS IGSS Vth Yfs RDS (ON) Ciss Coss Crss Qg Qgs Qgd ton toff VDSF VDS = -15 V, IDS= -1.7 A VGS = -4 V VDD = -15 V, ID = -0.65 A, VGS = 0 to -4 V, RG = 10 ID = 1.7 A, VGS = 0 V (Note 3) VDS = -15 V, VGS = 0, f = 1 MHz Test Condition ID = -1 mA, VGS = 0 ID = -1 mA, VGS = + 20 V VDS = -30 V, VGS = 0 VGS = 16 V, VDS = 0 VDS = -5 V, ID = -1 mA VDS = -5 V, ID =- 0.65 A ID = -0.65 A, VGS = -10 V ID = -0.4 A, VGS = -4 V (Note 2) (Note 2) (Note 2) Min -30 -15 -1.2 0.8 Typ. 1.5 177 357 137 39 20 1.3 0.7 0.6 15 14 0.85 Max -1 1 -2.6 237 477 1.2 ns V nC pF Unit V A A V S m
Drain-source forward voltage
Note 2: Pulse test
1
2007-11-01
SSM3J305T
Switching Time Test Circuit
(a) Test circuit
0 IN RG RL VDD -4 V 90% OUT
(b) VIN
0V
10%
-4 V
10 s
(c) VOUT
VDS (ON)
90% 10% tr ton toff tf
VDD = -15 V RG = 10 D.U. < 1% = VIN: tr, tf < 5 ns Common Source Ta = 25C
VDD
Marking
3
Equivalent Circuit (top view)
3
JJA
1 2 1 2
Precaution
Vth can be expressed as the voltage between gate and source when the low operating current value is ID = -1 mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on).) Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials.
2
2007-11-01
SSM3J305T
ID - VDS
-3.0 -10 V -6 V -2.5 -4 V -2.0 -3.6 V -1.5 -10 Common Source VDS = -5 V -1
ID - VGS
(A)
ID
ID Drain current
-0.1 Ta = 100 C -0.01 -25 C 25 C VGS = -3.3 V -0.001 Common Source Ta = 25C 0 -0.2 -0.4 -0.6 -0.8 -1 -0.0001 0
Drain current
-1.0
-0.5
0
(A)
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
Drain-source voltage
VDS
(V)
Gate-source voltage
VGS
(V)
RDS (ON) - VGS
1000 900 ID = -0.65 A Common Source 1000 900
RDS (ON) - ID
Common Source Ta = 25C
Drain-source ON-resistance RDS (ON) (m)
800 700 600 500 25 C 400 300 200 100 0 0 -2 -4 -6 -25 C -8 -10 Ta =100 C
Drain-source ON-resistance RDS (ON) (m)
800 700 600 500 400 300 200 100 0 0 -0.5 -1.0 - 10 V VGS = - 4.0V
-1.5
-2.0
-2.5
-3.0
Gate-source voltage
VGS
(V)
Drain current
ID
(A)
RDS (ON) - Ta
1000 -2.0
Vth - Ta Vth (V) Gate threshold voltage
Common Source
Drain-source on-resistance RDS (ON) (m)
800
-1.5
600 ID = -0.4 A 400 / VGS = -4.0 V
-1.0
-0.5 Common source VDS = -5 V 0 ID = -1 mA 0 50 100 150
200
-0.65 A / -10 V
0 -50
0
50
100
150
-50
Ambient temperature
Ta
(C)
Ambient temperature
Ta
(C)
3
2007-11-01
SSM3J305T
|Yfs| - ID (S)
10 10
IDR - VDS
Common Source
(A)
Common Source VDS = -5 V 3 Ta = 25C
D IDR S
Yfs
VGS = 0 V 1 Ta = 25C
IDR
Forward transfer admittance
G
0.1
1
Drain reverse current
Ta = 100 C 0.01
0.3
25 C 0.001 -25 C 0.2 0.4 0.6 0.8 1.0 1.2
0.1 -0.01
-0.1
-1
-10
0.0001 0
Drain current
ID
(A)
Drain-source voltage
VDS
(V)
C - VDS
1000
t - ID
600 toff
500
(pF)
(ns)
300
100
tf
C
Capacitance
Ciss 100 50 30 Coss Crss 10 -0.1 -1 -10 -100
Switching time
t
10
ton tr
1 -0.01
-0.1
-1
-10
Drain-source voltage
VDS
(V)
Drain current
ID
(A)
Dynamic Input Characteristic
-10 Common Source ID = -1.7A -8 Ta = 25C
VGS Gate-Source voltage
-6 VDD=-15V -4 VDD=-24V -2 0 0 1 2 3
(V)
Total Gate Charge
Qg
(nC)
4
2007-11-01
SSM3J305T
rth - tw Drain power dissipation PD (mW)
1000 1000
PD - Ta
a: Mounted on FR4 board (25.4mm x 25.4mm x 1.6t , Cu Pad : 645 mm2) b: Mounted on FR4 board (25.4mm x 25.4mm x 1.6t , 2 Cu Pad : 0.8 mm x3)
Transient thermal impedance Rth (C/W)
b
800 a
100
a
600
400
b
10
Single Pulse a: Mounted on FR4 board (25.4mm x 25.4mm x 1.6t , Cu Pad : 645 mm2) b: Mounted on FR4 board (25.4mm x 25.4mm x 1.6t , Cu Pad : 0.8 mm2x3)
200
1 0.001
0.01
0.1
1
10
100
1000
0 -40
-20
0
20
40
60
80
100 120 140 160
Pulse width
tw
(s)
Ambient temperature
Ta
(C)
5
2007-11-01
SSM3J305T
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2007-11-01


▲Up To Search▲   

 
Price & Availability of SSM3J305T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X