Part Number Hot Search : 
XN06214 2SK2957 2SC2841 EGP30A11 TS925 250000 4007G DTC124
Product Description
Full Text Search
 

To Download SC431L07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Voltage Adjustable Shunt Regulator
POWER MANAGEMENT Description
The SC431L is a three terminal adjustable shunt regulator with thermal stability guaranteed over temperature. The output voltage can be adjusted to any value from 1.24V (V REF ) to 20V with two external resistors. The SC431L has a typical dynamic output impedance of 0.05. Active output circuitry provides a very sharp turn on characteristic, making the SC431L an excellent replacement for zener diodes. The SC431L shunt regulator is available with four voltage tolerances (0.25%, 0.5%, 1.0% and 2.0%), two operating temperature ranges (commercial and industrial) and two package options (SOT-23-3 and SOT-235). This allows the designer the opportunity to select the optimum combination of cost and performance for their application.
SC431L
Features
Low voltage operation (down to 1.24V) Wide operating current range 100A to 100mA Low dynamic output impedance 0.05 typ. Trimmed bandgap design 0.25% Upgrade for TLV431A SOT-23-3 and SOT-23-5 packages. Also available in Lead-free package, fully WEEE and RoHS compliant
Applications
Linear Regulators Adjustable Supplies Switching Power Supplies Battery Operated Computers Instrumentation Computer Disk Drives
Typical Application Circuit(1)(2)
Notes: 1) Set VOUT according to the following equation:
R1 VOUT = VREF 1 + + IREF R1 R2
2) Choose the value for R as follows:
* The maximum limit for R should be such that the
cathode current, I Z , is greater than the minimum operating current (100A) at VIN(MIN).
* The minimum limit for R should be such that IZ does
not exceed 100mA under all load conditions, and the instantaneous turn-on value for I Z does not exceed 150mA. Both of the following conditions must be met:
R min V IN (max) 150 mA
(to limit instantaneous turn-on IZ)
R min
V IN (max) - V OUT I OUT (min) + 100 mA
(to limit IZ under normal operating conditions)
Revision: October 4, 2007
1
www.semtech.com
SC431L
POWER MANAGEMENT Absolute Maximum Ratings
Parameter Cathode Voltage Continous Cathode Current Reference Input Current Power Dissipation at TA = 25C SOT-23-3 SOT-23-5 Thermal Resistance SOT-23-3 SOT-23-5 Operating Ambient Temperature Range S C 431LC S C 431LI Operating Junction Temperature Range S C 431LC S C 431LI Storage Temperature Range Lead Temperature (Soldering) 10 seconds ESD Rating (Human Body Model) Symbol VZ IZ IREF PD Maximum 20 100 3 0.37 0.49 336 256 0 to +70 -40 to +85 0 to +150 -40 to +150 -65 to +150 300 2 Units V mA mA W
J A
C/W
TA
C
TJ TSTG TLEAD V ESD
C C C kV
Electrical Characteristics
Unless specified:TA = 25C. Values in bold apply over full operating ambient temperature range.
SC431L 0.25% Parameter Reference Voltage Symbol VREF Condition VZ = VREF, IZ = 10mA(1) Min 1.237 1.224 VREF Temp Deviation Ratio of Change in VREF to Change in VZ Reference Input Current IREF Temperature Deviation Off-State Cathode Current V D EV VZ = VREF, IZ = 10mA(1) IZ = 10mA, VZ = 16V to VREF 10 -1.0 Typ 1.240 Max 1.243 1.256 25 -2.7
SC431L 0.5% Min 1.234 1.222 10 -1.0 Typ 1.240 Max 1.246 1.258 25 -2.7 mV mV/V Units V
VREF VZ
IREF IREF(DEV) IZ (OFF)
R1 = 10k, R2 = , IZ = 10mA(2) R1 = 10k, R2 = , IZ = 10mA(2) VREF = 0V, VZ = 6V(3) VREF = 0V, VZ = 16V(3)
0.15 0.1 0.125 0.135
0.5 0.4 0.150 0.150
0.15 0.1 0.125 0.135
0.5 0.4 0.150 0.150
A A A
2007 Semtech Corp.
2
www.semtech.com
SC431L
POWER MANAGEMENT Electrical Characteristics (Cont.)
Unless specified:TA = 25C. Values in bold apply over full operating ambient temperature range.
(Continued from page 2) Parameter Dynamic Output Impedance Minimum Operating Current Symbol rZ IZ (MIN) Condition f < 1kHz, VZ = VREF IZ = 100A to 100mA(1) VZ = VREF(1)
SC431L 0.25% Min Typ 0.05 20 Max 0.15 100
SC431L 0.5% Min Typ 0.05 20 Max 0.15 100 Units A
S C 431L 1% Parameter Reference Voltage Symbol VREF Condition VZ = VREF, IZ = 10mA(1) Min 1.228 1.215 VREF Temp Deviation Ratio of Change in VREF to Change in VZ Reference Input Current IREF Temperature Deviation Off-State Cathode Current Dynamic Output Impedance Minimum Operating Current rZ IZ (MIN) V D EV VZ = VREF, IZ = 10mA(1) IZ = 10mA, VZ = 16V to VREF 10 -1.0 Typ 1.240 Max 1.252 1.265 25 -2.7
S C 431L 2% Min 1.215 1.200 10 -1.0 Typ 1.240 Max 1.265 1.280 35 -2.7 mV mV/V Units V
VREF VZ
IREF IREF(DEV) IZ (OFF)
R1 = 10k, R2 = , IZ = 10mA(2) R1 = 10k, R2 = , IZ = 10mA(2) VREF = 0V, VZ = 6V(3) VREF = 0V, VZ = 16V(3) f < 1kHz, VZ = VREF IZ = 100A to 100mA(1) VZ = VREF(1)
0.15 0.1 0.125 0.135 0.05 20
0.5 0.4 0.150 0.150 0.15 100
0.15 0.1 0.125 0.135 0.05 20
0.5 0.4 0.150 0.150 0.15 100
A A A
A
Notes: (1) See Test Circuit 1 on page 4. (2) See Test Circuit 2 on page 4. (3) See Test Circuit 3 on page 4.
Recommended Operating Conditions
Min Cathode Voltage, VZ Cathode Current, IZ VREF 100A Max 16 100 Symbol V mA
2007 Semtech Corp.
3
www.semtech.com
SC431L
POWER MANAGEMENT Test Circuits
Test Circuit 1 VZ = VREF
Test Circuit 2 VZ > VREF
Test Circuit 3 Off-State
Pin Configurations
SOT-23-3 (Top View) SOT-23-5 (Top View)
Block Diagram
Symbol
2007 Semtech Corp.
4
www.semtech.com
SC431L
POWER MANAGEMENT Ordering Information
P ackag e TJ (C) 0.25% SOT-23-3(1)(2) 0 to +150 SC431LCSK-.25TR SC431LCSK-25TRT -40 to +150 SC431LISK-.25TR SC431LISK-.25TRT SOT-23-5(1)(2) 0 to +150 SC431LC5SK.25TR SC431LC5SK25TRT -40 to +150 SC431LI5SK.25TR SC431LI5SK25TRT 0.5% SC431LCSK-.5TR SC431LCSK-.5TRT SC431LISK-.5TR SC431LISK-.5TRT SC431LC5SK-.5TR SC431LC5SK.5TRT SC431LI5SK-.5TR SC431LI5SK.5TRT Tolerance 1.0% SC431LCSK-1TR SC431LCSK-1TRT SC431LISK-1TR SC431LISK-1TRT SC431LC5SK-1TR SC431LC5SK-1TRT SC431LI5SK-1TR SC431LI5SK-1TRT 2.0% SC431LCSK-2TR SC431LCSK-2TRT SC431LISK-2TR SC431LISK-2TRT SC431LC5SK-2TR SC431LC5SK-2TRT SC431LI5SK-2TR SC431LI5SK-2TRT
Notes: (1) Only available in tape and reel packaging. A reel contains 3000 devices. (2) "T" at end of part number indicates "lead free". This product is fully WEEE and RoHS compliant.
Marking Information
SOT-23-3 (Top View only) SOT-23-5 (Top View)
31L
431L
SOT-23-5 (Bottom View)
yyww
yyww = Datecode, Example: (0015)
2007 Semtech Corp.
5
www.semtech.com
SC431L
POWER MANAGEMENT Typical Characteristics
Cathode Current vs. Cathode Voltage
300 200 100 0 -100 -200 -300 -1 -0.5 0 VZ (V) 0.5 1 1.5 IZ (mA) IZ (A) VZ = VREF TA = 25 C
o
Cathode Current vs. Cathode Voltage
150 100 50 0 -50 -100 -150 -1.5 -1 -0.5 0 VZ (V) 0.5 1 1.5
VZ = VREF TA = 25 C
o
Reference Voltage vs. Junction Temperature
1.248 IZ = 10mA 1.246 1.244 VREF (V) 1.242 1.240 1.238 1.236 1.234 -50 -25 0 25 50 TJ (C) 75 100 125 150 50 -50 IZ = 60A 75 IREF (nA) 125 150
Reference Input Current vs. Junction Temperature
IZ = 10mA R1 = 10k R2 =
100
-25
0
25
50 TJ (C)
75
100
125
150
Ratio of Delta Reference Voltage to Delta Cathode Voltage vs. Junction Temperature
1.2 1.1 1.0 VREF / VZ (-mV/V) 0.9 0.8 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50 TJ (C) 75 100 125 150 0 -50 -25 50 IZ(off) (nA) 0.7 150 IZ = 10mA VZ = 16V to VREF 250
Off-State Cathode Current vs. Junction Temperature
VREF = 0V VZ = 16V
200
100
VZ = 6V 0 25 50 TJ (C) 75 100 125 150
2007 Semtech Corp.
6
www.semtech.com
SC431L
POWER MANAGEMENT Typical Characteristics (Cont.)
Reference Impedance vs. Junction Temperature
0.50 0.45 0.40 0.35 0.30 rZ ( ) 0.25 0.20 0.15 0.10 0.05 0.00 -50 -25 0 25 50 TJ (C) 75 100 125 150 0.01 1.E+03 0.1 rZ () 1 100 IZ = 0.1 to 100 mA VZ = VREF f < 1 kHz TA = 25C
Reference Impedance vs. Frequency
10
1.E+04
1.E+05 f (Hz)
1.E+06
1.E+07
Small-Signal Gain and Phase Shift vs. Frequency
80 70 60 50 AV (dB) 40 30 20 10 0 -10 -20 1.0E+02 1.0E+03 1.0E+04 f (Hz) 1.0E+05 -180 -225 -270 Phase Shift (deg) -315 -360 -405 -450 -495 -540 -585 -630 1.0E+06
Test Circuit - Small-Signal Gain and Phase
Stability Boundary Condition For Shunt Regulation vs. Cathode Current and Load Capacitance
3.5 TA = 25C 3.0 Stable 2.5 IZ (mA) 2.0 1.5 VZ = VREF 1.0 0.5 0.0 0.001 Stable
Test Circuit - Stability
VZ = 2V 0.01 0.1 CL (F) 1 10
2007 Semtech Corp.
7
www.semtech.com
SC431L
POWER MANAGEMENT Applications Information - Stability
Selection of load capacitance when using SC431L as a shunt regulator When the SC431L is used as a shunt regulator, two options for selection of CL (see diagram on page 7) are recommended for optimal stability: 1) No load capacitance across the device, decouple at the load. 2) Large capacitance across the device, optional decoupling at the load. The reason for this is that SC431L exhibits instability with capacitances in the range of 10nF to 1F (approx.) at light cathode currents (up to 3mA typical). The device is less stable the lower the cathode voltage has been set for. Therefore while the device will be perfectly stable operating at a cathode current of (say) 10mA with a 0.1F capacitor across it, it will oscillate transiently during startup as the cathode current passes through the instability region. Selecting a very low (or preferably, no) capacitance, or alternatively a high capacitance (such as 10F) will avoid this issue altogether. Since the user will probably wish to have local decoupling at the load anyway, the most cost effective method is to use no capacitance at all directly across the device. PCB trace/ via resistance and inductance prevent the local load decoupling from causing the oscillation during the transient start-up phase. Note: if the SC431L is located right at the load, so the load decoupling capacitor is directly across it, then this capacitor will have to be 1nF or 10F.
2007 Semtech Corp.
8
www.semtech.com
SC431L
POWER MANAGEMENT Outline Drawing - SOT-23-3
D e1 3
B A
DIM
A A1 A2 b c D E E1 e e1 L L1 N 0 aaa bbb
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.035 .000 .035 .012 .003 .110 .082 .047 .015 0 .037 .114 .093 .051 .075 .037 .020 .022 3 .004 .008 .044 .004 .040 .020 .007 .120 .104 .055 .024 8 0.89 1.12 0.01 0.10 0.88 0.95 1.02 0.51 0.30 0.18 0.08 2.80 2.90 3.04 2.10 2.37 2.64 1.20 1.30 1.40 1.90 BSC 0.95 BSC 0.40 0.50 0.60 (0.55) 3 0 8 0.10 0.20
E1
E
1
2 bxN e bbb CAB
A
A2
3X
aaa C SEATING PLANE
A1
C
H
SEATING PLANE
C
GAUGE PLANE 0.25 L L1 DETAIL A
0
c
SIDE VIEW NOTES:
SEE DETAIL A
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. DATUMS -A- AND -BTO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
Land Pattern - SOT-23-3
X
Y
DIM
Z G C
C E E1 G X Y Z
DIMENSIONS INCHES MILLIMETERS
(.087) .037 .075 .031 .039 .055 .141 (2.20) 0.95 1.90 0.80 1.00 1.40 3.60
Y
E NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET. 2. REFERENCE IPC-SM-782A. E1
Note: (1) Grid placement courtyard is 8 x 8 elements (4mm x 4mm) in accordance with the international grid detailed in IEC Publication 97.
2007 Semtech Corp.
9
www.semtech.com
SC431L
POWER MANAGEMENT Outline Drawing - SOT-23-5
A e1 N
EI
DIM
D
A A1 A2 b c D E1 E e e1 L L1 N 01 aaa bbb ccc A
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.035 .000 .035 .010 .003 .110 .060 .045 .057 .006 .051 .020 .009 .118 .069 0.90 0.00 .90 0.25 0.08 2.80 1.50 1.15 1.45 0.15 1.30 0.50 0.22 3.00 1.75
2X E/2
E
1 ccc C
2X N/2 TIPS
2
e B D
aaa C
A2 SEATING PLANE
.114 .063 .110 BSC .037 BSC .075 BSC .012 .018 .024 (.024) 5 0 10 .004 .008 .008
2.90 1.60 2.80 BSC 0.95 BSC 1.90 BSC 0.30 0.45 0.60 (0.60) 5 0 10 0.10 0.20 0.20
C
A1 bxN
H
bbb
C A-B D
GAGE PLANE 0.25 L (L1)
c
01
SEE DETAIL SIDE VIEW
A
DETAIL
A
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
Land Pattern - SOT-23-5
X
DIM
(C) G Y P Z C G P X Y Z
DIMENSIONS MILLIMETERS INCHES
(.098) .055 .037 .024 .043 .141 (2.50) 1.40 0.95 0.60 1.10 3.60
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2007 Semtech Corp. 10 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC431L07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X