Part Number Hot Search : 
H11D4X FAMILY MS524PYA TDA7437 02S20 GRM21BR TCZM39B 34151
Product Description
Full Text Search
 

To Download SC2647TSTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER MANAGEMENT Description
The SC2647 provides microprocessor core voltage regulation solution up to 4 paralleled PWM channels. The solution can also be configured as 2, 3, or 4-phase form. Multi-phase buck regulator utilizes the phase-shift timing control to allow interleaved switching of the power switches. This architecture minimizes the core voltage ripple and the input current ripple, which leads to optimized voltage regulator design for power density, transient responses, and the thermal performances. To satisfy the highly dynamic nature of the modern microprocessors, the SC2647 adopts peak current mode control topology which ensures wide control loop bandwidth and fast transient responses. The current mode control provides intrinsic phase current matching. The maximum ripple frequency is greater than 1MHz. One of the outstanding features of the SC2647 is its voltage regulation accuracy. Not only it provides better than 0.5% set point accuracy, but also the accuracy to fully complaint with the stringent load line slope specifications mandated by the modern microprocessors. Lossless output current sensing ensures the regulator output voltage is accurately positioned according to the load current condition, and an internal temperature compensation technology further enhances the performance of voltage accuracy. The patented Combi-Sense TM topology is employed by SC2647. The MOSFET Rds(on) and the output inductor winding resistance is used to generate the phase current information. The SC1211VX Combi-SenseTM MOSFET driver plus the SC2647 enables the complete solution. The SC2647 is a multi-platform controller. It conforms to Intel VRM/VRD10.0, VRM9.X, and AMD K-8 (OpteronTM) VID specifications. With very minor changes of the schematic and the layout, the SC2647 based solution can be ported form one platform to another. This greatly benefits the system manufactures for reductions of design cycle and minimize the inventory management.
Multi-Platform Multi-Phase PWM Controller
The VID structure of the SC2647 supports VID-on-Fly applications for any platform. The cycle-by-cycle current limit plus the intelligent over current shut down provide the maximum versatility of the system without false tripping under all possible changes of VID and load conditions. The differential voltage feedback sense eliminates the error caused by high load current on the ground plane. External offset is easy to achieve for any platforms and the VID settings. The enable function is also provided to interface with the corresponding system signal for correct start up timing and shut down timing. (Multiple Patents Pending)
SC2647
Features
VRD/VRM10.0, VRM9.X, and K-8 compliant Core Voltage Set Point Accuracy 0.5% Combi-SenseTM Current Mode Control Intrinsic Phase Current Matching Fast Transient Responses Active Droop with Temperature Compensation to Meet Load Line Slope Support VID-on-Fly with 5 or 6 bit VID Enable Function for Power Sequencing Cycle-by-Cycle Peak Current Limit Intelligent Over Current Shut Down Over Voltage Protection When Using Semtech Combi-SenseTM Driver/1211VX Under Voltage Protection Built in External programmable Soft-Start Externally programmable switching frequency. 2, 3, or 4-Phase Configurations 24-Pin SOIC or TSSOP Packages This device is fully WEEE and RoHS Compliant
Applications
Voltage Regulator VRD/VRM10.0 Voltage Regulator VRM9.X Voltage Regulator K-8 High Current, Low Voltage Step Down DC/DC Converters
July, 12, 2006
1
www.semtech.com
Adaptor_In 1 640nH R1 D1 C3 2
L1
VIN
5V
5V 2R2 AUX2 R2 PN3 4 3 2 1 R5 C4 TG CO BST DRN C5 1 2 R7 1nF R10 C9 VCC VPN R12 100 BG M2 5 6 7 8 AUX3 VIN PGND 1 C7 R8 C8 R9 U1 R6 L2 PN3 R3 R4 AUX3 VOUT D1N4148 1uF M1
(c) 2006 Semtech Corp.
SC1211VX
9
AUX1
C6
POWER MANAGEMENT Typical Application Circuit
U2 1 OS3 OS4 OUTSEN OUT4 D2 21 M3 20 19 PN2 4 3 2 1 18 U3 TG CO BST DRN 17 16 1nF PGND VCC VPN AUX2 VIN BG 15 14 5 6 13 Rosc C19 VOUT R17 PN2 1 L3 2 D1N4148 1uF C13 OUT3 OUT2 OUT1 AGND OSCREF 22 VIN 23 VIN 4.7uF VCC OS2 OS1 BGOUT ERROUT GNDSEN FB DACSTEP 2 3 4 5 6 VCC C18 0.1uF 9 VCC VID4 VID3 VID2 VID1 VID0 VID5 R19 100 7 PGOOD 10 11 C21 1uF 12 8 7 24 C12
VRM_EN
(Open Collector Input, No Pull-up)
R13
R15
1.5K
VCC OFFSET+
R14
C16
1uF
R16 OFFSET-
C2
C17
SC1211VX
9
1
5V
R20
M4 Cout 8 +
2
10
Note (2)
SC2647
VIN D3
C23 4.7uF VIN C24 M5 D1N4148 1uF
PGND
VID0
VID1
VID2
VID3 V_COREPN1 V_CORE+
VID4
4 U4 C27 1nF
3
2
1 R21 TG CO BST DRN PN1 1 L4 2
DIFFERENTIAL PAIR FOR REMOTE SENSE
SC1211VX
VPN AUX1 R23 100
Vcc
Note (3)
Note (2)
VIN 5 6
PGND VCC 7 BG 8
9
1
Note (1)
M6 R24 C30 0R0 VIN 4.7uF
Rx
VID5
Ry
PWRGOOD (Open Collector Output)
SC2647
www.semtech.com
Notes: (1) Output filter design: Please follow guidelines issued by Intel and AMD . (2) Please follow the guidelines issued by Intel and AMD . (3) See application notes for VID table selection.
SC2647
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied.
Parameter Supply Voltage Combi-Sense/Direct Output Voltage Ambient Temperature Range Junction Temperature Range Storage Temperature Range Lead T emperature (Soldering) 10 Sec. ESD Rating (Human Body Model)
Symbol VCC OS1, OS2, OS3, OS4, OUTSEN TA TJ TSTG TLEAD ESD
o
Maximum 20 5 0 to 105 0 to 125 -65 to +150 300 2
Units V V
o
C C C C
o
o
o
kV
Electrical Characteristics
Unless specified: VCC = 5V, VID=1.30V (110110,VRD10) or 1.50V (101110,VRD10), FOSC = 600kHz, TA = 27 C. See Typical Application Circuit.
Parameter Chip_Supply IC Supply Voltage IC Supply Current UVLO Ramp Up UVLO Hysterisis Reference Section Bandgap Output Source Current Sink Current Supply Rejection Temperature Stability VID Step VID Step
Symbol
Test Conditions
Min
Typ
Max
Units
VCC ICC
4.7
5 9.5 4.3 300
7
V mA V mV
VBGOUT
CBGOUT = 4.7nF BG=0V BG=4V VCC = 4.7V ~ 7V 0oC < TA < 85oC VRM9.X, K-8, LSB VRD/VRM10, LSB VRD10 ; Internal offset=-20mV -0.5 -1 -1
3 270 -500 0.5 0.5 25 12.5 +0.5 +1 +1
V A A mV/V % mV mV % % %
Voltage Accuracy
VOUT
VRM9.x ; Internal offset=-20mV K-8 ; Internal offset=+25mV
Oscillator Section Oscillator Frequency Temperature Stability
(c) 2006 Semtech Corp.
ROSC = 309Kohm 0oC < TA < 85oC
3
540
600 +/-5
660
kHz %
www.semtech.com
SC2647
POWER MANAGEMENT Electrical Characteristics (Cont.)
Unless specified: VCC = 5V, VID=1.30V (110110,VRD10) or 1.50V (101110,VRD10), FOSC = 600kHz, TA = 27 C. See Typical Application Circuit.
o
Parameter Voltage Error Amplifier Input Offset Voltage Input Bi as C urrent Open Loop Gai n Uni ty Gai n Bandwi dth Slew Rate Transconductance Gai n C urrent Sense Amplifiers Input Offset Voltage Input Bi as C urrent Gai n C MRR Input C ommon Mode Range Gai n Match Bandwi dth D roop Amplifier Gai n VID s Logi c Threshold Pull-up Impedance VID 5 Logi c Threshold for VRD /VRM10 VID 5 C lampi ng voltage VID 5 Selecti on Threshold for VRM9.X VID 5 Selecti on Threshold for K-8 3-Phase Operation Output 4 pull up Threshold Pow er Good Threshold Ri si ng Threshold Falli ng Output Hi gh Leakage Output Low Si nk C urrent Limit Section Max. Error Amp Voltage for C urrent Li mi t Shutdown Voltage
Test C onditions
Min
Typ
Max
U nits
+/-3 25 1V < VERROUT < 3.6V C ERROUT = 10pF 80 10 2 0.5
mV nA dB MHz V/S mA/V
+/-3 50 9.5 0 to 3V -0.3 2 6 80 3
mV nA V/V dB V % MHz
5.2
V/V
[VID 0:4] [VID 0:4] VID 5
1.2 10 1.2 2.7
1.8
V Kohm
1.8
V V uA uA
VID 5/Si nk VID 5/Si nk
49 205
3.7
4.1
V
VID - Power Good Threshold VID - Power Good Threshold Pwrgood = VCC Pwrgood = 0.8V 2
330 560 100
mV mV nA mA
3.6 VID - Shut D own Threshold 600
V mV
(c) 2006 Semtech Corp.
4
www.semtech.com
SC2647
POWER MANAGEMENT Pin Configurations
Top View
OS3 OS2 OS1 BGOUT ERROUT GSENSE FB DACSTEP VCC VID4 VID3 VID2 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 OS4 OUTSEN OUT4 OUT3 OUT2 OUT1 AGND OSCREF PGOOD VID5 VID0 VID1
Ordering Information
Part N umber SC 2647SWTR SC 2647TSTR
(1)
P ackag e SOIC -24 TSSOP-24 TSSOP-24
Temp. R ange (TJ) 0 to 125 OC 0 to 125 OC 0 to 125 OC
(1)
SC 2647TSTRT (1,3) S C 2647E V B
(2)
Evaluati on Board
Note: (1) Only available in tape and reel packaging. A reel contains 1000 devices for the SOIC-24 and 2500 devices for the TSSOP-24 package. (2) Specify SOIC-24 or TSSOP-24 package. (3) Lead free product. This product is fully WEEE and RoHS compliant.
(24-Pin SOIC/TSSOP)
Pin Descriptions
P in # 1 2 3 4 5 6 7 8 9 1 0 ~1 4 15 16 17 18 19 20 21 22 23 24 P in N a m e OS 3 OS 2 OS 1 B GO UT E RROUT G S E NS E FB D A C S TE P VCC V ID 4 : 0 V ID 5 P G OOD O S C RE F A GND OUT1 OUT2 OUT3 OUT4 OUTS E N OS 4 C urre nt se nse i np ut. C urre nt se nse i np ut.C o nne ct to O UTS E N fo r 2 p ha se o p e ra tio n. C urre nt se nse i np ut. B G re fe re nce p in.C o nne ct so ft s ta rt c a p fro m this p i n to A GND . E rro r-a m p lifi e r o utp ut.C o nne c t co m p e nsa ti o n ne two rk to A GND . Re m o te s e ns e fo r G ND . F e e d b a c k p i n.Ro ute F B a nd GE NS E a s d i ffe re ntia l p a i r to C P U. V ID ste p s p e e d .C o nne c t a ca p fro m this p i n to A GND to fi lte r D A C o utp ut. P o we r sup p ly fo r chip . V ID M S B to V ID L S B . 1 2 .5 m V b it fo r V RD 1 0 .x. P ull i t up to >2 V a nd p ro g ra m the s ink curre nt to se le ctV RM 9 o r K 8 V ID ta b le . P o we r g o o d , O p e n co lle cto r o utp ut. Osc illa to r fre q ue ncy se tti ng .C o nne ct a re si sto r to A GND . C le a n g ro und fo r a na lo g s ig na ls . P W M o utp ut1 . P W M o utp ut2 . P W M o utp ut3 . P W M o utp ut4 . C o nne c t to V C C fo r 3 p ha s e o p e ra ti o n. D i re c t o utp ut se nse . C urre nt se nse i np ut. C o nne ct to O UTS E N fo r 2 o r 3 p ha se o p e ra tio n.
5 www.semtech.com
P in F u n c tio n
(c) 2006 Semtech Corp.
SC2647
POWER MANAGEMENT Block Diagram
C/A1
OS1 3 + OUT +
PWM1
OUT R S Q
DRV1 19 OUT1
C/A2
OS2 2 + OUT -
+
PWM2
OUT R S Q
DRV2 20 OUT2
C/A3
OS3 1 + OUT -
+
PWM3
OUT R S Q
DRV3 21 OUT3
C/A4
OS4 24 + OUT
+
PWM4
OUT R S Q
DRV4 22 OUT4
OUTSEN
OUTSEN 23
-
OSCILLATOR Ramp OSCREF 17 ROSC OSC
Errout
CLOCK DIVIDER CLK SEL3 P1 P2 P3 P4 +
VID0 VID1 VID2 VID3 VID4 VID5 DACSTEP
14
DAC
Shut Down 13 12 11 10 15 8 VID0 VID1 VID2 VID3 VID4 VID5
11111 INHIBIT
2R
VDAC -
3 PHASE SELECT
OUT -
2R
+
3/4 Phase selection Threshold
OUT
0
R VBG
PWR_GOOD
+ 16 OUT PWRGD
OUTSEN
+
DROOP
OUT -
R
Power Good Threshold
-
0
FB
7
-
E/A
OUT
ERROUT
5 ERROUT
R
R
+
R BGOUT
BGOUT 4 OUT -
OCP & SHUTDOWM
0
BUFFER
VCC
+ 9 VCC
BANDGAP
VCC VREF GSEN
UVLO & LATCH
VBG BGOUT
18
AGND
GNDSEN
6
(c) 2006 Semtech Corp.
6
www.semtech.com
SC2647
POWER MANAGEMENT Applications Information- Output Voltage
VRM9.X Output Voltage Unless specified: 0 = GND; 1 = High (or Floating). TA = 25oC, VCC = 5V
VID4 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Vout (V) OFF 1.1 1.125 1.15 1.175 1.2 1.225 1.25 1.275 1.3 1.325 1.35 1.375 1.4 1.425 1.45 1.475 1.5 1.525 1.55 1.575 1.6 1.625 1.65 1.675 1.7 1.725 1.75 1.775 1.8 1.825 1.85
(c) 2006 Semtech Corp.
7
www.semtech.com
SC2647
POWER MANAGEMENT Applications Information- Output Voltag
V R D 10 Ou tp u t Vo ltage Unless specified: 0 = GND ; 1 = High. TA = 25 o C , V C C = 5V
V ID 5 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 V ID 4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 V ID 3 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 V ID 2 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 V ID 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 V ID 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 Vou t (V ) 0.8375 0.8500 0.8625 0.8750 0.8875 0.9000 0.9125 0.9250 0.9375 0.9500 0.9625 0.9750 0.9875 1.0000 1.0125 1.0250 1.0375 1.0500 1.0625 1.0750 1.0875 OF F OF F 1.1000 1.1125 1.1250 1.1375 1.1500 1.1625 1.1750 1.1875 1.2000 1.2125 1.2250 1.2375 1.2500 1.2625 1.2750 1.2875 1.3000 1.3125 1.3250 1.3375 1.3500 1.3625 1.3750 1.3875 1.4000 1.4125 1.4250 1.4375 1.4500 1.4625 1.4750 1.4875 1.5000 1.5125 1.5250 1.5375 1.5500 1.5625 1.5750 1.5875 1.6000
(c) 2006 Semtech Corp.
8
www.semtech.com
SC2647
POWER MANAGEMENT Applications Information- Output Voltag
K -8 Output Voltage Unless speci fi ed: 0 = GND ; 1 = Hi gh (or Floati ng). TA = 25oC , VCC = 5V VID 4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VID 3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 VID 2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 VID 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 VID 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VOUT (V) 1.550 1.525 1.500 1.475 1.450 1.425 1.400 1.375 1.350 1.325 1.300 1.275 1.250 1.225 1.200 1.175 1.150 1.125 1.100 1.075 1.050 1.025 1.000 0.975 0.950 0.925 0.900 0.875 0.850 0.825 0.800 OFF
(c) 2006 Semtech Corp.
9
www.semtech.com
SC2647
POWER MANAGEMENT Outline Drawing - SOIC-24
A
N
e
D
DIM
A A1 A2 b c D E1 E e h J L L1 N R 01 aaa bbb ccc
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.093 .104 2.35 2.65 .004 .012 0.10 0.30 .081 .100 2.05 2.55 .020 0.31 0.51 .012 .008 .013 0.20 0.33 .602 .606 .610 15.30 15.40 15.50 .291 .295 .299 7.40 7.50 7.60 10.30 BSC .406 BSC 1.27 BSC .050 BSC .010 .030 0.25 0.75 .020 .030 0.50 0.75 .016 .041 0.40 1.04 (.041) (1.04) 24 24 .024 .035 0.60 0.90 0 8 0 8 0.10 .004 0.25 .010 0.33 .013
2X E/2
E1 R
E
ccc C
2X N/2 TIPS
1
2
3
e/2 B
D
aaa C SEATING PLANE C J
h A2 A H bxN bbb A1 C A-B D GAGE PLANE 0.25 SEE DETAIL L (L1) DETAIL c h
01
SIDE VIEW
NOTES: 1. 2. 3. 4.
A
A
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -HDIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. REFERENCE JEDEC STD MS-013, VARIATION AD.
Land Pattern - SOIC-24
X
D IM
(C ) G Z C G P X Y Z
D IM E N S IO N S IN C H E S M IL L IM E T E R S
(.3 6 2 ) .2 7 6 .0 5 0 .0 2 4 .0 8 7 .4 4 9 (9 .2 0 ) 7 .0 0 1 .2 7 0 .6 0 2 .2 0 1 1 .4 0
Y P
N O TES : 1. T H IS L A N D P A T T E R N IS F O R R E F E R E N C E P U R P O S E S O N L Y . C O N S U L T Y O U R M A N U F A C T U R IN G G R O U P T O E N S U R E Y O U R C O M P A N Y 'S M A N U F A C T U R IN G G U ID E L IN E S A R E M E T . R E F E R E N C E IP C -S M -7 8 2 A , R L P N O . 3 0 7 A .
2.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2006 Semtech Corp. 10 www.semtech.com
SC2647
POWER MANAGEMENT Outline Drawing - TSSOP-24
A e N 2 X E /2 E1 P IN 1 IN D IC A T O R c cc C 2 X N /2 T IP S 123 e/2 B E D
D IM
A A1 A2 b c D E1 E e L L1 N 01 a aa b bb ccc
D IM E N S IO N S IN C H E S M IL L IM E T E R S M IN N O M M A X M IN N O M M A X
.002 .031 .007 .003 .303 .169 .0 47 .0 06 .0 42 .0 12 .0 07 .3 07 .3 11 .1 73 .1 77 .2 52 B S C .0 26 B S C .018 .0 24 .0 30 (.03 9) 24 8 0 .0 04 .0 04 .0 08 0 .05 0 .80 0 .19 0 .09 7 .70 4 .30 1 .2 0 0 .1 5 1 .0 5 0 .3 0 0 .2 0 7 .80 7 .9 0 4 .40 4 .5 0 6.40 B S C 0.65 B S C 0 .45 0 .60 0 .7 5 (1 .0 ) 24 0 8 0 .10 0 .10 0 .20
aa a C S E A T IN G P LA N E
D A2 A H GAGE PLANE 0 .25 (L 1) S E E D E T A IL L c
C b xN b bb
A1 C A -B D
01
S ID E V IE W
A
D E T A IL
A
NOTES: 1. 2. 3. 4. C O N T R O L L IN G D IM E N S IO N S A R E IN M IL L IM E T E R S (A N G LE S IN D E G R E E S ). DATUM S -A AND -B T O B E D E T E R M IN E D A T D A T U M P L A N E -H -
D IM E N S IO N S "E 1 " A N D "D " D O N O T IN C L U D E M O L D F L A S H , P R O T R U S IO N S OR G ATE BURRS. R E F E R E N C E J E D E C S T D M O -1 5 3 , V A R IA T IO N A D .
Land Pattern - TSSOP-24
X
D IM
(C ) G Z C G P X Y Z
D IM E N S IO N S IN C H E S M IL L IM E T E R S
(.2 2 2 ) .1 6 1 .0 2 6 .0 1 6 .0 6 1 .2 8 3 (5 .6 5 ) 4 .1 0 0 .6 5 0 .4 0 1 .5 5 7 .2 0
Y P
NOTES: 1.
T H IS L A N D P A T T E R N IS F O R R E F E R E N C E P U R P O S E S O N L Y . C O N S U L T Y O U R M A N U F A C T U R IN G G R O U P T O E N S U R E Y O U R C O M P A N Y 'S M A N U F A C T U R IN G G U ID E L IN E S A R E M E T .
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2006 Semtech Corp. 11 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC2647TSTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X