Part Number Hot Search : 
UC1103 C2004 LPS40 SN65HVD3 20DL2C D4613H GC1513 SAM9CN11
Product Description
Full Text Search
 

To Download SC118604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Programmable Synchronous DC/DC Converter, Dual LDO Controller
POWER MANAGEMENT Description
The SC1186 combines a synchronous voltage mode controller with two low-dropout linear regulators providing most of the circuitry necessary to implement three DC/DC converters for powering advanced microprocessors such as Pentium(R) II & III. The SC1186 switching section features an integrated 5 bit D/A converter, latched drive output for enhanced noise immunity, pulse by pulse current limiting and logic compatible shutdown. The SC1186 switching section operates at a fixed frequency of 140kHz, providing an optimum compromise between size, efficiency and cost in the intended application areas. The integrated D/A converter provides programmability of output voltage from 2.0V to 3.5V in 100mV increments and 1.30V to 2.05V in 50mV increments with no external components. The SC1186 linear sections are low dropout regulators with short circuit protection, supplying 1.5V for GTL bus and 2.5V for non-GTL I/O. The Reference voltage is made available for external linear regulators.
SC1186
Features
Synchronous design, enables no heatsink solution 95% efficiency (switching section) 5 bit DAC for output programmability Designed for Intel Pentium(R) ll & III requirements 1.5V, 2.5V short circuit protected linear controllers 1.265V 1.5% Reference available
Applications
Pentium(R) ll & III microprocessor supplies Flexible motherboards 1.3V to 3.5V microprocessor supplies Programmable triple power supplies
Typical Application Circuit
12V + 5V + 1500uF x4 10 5 0.1uF 7 22 21 20 19 18 16 1 23 24 4 VCC LDOEN VID0 VID1 VID2 VID3 VID4 EN AGND LDOV GATE2 LDOS2 SC1186CS CS+ CSVOSENSE BSTH DH 9 8 17 15 11 IRLR3103N 2R2 0.1uF IRLR3103N 2R2 0.1uF 1.00k 5mOhm 1.9uH 2.32k 47uF 0.1uF
VID0 VID1 VID2 VID3 VID4 EN
VCC_CORE
BSTL 14 DL 13 PGNDH PGNDL REF 10 12 6
+ 1500uF x6 3.3V
0.1uF
1k 12V
GATE1 2 LDOS1 3 3 2
8 3.3V + 4 IRLR024N + 330uF 330uF + 1 LM358 IRLR024N VLIN3
+ 330uF IRLR024N 330uF
1.5V +
2.5V
Revision: December 2, 2004
1
www.semtech.com
SC1186
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device reliability.
Parameter VCC to AGND PGNDH, PGNDL to AGND BSTH to PGNDH, BSTL to PGNDL DH to PGNDH, DL to PGNDL (Note2) Operating Temperature Range Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 Sec. Thermal Resistance Junction to Ambient Thermal Impedance Junction to Case
Symbol VIN
Maximum -0.3 to +7 1 -0.3 to +15 -1 to +15
Units V V V V C C C C C/W C/W
TA TJ TSTG TLEAD JA JC
0 to +70 0 to +125 -65 to +150 300 80 25
Electrical Characteristics
Unless specified: VCC = 4.75V to 5.25V; GND = PGND = 0V; VOSENSE = VO; 0mV < (CS+-CS-) < 60mV; LDOV = BST = 11.4V to 12.6V; TA = 0 to 70C
Parameter Switching Section Output Voltage Supply Voltage Supply Current Load Regulation Line Regulation Current Limit Voltage Oscillator Frequency Oscillator Max Duty Cycle Peak DH Sink/Source Current Peak DL Sink/Source Current Gain (AOL) VID Source Current VID Leakage Power good threshold voltage Dead Time
2004 Semtech Corp.
Conditions
Min
Typ
Max
Units
IO = 2A in Application Circuit VCC VCC = 5.0V IO = 0.8A to 15A 4.5
See Output Voltage Table 7 8 1 0.5 60 120 90 70 140 95 85 160 15 V mA % % mV kHz % A mA A mA 35 1 10 10 88 40 100 112 dB uA uA % ns
www.semtech.com
BSTH - DH = 4.5V, DH- PGNDH = 3.3V DH- PGNDH = 1.5V BSTL - DL = 4.5V, DL - PGNDL= 3.3V DL- PGNDH = 1.5V VOSENSE to VO VIDx < 2.4V VIDx = 5V
1 100 1 100
2
SC1186
POWER MANAGEMENT Electrical Characteristics (Cont.)
Unless specified: VCC = 4.75V to 5.25V; GND = PGND = 0V; VOSENSE = VO; 0mV < (CS+-CS-) < 60mV; LDOV = BST = 11.4V to 12.6V; TA = 0 to 70C
Parameter Linear Sections Quiescent Current Output Voltage LDO1 Output Voltage LDO2 Reference Voltage Gain (AOL) Load Regulation Line Regulation Output Impedance LDOV Undervoltage Lockout LDOEN Threshold LDOEN Sink Current Overcurrent Trip Voltage Power-up Output Short Circuit Immunity Output Short Circuit Glitch Immunity Gate Pulldown Impedance VOSENSE Impedance
Conditions
Min
Typ
Max
Units
LDOV = 12V 2.493 1.496 Iref < 100uA LDOS (1,2) to GATE (1,2) IO = 0 to 8A 1.246 2.525 1.515 1.265 90
5 2.556 1.534 1.284
mA V V V dB
0.3 0.3
% % k V V A A % ms ms k k
VGATE = 6.5V 6.5 1.3 LDOEN = 3.3V LDOEN = 0V % of Vo set point 20 1 0.5 GATE (1,2) -AGND; VCC+BST=0V 80 10
1 8.0
1.5 10 1.9
0.01 -200 40 5 4 300
1.0 -300 60 60 20 750
Note: (1) This device is ESD sensitive. Use of standard ESD handling precautions is required. (2) See Gate Resistor Selection recomendations.
2004 Semtech Corp.
3
www.semtech.com
SC1186
POWER MANAGEMENT Pin Configuration
TOP VIEW
AGND GATE1 LDOS1 LDOS2 VCC REF LDOEN CSCS+ PGNDH DH PGNDL 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 GATE2 LDOV VID0 VID1 VID2 VID3 VID4 VOSENSE EN BSTH BSTL DL
Ordering Information
Device
(1)
Package(1)
Linear Voltage
Temp Range (TJ)
SC1186CSW.TR SC1186CSWTRT(2) SO-24 1.5V/2.5V 0 to 125C
Notes: (1) Only available in tape and reel packaging. A reel contains 1000 devices. (2) Lead free product. This product is fully WEEE and RoHS compliant.
(24 Pin SOIC)
Pin Descriptions
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Pin Name AGND GATE1 LDOS1 LDOS2 VCC REF LDOEN CSCS+ PGNDH DH PGNDL DL BSTL BSTH EN (1) VOSENSE VID4 VID3 VID2 VID1 VID0
(1) (1) (1) (1) (1)
Pin Function Small Signal Analog and Digital Ground Gate Drive Output LDO1 Sense Input for LDO1 Sense Input for LDO2 Input Voltage Buffered Reference Voltage output LDO Supply Monitor. Current Sense Input (negative) Current Sense Input (positive) Power Ground for High Side Switch High Side Driver Output Power Ground for Low Side Switch Low Side Driver Output Supply for Low Side Driver Supply for High Side Driver Logic low shuts down the converter, High or open for normal operation Top end of internal feedback chain. Programming Input (MSB) Programming Input Programming Input Programming Input Programming Input (LSB) +12V for LDO section Gate Drive Output LDO2
LDOV GATE2
Note: (1) All logic level inputs and outputs are open collector TTL compatible.
2004 Semtech Corp. 4 www.semtech.com
SC1186
POWER MANAGEMENT Block Diagram
VCC CSCS+
CURRENT LIMIT REF
EN
70mV
BSTH
+ -
VID4 VID3 VID2 VID1 VID0 VOSENSE
OSCILLATOR D/A
LEVEL SHIFT AND HIGH SIDE DRIVE
DH
+ ERROR AMP +
PGNDH
R Q S
SHOOT-THRU CONTROL
AGND
LDOEN LDOS1 GATE1
2.5V FET CONTROLLER 1.275V REF 1.5V FET CONTROLLER SYNCHRONOUS MOSFET DRIVE
BSTL
DL
PGNDL LDOV REF GATE2 LDOS2
2004 Semtech Corp.
5
www.semtech.com
SC1186
POWER MANAGEMENT Applications Information - Output Voltage Table
Unless specified: 4.75V < VCC < 5.25V; GND = PGND = 0V; VOSENSE = VO; 0mV < (CS+-CS-) < 60mV; = 0C < Tj < 85C
Parameter Output Voltage (1)
Conditions IO = 2A in Application circuit (Figure 1)
Vid 43210 01111 01110 01101 01100 01011 01010 01001 01000 00111 00110 00101 00100 00011 00010 00001 00000 11111 11110 11101 11100 11011 11010 11001 11000 10111 10110 10101 10100 10011 10010 10001 10000
Min 1.277 1.326 1.375 1.424 1.478 1.527 1.576 1.625 1.675 1.724 1.782 1.832 1.881 1.931 1.980 2.030 1.970 2.069 2.167 2.266 2.364 2.463 2.561 2.660 2.758 2.842 2.940 3.038 3.136 3.234 3.332 3.430
Typ 1.300 1.350 1.400 1.450 1.500 1.550 1.600 1.650 1.700 1.750 1.800 1.850 1.900 1.950 2.000 2.050 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500
Max 1.323 1.374 1.425 1.476 1.523 1.573 1.624 1.675 1.726 1.776 1.818 1.869 1.919 1.970 2.020 2.071 2.030 2.132 2.233 2.335 2.436 2.538 2.639 2.741 2.842 2.958 3.060 3.162 3.264 3.366 3.468 3.570
Units V
2004 Semtech Corp.
6
www.semtech.com
SC1186
POWER MANAGEMENT Layout Guidelines
Careful attention to layout requirements are necessary for successful implementation of the SC1186 PWM controller. High currents switching at 140kHz are present in the application and their effect on ground plane voltage differentials must be understood and minimized. 1). The high power parts of the circuit should be laid out first. A ground plane should be used, the number and position of ground plane interruptions should be such as to not unnecessarily compromise ground plane integrity. Isolated or semi-isolated areas of the ground plane may be deliberately introduced to constrain ground currents to particular areas, for example the input capacitor and bottom FET ground. 2). The loop formed by the Input Capacitor(s) (Cin), the Top FET (Q1) and the Bottom FET (Q2) must be kept as small as possible. This loop contains all the high current, fast transition switching. Connections should be as wide and as short as possible to minimize loop inductance. Minimizing this loop area will a) reduce EMI, b) lower ground injection currents, resulting in electrically "cleaner" grounds for the rest of the system and c) minimize source ringing, resulting in more reliable gate switching signals. 3). The connection between the junction of Q1, Q2 and the output inductor should be a wide trace or copper region. It should be as short as practical. Since this connection has fast voltage transitions, keeping this connection short will minimize EMI. The connection between the output inductor and the sense resistor should be a wide trace or copper area, there are no fast voltage or current transitions in this connection and length is not so important, however adding unnecessary impedance will reduce efficiency.
12V IN
5V
10 1 2 3 4 0.1uF 5 6 0.1uF 7 8 9 10 11 12
AGND GATE1 LDOS1 LDOS2 VCC REF LDOEN CSCS+ PGNDH DH PGNDL GATE2 LDOV VID0 VID1 VID2 VID3 VID4 VOSENSE EN BSTH BSTL DL
24 23 22 21 20 19 18 17 16 15 14 13 Q2 Cout L + Q1 2.32k Cin + 1.00k 5mOhm Vout
SC1186
3.3V Q3 + Cin Lin Cout Lin1 +
Vo Lin1
Heavy lines indicate high current paths.
Layout Diagram SC1186
Vo Lin2 Q4 + Cout Lin2
2004 Semtech Corp.
7
www.semtech.com
SC1186
POWER MANAGEMENT Layout Guidelines (Cont.)
4) The Output Capacitor(s) (Cout) should be located as close to the load as possible, fast transient load currents are supplied by Cout only, and connections between Cout and the load must be short, wide copper areas to minimize inductance and resistance. 5) The SC1186 is best placed over a quiet ground plane area, avoid pulse currents in the Cin, Q1, Q2 loop flowing in this area. PGNDH and PGNDL should be returned to the ground plane close to the package. The AGND pin should be connected to the ground side of (one of) the output capacitor(s). If this is not possible, the AGND pin may be connected to the ground path between the Output Capacitor(s) and the Cin, Q1, Q2 loop. Under no circumstances should AGND be returned to a ground inside the Cin, Q1, Q2 loop. 6) Vcc for the SC1186 should be supplied from the 5V supply through a 10 resistor, the Vcc pin should be decoupled directly to AGND by a 0.1F ceramic capacitor, trace lengths should be as short as possible. 7) The Current Sense resistor and the divider across it should form as small a loop as possible, the traces running back to CS+ and CS- on the SC1186 should run parallel and close to each other. The 0.1F capacitor should be mounted as close to the CS+ and CS- pins as possible. 8) Ideally, the grounds for the two LDO sections should be returned to the ground side of (one of) the output capacitor(s).
5V
Currents in Power Section
+
Vout +
2004 Semtech Corp.
8
www.semtech.com
SC1186
POWER MANAGEMENT Component Selection
SWITCHING SECTION OUTPUT CAPACITORS - Selection begins with the most critical component. Because of fast transient load current requirements in modern microprocessor core supplies, the output capacitors must supply all transient load current requirements until the current in the output inductor ramps up to the new level. Output capacitor ESR is therefore one of the most important criteria. The maximum ESR can be simply calculated from:
R ESR Where Vt = Maximum transient voltage excursion It = Transient current step Vt It
The calculated maximum inductor value assumes 100% and 0% duty cycle capability, so some allowance must be made. Choosing an inductor value of 50 to 75% of the calculated maximum will guarantee that the inductor current will ramp fast enough to reduce the voltage dropped across the ESR at a faster rate than the capacitor sags, hence ensuring a good recovery from transient with no additional excursions. We must also be concerned with ripple current in the output inductor and a general rule of thumb has been to allow 10% of maximum output current as ripple current. Note that most of the output voltage ripple is produced by the inductor ripple current flowing in the output capacitor ESR. Ripple current can be calculated from:
ILRIPPLE = VIN 4 L fOSC
For example, to meet a 100mV transient limit with a 10A load step, the output capacitor ESR must be less than 10m. To meet this kind of ESR level, there are three available capacitor technologies.
Each Cap. Technology C (F) 330 330 1500 ESR (m) 60 25 44 Total ESR (m) 10 8.3 8.3
Ripple current allowance will define the minimum permitted inductor value. POWER FETS - The FETs are chosen based on several criteria, with probably the most important being power dissipation and power handling capability. TOP FET - The power dissipation in the top FET is a combination of conduction losses, switching losses and bottom FET body diode recovery losses.
a) Conduction losses are simply calculated as:
2 PCOND = IO RDS(on)
Qty. Rqd. C (F) 6 3 5
Low ESR Tantalum OS-CON Low ESR Aluminum
2000 990 7500
where = duty cycle VO VIN
The choice of which to use is simply a cost/performance issue, with Low ESR Aluminum being the cheapest, but taking up the most space. INDUCTOR - Having decided on a suitable type and value of output capacitor, the maximum allowable value of inductor can be calculated. Too large an inductor will produce a slow current ramp rate and will cause the output capacitor to supply more of the transient load current for longer - leading to an output voltage sag below the ESR excursion calculated above. The maximum inductor value may be calculated from:
L R ESR C VA It
b) Switching losses can be estimated by assuming a switching time, if we assume 100ns then:
PSW = IO VIN 10 -2
or more generally,
PSW = IO VIN ( t r + t f ) fOSC 4
where VA is the lesser of VO or (VIN - VO )
c) Body diode recovery losses are more difficult to estimate, but to a first approximation, it is reasonable to assume that the stored charge on the bottom FET body diode will be moved through the top FET as it starts to turn on. The resulting power dissipation in the top FET will be:
PRR = QRR VIN fOSC
2004 Semtech Corp.
9
www.semtech.com
SC1186
POWER MANAGEMENT Component Selection (Cont.)
To a first order approximation, it is convenient to only consider conduction losses to determine FET suitability. For a 5V in; 2.8V out at 14.2A requirement, typical FET losses would be: Using 1.5X Room temp RDS(ON) to allow for temperature rise.
FET type IRL34025 IRL2203 Si4410 RDS(on) (m) 15 10.5 20 PD (W) 1.69 1.19 2.26 Package D2Pak D2Pak S0-8
INPUT CAPACITORS - since the RMS ripple current in the input capacitors may be as high as 50% of the output current, suitable capacitors must be chosen accordingly. Also, during fast load transients, there may be restrictions on input di/dt. These restrictions require useable energy storage within the converter circuitry, either as extra output capacitance or, more usually, additional input capacitors. Choosing low ESR input capacitors will help maximize ripple rating for a given size. GATE RESISTOR SELECTION - The gate resistors for the top and bottom switching FETs limit the peak gate current and hence control the transition time. It is important to control the off time transition of the top FET, it should be fast to limit switching losses, but not so fast as to cause excessive phase node oscillation below ground as this can lead to current injection in the IC substrate and erratic behaviour or latchup. The actual value should be determined in the application, with the final layout and FETs. SHORT CIRCUIT PROTECTION - LINEARS The Short circuit feature on the linear controllers is implemented by using the Rds(on) of the FETs. As output current increases, the regulation loop maintains the output voltage by turning the FET on more and more. Eventually, as the Rds(on) limit is reached, the FET will be unably to turn on more fully, and output voltage will start to fall. When the output voltage falls to approximately 40% of nominal, the LDO controller is latched off, setting output voltage to 0. Power must be cycled to reset the latch. To prevent false latching due to capacitor inrush currents or low supply rails, the current limit latch is initially disabled. It is enabled at a preset time (nominally 2ms) after both the LDOV and LDOEN pins rise above their lockout points. To be most effective, the linear FET Rds(on) should not be selected artificially low, the FET should be chosen so that, at maximum required current, it is almost fully turned on. If, for example, a linear supply of 1.5V at 4A is required from a 3.3V 5% rail, max allowable Rds(on) would be. Rds(on)max = (0.95*3.3-1.5)/4 400m To allow for temperature effects 200m would be a suitable room temperature maximum, allowing a peak short circuit current of approximately 15A for a short time before shutdown.
BOTTOM FET - Bottom FET losses are almost entirely due to conduction. The body diode is forced into conduction at the beginning and end of the bottom switch conduction period, so when the FET turns on and off, there is very little voltage across it, resulting in low switching losses. Conduction losses for the FET can be determined by:
2 PCOND = IO RDS( on) (1 - )
For the example above:
FET type IRL34025 IRL2203 Si4410 RDS(on) (m) 15 10.5 20 PD (W) 1.33 0.93 1.77 Package D2Pak D2Pak S0-8
Each of the package types has a characteristic thermal impedance. For the surface mount packages on double sided FR4, 2 oz printed circuit board material, thermal impedances of 40oC/W for the D2PAK and 80oC/W for the SO-8 are readily achievable. The corresponding temperature rise is detailed below:
Temperature Rise (OC) FET type IRL34025 IRL2203 Si4410 Top FET 67.6 47.6 180.8 Bottom FET 53.2 37.2 141.6
It is apparent that single SO-8 Si4410 are not adequate for this application, but by using parallel pairs in each position, power dissipation will be approximately halved and temperature rise reduced by a factor of 4.
2004 Semtech Corp. 10 www.semtech.com
SC1186
POWER MANAGEMENT Theory of Operation (Linear OCP)
The Linear controllers in the SC1186 have built in Overcurrent Protection (OCP). An overcurrent is assumed to have occured when the external FET is turned fully on and the output currrent is RDS(ON) limited, this is detected by the gate voltage going very high while the output voltage is below approximately 40% of it's setpoint. To allow for capacitor charging and very short overcurrent durations, the gate voltage is ramped very slowly upwards whenever the output voltage is below the OCP threshold. To guarantee that the LDO output voltage is capable of reaching it's setpoint, the gate drive is disabled until both LDOV Undervoltage Lockout (UVLO) and LDOEN Threshold values are exceeded, ensuring that there is sufficient gate drive capability and sufficient LDO input voltage capability. A block diagram of one LDO controller is shown below.
Gate 1.4V/us Vout 1V/ms Vout/2
Time
Startup with no short circuit
12V LDOV LDOEN
3.3V
If at some later time, a short circuit is applied to the output, the GATEx voltage will ramp up quickly as Vout falls to try and maintain regulation. Once Vout has fallen to the OCP threshold, switch S1 will open and the gate will continue ramping at the 1V/ms rate. If the short is not removed before the GATEx output reaches approximately LDOV - 0.7V, the GATEx pin will be latched low, disabling the LDO
Short applied
+ 10pF
C RAMP gm + + VREF 1.26V SWITCH CLOSED ON LOW + 10nA R R1 14uA S1 1.3V -
LDOV
GATEx
R2
1V/ms Gate
LDOV-0.7V
LDOSx
Vout
R
+
Vout Vout/2 Time
AGND
RESET BY LDOV LOW Q
Short circuit after startup
S + R LDOV-0.7V
If the LDO tries to start into a short, the gate ramps at the 1V/ms rate to LDOV - 0.7V, where the GATEx pin will be latched low.
During a normal start-up, once LDOV and LDOEN have reached their thresholds, the GATEx pin is released and CRAMP is charged by 10nA causing the GATEx voltage to ramp at 10nA/10pF = 1V/ms. Once the GATEx output has ramped to the external FET threshold, Vout starts to ramp up, following GATEx. When Vout reaches the OCP threshold, approximately 40% of setpoint, switch S1 is closed and GATEx ramps up at a much faster rate, followed by Vout, until Vout reaches setpoint and the loop settles into steady state regulation.
2004 Semtech Corp. 11
Gate
LDOV-0.7V
1V/ms
Time
Startup into short circuit
www.semtech.com
SC1186
POWER MANAGEMENT Typical Characteristics
Typical Efficiency (Switching section)
96%
Typical Ripple, Vo=2.0V, Io=10A
PIN Descriptions
92% Efficiency (%) 88%
84%
80%
Vo=2.8V Vo=2.0V Vo=2.5V
76% 0.0 2.0 4.0 6.0 8.0 Io (Amps) 10.0 12.0 14.0 16.0
Transient Response Vo=2.4V, Io=300mA to 15A
2.5V Linear Short circuit output response
2004 Semtech Corp.
12
www.semtech.com
2004 Semtech Corp.
+ C28 0.1uF
VOUT
J1 TABLE VALID FOR 1x5mOhm SENSE RESISTOR
12V C27 47uF
J21
J16 R1 10 C18 1500uF + C19 1500uF + C1 0.1uF
POWER MANAGEMENT Evaluation Board Schematic
5V
1 2 3 4
C2 1500uF
+
C3 1500uF
+
DROOP mV/A 0 1 2 5 1 2 5 1 2 5
OFFSET mV/V 0 2 2 2 5 5 5 10 10 10 R11 (Ohm) 0 2.5 3.3 EMPTY 6.3 8.3 EMPTY 12.5 16.7 EMPTY R15 (Ohm) EMPTY 10 5 2 25 12.5 5 50 25 10
R3 U1 5
VCC LDOEN VID0 VID1 VID2 VID3 VID4 EN AGND LDOV REF GATE1 LDOS1 GATE2 LDOS2 PGNDL PGNDH DL BSTL DH BSTH VOSENSE CSCS+
EMPTY 9 8 17 15 11 14 13 10 12 6 2 3 2 4 Q6 J13 VLIN1
2.5V
C4 0.1uF 7 22 21 20 19 18 16 1 23 24 4 SC1186CS 3 8 + U2A LM358 R16 0 R17 See Table R18 See Table + C24 330uF + C25 330uF J20 12V Q4 IRLR3103N R10 2R2 R15 See Table L1 1.9uH L2R Q3 IRLR3103N R9 2R2 R8 5mOhm Q1 IRLR3103 R6 2R2 R4 1.00k R5 2.32k Q2 IRLR3103N R7 2R2 0.1uF
C5
VID 43210 01111 01110 01101 01100 01011 01010 01001 01000 00111 00110 00101 00100 00011 00010 00001 00000 NO CPU 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 3.10 3.20 3.30 3.40 3.50
VOUT VID 43210 1.30 11111 1.35 11110 1.40 11101 1.45 11100 1.50 11011 1.55 11010 1.60 11001 1.65 11000 1.70 10111 1.75 10110 1.80 10101 1.85 10100 1.90 10011 1.95 10010 2.00 10001 2.05 10000
VID0
VID1
VID2
VCC_CORE C6 R11 See Table C8 + C7 + C9 + J17 + C10 0.1uF
1 2 3 4
VID3
VID4
13
1 VLIN2
1.5V
EN
654321
S1
R12 1k
1500uF 1500uF 1500uF 1500uF
J12
3.3V
3.3V
J18 SCOPE TP
C11 330uF J14 IRLR024N C13 0.1uF + C17 330uF +
+
Q7 IRLR024N VLIN3
C20 + J19 C22 +
C21 + C23 +
+ C14 330uF J23 J24 + C15 330uF C16 330uF +
C12 330uF
Q5 IRLR024N
1500uF 1500uF 1500uF 1500uF
J22
J25
J15
VLIN3 1.5V 1.8V 2.5V
R17 18.7 42.2 97.6
R18 100 100 100
SC1186
www.semtech.com
SC1186
POWER MANAGEMENT Evaluation Board Bill of Materials
Item 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 Qty. 6 12 8 1 1 3 3 1 1 1 1 4 1 2 1 1 2 1 1 Reference C1, C4, C5, C10, C13, C28 C2, C3, C6, C7, C8, C9, C18, C19, C20, C21, C22, C23 C11, C12, C14, C15, C16, C17, C24, C25 C27 L1 Q1, Q2, Q3, Q4 Q5, Q6, Q7 R1 R3 R4 R5 R6, R7, R9, R10 R8 R15, R11 R12 R16 R17, R18 U1 U2 Value 0.1uF 1500uF 330uF 47uF 1.9uH IRLR3103N IRLR024N 10 EMPTY 1.00k 2.32k 2R2 5mOhm See Table 2 1k 0 See Table SC1186CS LM358 SEMTECH IRC OAR1 1% 1% Low ESR Sanyo MV-GX or equivalent Notes
2004 Semtech Corp.
14
www.semtech.com
SC1186
POWER MANAGEMENT Outline Drawing - SO-24
A
N
e
D
DIM
A A1 A2 b c D E1 E e h J L L1 N R 01 aaa bbb ccc
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.104 2.35 2.65 .093 .012 0.10 0.30 .004 .100 2.05 2.55 .081 .012 .020 0.31 0.51 .013 0.20 0.33 .008 .602 .606 .610 15.30 15.40 15.50 .291 .295 .299 7.40 7.50 7.60 .406 BSC 10.30 BSC .050 BSC 1.27 BSC .010 .030 0.25 0.75 .020 .030 0.50 0.75 .041 0.40 1.04 .016 (1.04) (.041) 24 24 .024 .035 0.60 0.90 8 0 8 0 .004 0.10 .010 0.25 .013 0.33
2X E/2
E1 R
E
ccc C
2X N/2 TIPS
1
2
3
e/2 B
D
aaa C SEATING PLANE C J
h A2 A H bxN bbb A1 C A-B D GAGE PLANE 0.25 SEE DETAIL L (L1) DETAIL c h
01
NOTES: 1. 2. DATUMS -A- AND -B-
SIDE VIEW
A
A
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). TO BE DETERMINED AT DATUM PLANE-H-
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 4. REFERENCE JEDEC STD MS-013, VARIATION AD.
Outline Drawing - SO-24
X
DIM
(C) G Z C G P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.362) .276 .050 .024 .087 .449 (9.20) 7.00 1.27 0.60 2.20 11.40
Y P
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET. 2. REFERENCE IPC-SM-782A, RLP NO. 307A.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2004 Semtech Corp. 15 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC118604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X