Part Number Hot Search : 
BAP816 40031AIL GST160A AN6884 STX6904 KA378R05 LG12864 KABS22
Product Description
Full Text Search
 

To Download RN142107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN1421RN1427
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1421,RN1422,RN1423,RN1424 RN1425,RN1426,RN1427
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
High current type (IC (max) = 800mA) With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process Low VCE (sat) Complementary to RN2401~RN2406 Unit: mm
Equivalent Circuit and Bias Resister Values
Type No. RN1421 RN1422 RN1423 RN1424 RN1425 RN1426 RN1427 R1 (k) 1 2.2 4.7 10 0.47 1 2.2 R2 (k) 1 2.2 4.7 10 10 10 10
JEDEC JEITA TOSHIBA
SC-59 2-3F1A
Weight: 0.012 g (typ.)
Absolute Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage RN1421~1427 RN1421~1424 Emitter-base voltage RN1425, 1426 RN1427 Collector current Collector power dissipation Junction temperature Storage temperature range RN1421~1427 IC PC Tj Tstg VEBO Symbol VCBO VCEO Rating 50 50 10 5 6 800 200 150 -55~150 mA mW C C V Unit V V
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2007-11-01
RN1421RN1427
Electrical Characteristics (Ta = 25C)
Characteristic Collector cut-off current RN1421~1427 RN1421 RN1422 RN1423 Emitter cut-off current RN1424 RN1425 RN1426 RN1427 RN1421 RN1422 RN1423 DC current gain RN1424 RN1425 RN1426 RN1427 Collector-emitter saturation voltage RN1421~1427 RN1421 RN1422 RN1423 Input voltage (ON) RN1424 RN1425 RN1426 RN1427 RN1421~1424 Input voltage (OFF) RN1425, 1426 RN1427 Transition frequency Collector Output capacitance RN1421~1427 RN1421~1427 RN1421 RN1422 RN1423 Input resistor RN1424 RN1425 RN1426 RN1427 RN1421~1424 Resistor ratio RN1425 RN1426 RN1427 R1/R2 R1 fT Cob VCE = 5V, IC = 20mA VCB = 10V, IE = 0, f = 1MHz VI (OFF) VCE = 5V, IC = 0.1mA VI (ON) VCE = 0.2V, IC = 100mA VCE (sat) IC = 50mA, IB = 2mA IC = 50mA, IB = 1mA hFE VCE = 1V, IC = 100mA IEBO VEB = 5V, IC = 0 VEB = 6V, IC = 0 VEB = 10V, IC = 0 Symbol ICBO ICEO Test Circuit Test Condition VCB = 50V, IE = 0 VCE = 50V, IB = 0 Min 3.85 1.75 0.82 0.38 0.365 0.35 0.378 60 65 70 90 90 90 90 1.0 1.4 2.0 3.0 0.6 0.7 1.0 0.8 0.4 0.5 0.7 1.54 3.29 7 0.329 0.7 1.54 0.9 0.0423 0.09 0.2 300 7 1.0 2.2 4.7 10 0.47 1.0 2.2 1.0 0.047 0.1 0.22 Typ. Max 100 500 7.14 3.25 1.52 0.71 0.682 0.65 0.703 0.25 3.5 4.5 6.5 12.0 2.0 2.5 3.0 1.3 0.8 1.0 1.3 2.86 6.11 13 0.61 1.3 2.86 1.1 0.0517 0.11 0.24 k MHz pF V V V mA Unit nA
2
2007-11-01
RN1421RN1427
3
2007-11-01
RN1421RN1427
4
2007-11-01
RN1421RN1427
5
2007-11-01
RN1421RN1427
6
2007-11-01
RN1421RN1427
Type Name Marking
RN1421
RN1422
RN1423
RN1424
RN1425
RN1426
RN1427
7
2007-11-01
RN1421RN1427
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2007-11-01


▲Up To Search▲   

 
Price & Availability of RN142107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X