Part Number Hot Search : 
40HR308 S4806CBI RFR3806 P6KE10 28128 JAN4N49 RN498 1855MF9
Product Description
Full Text Search
 

To Download PS7111-2A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8 PIN DIP SOLID STATE RELAY
PS7111-2A PS7111L-2A
FEATURES
* 2 CHANNEL TYPE: (1a + 1a output) * DESIGNED FOR AC/DC SWITCHING LINE CHANGER * SMALL PACKAGE: 8 pin DIP * LOW OFFSET VOLTAGE * SURFACE MOUNT TYPE LEAD: PS7111L-2A * LOW LED OPERATING CURRENT: IF = 2 mA
DESCRIPTION
PS7111-2A and PS7111L-2A are solid state relays containing GaAs LEDs on the light emitting side (input side) and MOSFETs on the (output side). They are suitable for analog signal control because of their low offset and high linearity.
APPLICATIONS
* EXCHANGE EQUIPMENT * MEASUREMENT EQUIPMENT * FA/OA EQUIPMENT
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PART NUMBER SYMBOLS PARAMETERS Forward Voltage, IF = 10 mA Reverse Current, VR = 5 V Off-State Leakage Current, VD = 100 V Output Capacitance, VD = 0 V, f = 1 MHz LED On-state Current, IL = 100 mA On-State Resistance, IF = 10 mA, IL = 10 mA On-State Resistance, IF = 10 mA, IL = 100 mA, t10 ms Turn-on Time1 Turn-off Time1 IF = 10 mA, VL = 5 V, RL = 500 , PW 10 ms ms pF/ch 109 1.1 PS7111-2A, PS7111L-2A
8 7 6 5
PS7111-2A, PS7111L-2A UNITS V A A pF/ch mA 3.0 0.1 0.03 0.03 57 2.0 6.0 0.4 0.2 MIN TYP 1.2 MAX 1.4 5.0 1.0
MOS Diode FET
VF IR ILOFF COUT IFon RON1 RON2 tON tOFF RI-O CI-O
Coupled
Isolation Resistance, VI-O = 1.0 kVCC Isolation Capacitance, V = 0 V, f = 1 MHz
Note: 1. Test Circuit for Switching Time
IF Pulse Input VL
Input 50% 0
1
2
3
4
Input Monitor Rin RL
VO Monitor
VO = 5 V Output
90%
10% ton toff
California Eastern Laboratories
PS7111-2A, PS7111L-2A ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS Diode IF VR PD IFP MOSFET VL IL ILP PD Coupled BV PT TA TSTG PARAMETERS Forward Current (DC) Reverse Voltage Power Dissipation Peak Foward Current2 Break Down Voltage Continuous Load Current Pulse Load Current3 (AC/DC Connection) Power Dissipation Isolation Voltage4 Total Power Dissipation Operating Ambient Temp. Storage Temperature UNITS mA V mW/ch A V mA mA mW/ch V mW C C RATINGS 50 5.0 50 1 100 100 300 375 1500 850 -40 to +80 -40 to +100
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
PART NUMBER SYMBOLS PARAMETERS IF LED Operating Current VF LED Off Voltage PS7111-2A,PS7111L-2A UNITS mA V MIN TYP MAX 2 10 20 0 0.5
ORDERING INFORMATION
PART NUMBER PS7111-2A PS7111L-2A PS7111L-2A-E3 PS7111L-2A-E4 Embossed Tape 1000 pcs/reel PACKAGE 8 pin DIP PACKING STYLE Magazine case 50 pcs
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. PW = 100 s, Duty Cycle = 1 % 3. PW = 100 ms, 1 shot. 4. AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output.
OUTLINE DIMENSIONS (Units in mm)
PS7111-2A TOP VIEW
9.250.5
8 7 6 5
PS7111L-2A
9.250.5 8
TOP VIEW
7 6 5
1
2
3
4
1
2 6.50.5
3
4
3.50.3
7.62 6.50.5
4.150.3 3.50.3
0.10 -0.05 0.90.25 9.600.4
+0.10
1.340.1
2.54
3.30.3 1.34 0.10 2.54 0.25 M 0.50 0.10
0 to 15
1. 2. 3. 4. 5. 6. 7. 8.
LED Anode LED Cathode LED Anode LED Cathode MOSFET MOSFET MOSFET MOSFET
1. 2. 3. 4. 5. 6. 7. 8.
LED Anode LED Cathode LED Anode LED Cathode MOSFET MOSFET MOSFET MOSFET
PS7111-2A, PS7111L-2A TYPICAL PERFORMANCE CURVES (TA = 25 C)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
100 150
MAXIMUM LOAD CURRENT vs. AMBIENT TEMPERATURE
Maximum Forward Current, IF (mA)
80
Maximum Load Current, IL (mA)
80
100
60
40
50
20
0 -25
0
25
50
75
100
0 -25
0
25
50
75
80
100
Ambient Temperature, TA (C) FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.6
250
Ambient Temperature, TA (C) OUTPUT CAPACITANCE vs. SUPPLY VOLTAGE
f = 1 MHz
1.4 IF = 50 mA 1.2 30 mA 20 mA 10 mA 5 mA 1.0 1 mA
Output Capacitance, (pF)
Forward Voltage, VF (V)
200
150
100
50
0.8 -25
0
25
50
75
100
0
20
40
60
80
100
120
Ambient Temperature, TA (C) NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE
3.0
30
Supply Voltage, VCC (V)
ON-STATE DISTRIBUTION
n = 50 pcs IF = 10 mA IL = 10 mA
Normalized On-State Resistance, RON
2.5
Normalized to 1.0 at TA = 25C, IF = 10 mA, IL = 10 mA
25
Number (pcs)
0 25 50 75 100
2.0
20
1.5
15
1.0
10
0.5
5
0 -25
0 2.8 2.9 3.0
Ambient Temperature, TA (C)
On-State Resistance, Ron ()
PS7111-2A, PS7111L-2A TYPICAL PERFORMANCE CURVES (TA = 25 C)
OFF-STATE LEAKAGE CURRENT vs. SUPPLY VOLTAGE
10-3
LOAD CURRENT vs. LOAD VOLTAGE
IF = 10 mA
Off-State Leakage Current, ILOFF (A)
10
-4
100
10
-5
TA = 80 C
Load Current, IL (mA)
50
10
-6
-0.5
-0.25 -50
0
0.25
0.5
10
-7
TA = 25 C
-8
10
-100
-9
10
0
20
40
60
80
100
120
Supply Voltage, VCC (V) TURN-ON TIME vs. FORWARD CURRENT
8.0 IF = 10 mA VL = 5 V RL = 500 6.0
0.5
Load Voltage, VL (V) TURN-OFF TIME vs. FORWARD CURRENT
IF = 10 mA VL = 5 V RL = 500
Turn-off Time, tOFF (ms)
10 20 30 40
Turn-on Time, tON (ms)
0.4
0.3
4.0
0.2
2.0
0.1
0
0
10
20
30
40
Forward Current, IF (mA)
Forward Current, IF (mA)
TURN-ON TIME DISTRIBUTION
30 n = 50 pcs IF = 10 mA VO = 5 V 30
TURN-OFF TIME DISTRIBUTION
n = 50 pcs IF = 10 mA VO = 5 V
25
25
Number (pcs)
15
Number (pcs)
0.315
20
20
15
10
10
5
5
0 0.05 0.10
0 0.02 0.06
Turn-on Time, tON (ms)
Turn-off Time, tOFF (ms)
PS7111-2A, PS7111L-2A TYPICAL PERFORMANCE CURVES (TA = 25 C)
NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0
3.0
NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
Normalized to 1.0 at TA = 25 C IF = 10 mA VL = 5 V RL = 500
2.5
Normalized Turn-off Time, tOFF
100
Normalized Turn-on Time, tON
Normalized to 1.0 at TA = 25 C IF = 10 mA VL = 5 V RL = 500
2.5
2.0
2.0
1.5
1.5
1.0
1.0
0.5
0.5
0.0 -25
0
25
50
75
0.0 -25
0
25
50
75
100
Ambient Temperature, TA (C)
Ambient Temperature, TA (C)
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (TAPE)
1.75 0.1
OUTLINE AND DIMENSIONS (REEL)
4.3 0.2
2.0 0.1 4.0 0.1 1.55 0.1
2.0 0.5
7.5 0.1
16.0 0.3
13.0 0.5
10.3 0.1
R 1.0
21.0 0.8
1.55 0.1 12.0 0.1
10.7 0.1
0.3
80.0 5.0
330
16.4- 0.0
+2.0
Packaging : 1000 pcs/reel
TAPING DIRECTION PS7111L-2A-E3 PS7111L-2A-E4
PS7111-2A, PS7111L-2A RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of temperature higher than 210 C * Number of reflows * Flux 235 C or below (package surface temperature) 30 seconds or less Two Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 235 C (peak temperature) 210 C to 30 s 100 to 160 C 60 to 120 s (preheating)
Time (s)
(2) Dip soldering * Temperature * Time * Number of times * Flux
260 C or below (molten solder temperature) 10 seconds or less One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
(3) Cautions * Fluxes Avoid removing the residual flux with freon-based cleaning solvent.
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM 07/27/2001 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of PS7111-2A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X