Part Number Hot Search : 
SM5032C MMSZ5241 CSC2313F TIL31 MG300 MIC706R CXD2401R LTC1434C
Product Description
Full Text Search
 

To Download NTE7166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7166 Integrated Circuit Flyback Switching Regulator
Description: The NTE7166 is an integrated circuit in a 5 - Lead Staggered TO3P type package and is specifically designed to satisfy the requirements for increased integration and reliability in off - line quasi- resonant flyback converters. This device incorporates a primary control and drive circuit with discrete avalanche - rated power MOSFETs. Cycle - by - cycle current limiting, under - voltage lockout with hysteresis, over - voltage protection, and thermal shutdown protects the power supply during th normal overload an fault conditions. Over voltge protection and thermal shutdown are latched after a short delay. The latch may be reset by cycling the input supply. Low - current startup and a low - power standby mode selected from the secondary circuit completes a comprehensive suite of features. Features: D Flyback Operation with Quasi - Resonant Soft Switching for Low Power Dissipation and EMI D Rugged Avalanche - Rated MOSFET D Full Over - Current Protection (No Blanking) D Under - Voltage Lockout with Hysteresis D Over - Voltage Protection D Direct Voltage Feedback D Low Start - Up Current D Low - Frequency, Low - Power Standby Operation Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Control Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Drain - Source Voltage, VDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Drain Switching Current, ID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16A Peak Drain Current, IDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26A Avalanche Energy, EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 327mJ OCP/FB Voltage Range, VOCP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to +6V Power Dissipation (VIN x IIN(ON)), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8W FET Channel Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Internal Case Temperature, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Operating Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 20 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 40 to +125C Thermal Resistance, Junction - to - Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.75C/W
Electrical Characteristics: (TA = +25C, VIN = 18V unless otherwise specified)
Parameter On - State Voltage Under- Voltage Lockout Over - Voltage Threshold Drain- Source Breakdown Voltage Drain Leakage Current On - State Resistance Output Power Maximum Off Time Minimum Pulse Duration for Input of Quasi- Resonant Signals Minimum Off Time Feedback Threshold Voltage Over - Current Protection/Feedback Sink Current Latch Holding Current Latch Release Voltage Switching Time Supply Current Insulation RMS Voltage Symbol VINT VINQ VOVP(th) VBR(DSS) IDSS rDS(ON) POUT toff tw(th) toff VFDBK IOCP/FB IIN(OVP) VIN tf IIN(ON) IIN(OFF) Test Conditions Turn - On, Increasing VIN Turn - Off, Decreasing VIN Turn - Off, Increasing VIN ID = 300A At VDSmax VS = 10V, ID = 0.9A, TJ = +25C VIN = 100Vrms VIN = 120Vrms Drain Waveform High Drain Waveform High, Note 1 Drain Waveform High, Note 1 Drain Waveform Low to High, Note 1 Oscillator Synchronized, Note 2 VOCP/FB = 1.0V VIN Reduced from 24.5V to 8.5V IIN 20A, VIN Reduced from 24.5V VDD = 200V, ID = 0.9A Operating, Note 3 Increasing VIN Prior to Oscillation Min 14.4 9 20.5 VDSmax 45 0.68 1.30 1.20 6.6 2000 Typ 16.0 10 22.5 0.73 1.45 1.35 Max 17.6 11 24.5 300 0.58 145 190 55 1.0 1.5 0.78 1.60 1.50 400 8.4 250 30 100 Unit V V V V A W W s s s V V mA A V ns mA A V C
VWM(RMS) All Terminals Simultaneous reference to a Metal Plate Against the backside TJ
Thermal Shutdown
140
-
-
Note 1. Feedback is square wave, VIM = 2.2V, th = 1s, tl = 35s. Note 2. For quasi - resonant operation, the input signal must be longer than tw(th) and greater than VFDBK. Note 3. Feedback is square wave, VIM = 2.2V, th = 4s, tl = 1s.
Pin Connection Diagram (Front View)
5 GND 4 Supply 3 Drain 2 Source 1 Overcurrent & Feedback
.217 (5.5) .614 (15.6) .217 (5.5) .136 (3.45)
.126 (3.2) Dia
.905 (23.0)
1
5 .275 (7.0) .217 (5.5) .100 (2.54) .177 (4.5)


▲Up To Search▲   

 
Price & Availability of NTE7166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X