Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download NTE7163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7163 Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
Description: The NTE7163 is a new technology class AB audio power amplifier in a 25-Lead Staggered SIP type package designed for high end car radio applications. Thanks to the PNP/NPN output configuration the NTE7163 allows a rail to rail output voltage swing with no need of bootstrap capacitors. The extremely reduced components count allows very compact sets. Features: D High Output Power Capability 4 x 45W/4 Max 4 x 40W/4 J 4 x 28W/4 @ 14.4V, 1KHz, 10% 4 x 24W/4 @ 13.2V, 1KHz, 10% D Low Distortion D Low Output Noise D ST-BY Function D Mute Function D Automute at Min. Supply Voltage Detection D Low External Component Count: Internally Fixed Gain (26dB) No External Compensation No Bootstrap Capacitors Protections: D Output Short Circut to GND, To VS, Across the Load D Very Inductive Loads D Overrating Chip Temperature with Soft Thermal Limiter D Load Dump Voltage D Fortuitous Open GND Absolute Maximum Ratings: Operating Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V DC Supply Voltage, VCC (DC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28V Peak Supply Voltage (t = 50ms), VCC (pk) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V Output Peak Current, IO Repetitive (Duty Cycle 10% at f = 10Hz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5A Non-Repetitive (t = 100s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5A Total Power Dissipation (TC = +70), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80W Operating Junction Temperature, Tj . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 55 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1C/W
Electrical Characteristics: (VS = 14.4V, f = 1KHz, Rg = 600, RL = 4, TA = +25C unless otherwise specified)
Parameter Quiescent Current Output Offset Voltage During Mute ON/OFF Output Offset Voltage Voltage Gain Channel Gain Unbalance Output Power Symbol Iq1 VOS dVOS GV dGV PO VS = 13.2V; THD= 10% VS = 13.2V; THD = 0.8% VS = 14.4V, THD = 10% EIAJ Output Power Max. Output Power Total Harmonic Distortion Output Noise PO EIAJ VS = 13.7, Note 1 PO max. VS = 14.4V, Note 1 THD eno SVR fch Ri Cr ISB Ipin4 VSB out VSB in AM VM out VM in VAM in Ipin22 f = 1kHz, PO = 4W f = 10kHz, PO = 4w St-By Current Consumption St-By Pin Current St-By Out Threshold Voltage ST-By In Threshold Voltage Mute Attenuation Mute Out Threshold Voltage Mute In Threshold Voltage VS Automute Threshold Muting Pin Current VST-BY = 1.5V VSt-By = 1.5V to 3.5V Amp: ON AMP: OFF POref = 4W Amp: Play Amp: Mute Amp: Mute, Att 80dB; POref = 4W Amp: Play, Att < 0.1dB; Po = 0.5W VMUTE = 1.5V (Sourced Current) VMUTE = 3.5V PO = 4W "A" Weighted BW = 20Hz to 20kHz Supply Voltage Rejection High Cut-Off Frequency Input Impedance Cross Talk f = 100Hz Vr = 1Vrms Po = 0.5W RL = Play Mode Test Conditions Min - - - 25 - 22 16.5 26 37.5 43 - - - 50 80 70 60 - - - 3.5 - 80 3.5 - - - 5 -5 Typ 190 - - 26 - 24 18 28 40 45 50 70 75 200 100 70 60 - - - - 90 - - - 7.6 11 - Max Unit 350 80 80 27 1 - - - - - 70 100 - - - - - 50 10 - 1.5 - - 1.5 6.5 8.5 20 20 mA mV mV dB dB W W W W W %
0.04 0.15
V V
dB kHz k dB dB
A A
V V dB V V V V
A A
Note 1. Saturated square wave output.
Pin Connection Diagram (Front View) 25 22 24 21 23 20 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 HSD P-GND4 Output 4 (-) Mute Output 4 (+) VCC Output 3 (-) P-GND3 Output 3 (+) AC-GND Input 3 Input 4 S-GND Input 2 Input 1 SVR Output 1 (+) P-GND1 Output 1 (-) VCC Output 2 (+) ST-BY Output 2 (-) P-GND2 TAB
1.153 (29.3) Max .503 (12.8) .177 (4.5)
.626 (15.9) Max .134 (3.4) .309 (7.85) 1 25 .747 (18.97) .904 (22.97) Max
.138 (3.5) .040 (1.0) Typ .945 (24.0) .157 (4.0) .157 (4.0)


▲Up To Search▲   

 
Price & Availability of NTE7163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X