Part Number Hot Search : 
IRFR120N 4A60S 20N10L 5SMC36A 07508 1SS38 2W330S SD1080T
Product Description
Full Text Search
 

To Download NT7605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
NT76
NT76
E9930952E01
R
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
04001010695
50Hz 750V 50Hz 1500V 100m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 235 2 3 0.5s -40~85 85% (at 20 ) 10g
22.3 16.6 11
R2033977 E160644 Patent NO.:99206684.0
C US
Features
Super light in weight. High sensitivity. Switching capacity up to 16A. PC board mounting.
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. TU V 10A/250VAC 16A/250VAC;14VDC CQC 16A/250VAC
Safety approvals
Safety approval UL&CUR 1A 16A/250VAC 1C
Ordering Information
Load
NT76
1
C
2
S
3
DC12V
4
C
5
0.2
6
4 Coil rated voltage(V) DC:5,6,9,12,18,24,48,100 5 Contact material C: AgCdO S: AgSnO2In 2O 3 6 Coil power consumption 0.2:0.2W 0.25:0.25W 0.45:0.45W 0.6:0.6W
Dimensions
22.3max. 0.878max. 11max. 0.433max. 16.6max. 0.653max. 17.78 0.700
mm /inch
1 Part number NT76 2 Contact arrangement A:1A C:1C 3 Enclosure S: Sealed type Z: Dust cover
2- 0.9
0.035
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation al Electrical life Mechanical
0.012
12.7 0.500
0.3
1A SPSTNO 1C SPDT(B-M) AgCdO AgSnO2In 2O 3
1A: 16A/250VAC, 30VDC;1C: NO:16A/250VAC, 30VDC NC:10A/250VAC,30VDC
0.4 0.016
Contact Data
3- 1.3
0.700
T V 16A/250VAC,14VDC 300W 2500VA 110VDC 380VAC 50m 105 107
3.9
0.153
2-1.1 0.3 0.043 0.012 2.3 0.091
0.4
1.1 0.043 10.16 0.400 (7.62) 0.300
Max. Switching Current:16A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
2- 0.6
0.024
0.016
Dimensions
Mounting (Bottom view)
Coil Parameter
Coil voltage VDC Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) 3.75 4.50 6.75 9.00 13.5 18.0 38.4 3.75 4.50 6.75 9.00 13.5 18.0 38.4 80.0 Release voltage VDC(min) (5% of rated voltage) 0.25 0.30 0.45 0.60 0.90 1.20 2.40 0.25 0.30 0.45 0.60 0.90 1.20 2.40 10.0 Coil power consumption W Operate Time ms Release Time ms
Dash numbers
1A
1C
Rated 005-200 006-200 009-200 012-200 018-200 024-200 048-250 005-450 006-450 009-450 012-450 018-450 024-450 048-450 100-600 5 6 9 12 18 24 48 5 6 9 12 18 24 48 100
Max. 6.5 7.8 11.7 15.6 23.4 31.2 52.8 6.5 7.8 11.7 15.6 23.4 31.2 52.8 130 125 180 405 720 1620 2880 9216 56 80 180 320 720 1280 5120 16600
Wiring diagram (Bottom view) NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
0.20
10
5
Reference Data
0.25 10 5
0.45
10
5
0.6
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of NT7605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X