|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Presente / Presents: DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com NHG RELAYS NT73 (JQC-3FC) NT73 (JQC-3FC) 03001003509 R Operation condition Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 250M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 T Ea est IEC68-2-6 T Fc est IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 750V 50Hz 1500V 100m/s2 11ms 10~55Hz double amplitude 1.5mm 5N 235 2 3 0.5s -55~85 93% (at 40 ) 10.5g C US 19.5 16.5 16.5 E158859 Features Superminiature, High power. Low coil power consumption. PC board mounting. Suitable for household appliances, automation system, electronic equipment, instrument and meter, communication facilities and remote control facilities. Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. CQC 5A/250VAC Safety approvals Safety approval UL & CUR 12A/125VAC 28VDC 6A/277VAC 10A/250VAC Insulation B-class F-class Ordering Information NT73 C 1 2 S 10 DC12V 3 4 5 F 6 4 Contact current 5:5A 6:6A 10:10A 12:12A 5 Coil rated voltage(V) DC:3,4.5,5,6,9,12,24,36,48 6 Resistance heat class NIL:130 F:155 Load 1 Part number NT73(JQC-3FC) 2 Contact arrangement A:1A B:1B C:1C 3 Enclosure S:Sealed type NIL:Dust cover Dimensions Max. 0.768max. Max. 0.650max. 0.012 0.079 0.480 mm /inch Contact Data Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operational Electrical life Mechanical 1A SPSTNO 1B SPSTNC 1C SPDT(B-M) AgCdO AgSnO2 5A,6A,10A,12A/125VAC,28VDC; 6A/277VAC; 5A,10A/250VAC 336W 2500VA 110VDC 380VAC Max. Switching Current:12A 100m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7 Max. 0.650max. 0.138 0.472 0.236 0.079 0.055 0.480 0.039 0.016 0.472 5- 1.3 0.051 Coil Parameter Coil voltage VDC Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) Release voltage Coil power VDC(min) consumption (10% of rated W voltage) Operate Time ms Release Time ms Mounting (Bottom view) Dimensions Dash numbers Rated 003-360 004-360 005-360 006-360 009-360 012-360 024-360 028-360 036-360 048-360 3 4.5 5 6 9 12 24 28 36 48 Max. 3.9 5.9 6.5 7.8 11.7 15.6 31.2 36.4 46.8 62.4 25 65 69 100 225 400 1600 2180 3600 6400 2.25 3.4 3.75 4.50 6.75 9.00 18.0 21.0 27.0 36.0 0.3 0.45 0.5 0.6 0.9 1.2 2.4 2.8 3.6 4.8 Wiring diagram (Bottom view) 0.36 10 5 NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only. Reference Data 10 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. 8 6 4 2 Ningbo Huaguan Relay Corporation LTD. |
Price & Availability of NT7305 |