Part Number Hot Search : 
1KSMB51A MC68HC1 MJD30 PIC637 20ETT 48S12 HD74LV N82802
Product Description
Full Text Search
 

To Download NSAM05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
NSAM
NSAM
23.1 17.2 16.2
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 11msIEC68-2-27 T Ea est IEC68-2-6 T Fc est IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 500V 50Hz 1000V 100m/s2 10~55Hz double amplitude 1.5mm 5N 235 2 3 0.5s -30~85 85% (at 45 ) 15g
Features
Switching capacity up to 20A. PC board mounting. Suitable for automobile accessories.
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Ordering Information
NSAM 2C S
1 2 3
15 12VDC
4 5
2C:2C 3 Enclosure S: Sealed type Z: Dust cover 4 Contact current 7A,10A,15A,20A 5 Coil rated voltage(V) DC:5,6,9,12,18,24
Dimensions
0.049
mm /inch
17.2max. 0.677max.
0.433 0.138
0.157
1 Part number NSAM 2 Contact arrangement 2A:2A
0.4 0.016
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2A DPSTNO ,2C DPDT(B-M) AgSnO2 NO: 15A,20A/15VDC, 10A,15A/24VDC,125VAC ; NC: 10A,15A/15VDC,125VAC; 7A,10A/24VDC 300W 2000VA 30VDC 220VAC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
16.2max. 0.638max.
0.457
0.102
23.1max. 0.909max.
6- 1.2 0.047
0.236
4 0.157 8 0.315 0.118 0.315 0.209 0.240
4- 0.6 0.024 2-1 0.3 0.039 0.012 4-0.5 1.0 0.020 0.039
4 0.157
4- 1.0 0.039
Dimensions
Mounting (Bottom view)
Coil Parameter
Coil voltage VDC Rated 005-450 006-450 009-450 012-450 018-450 024-450 5 6 9 12 18 24 Max. 6.5 7.8 11.7 15.6 23.4 31.2 56 80 180 320 720 1280 Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) 3.75 4.50 6.75 9.00 13.5 18.0 Release voltage VDC(min) (5% of rated voltage) 0.25 0.30 0.45 0.60 0.90 1.20 Coil power consumption W Operate Time ms Release Time ms 2C 2A Wiring diagram(Bottom view) 0.45 10 5
Dash numbers
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Reference Data
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of NSAM05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X