Part Number Hot Search : 
UR1620 DTC12 1604U 1A042 DSP56156 2SA970 12106 SA101
Product Description
Full Text Search
 

To Download NG6D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
NG6D
NG6D
R
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 and 8 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
C
US
E158859
50Hz 750V 50Hz 3000V surge voltage:6kV
Functional:100m/s 2 11ms Survival:1000m/s2 6ms 10~50Hz Functional & Survival double amplitude 1.5mm
17.5 6.5 12.5
Patent NO.: 200420081938.2
Features
Small size,light weight. PC board mounting Low coil power consumption 0.2W. Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities.
5N 235 2 3 0.5s -25~70 20% ~85% (at40 ) 3g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. UL & CUR 5A/250VAC,30VDC
Safety approvals
Ordering Information
NG6D A DC12V
1 2 3 3 Coil rated voltage (V) DC:5,12,24 1 Part number NG6D 2 Contact arrangement A:1A
Safety approval Load
Dimensions
0.5 0.020 17.5max. 0.689max. 6.5max. 0.244max.
mm /inch
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operational life Electrical Mechanical 2 1A (SPSTNO) Silver Alloy 5A/30VDC,250VAC 150W 100m 10 5 10 7 1250VA min Switching load:10mA/5V Max. Switching Current:5A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7 30VDC 250VAC
2-0.5 0.020 2.54 0.1
1.13 0.044 7.62 0.300
5.08 0.200
2-0.8 0.031
4-0.3 0.012
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not recommended for subsequent use in low level applications.
5.08 0.200
Dimensions
Coil Parameter
Dash numbers Rated voltage VDC Rated Max. Coil resistance 10% Pickup voltage V (max) 70%of rated Volt Release voltage VDC (min) 10%of rated Volt Coil power consumption W Operate Time ms Release Time ms
2.54 0.1
2.54 0.1
005-200 012-200 024-200
5 12 24
6.5 15.6 31.2
125 720 2880
3.5 8.4 16.8
0.5 1.2 2.4
0.2
10
5
Mounting (Bottom view)
4- 1.3 0.043
Wiring diagram (Bottom view)
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Ningbo Huauan Relay Corporation LTD.
0.138
3.5
12.5max. 0.492max.


▲Up To Search▲   

 
Price & Availability of NG6D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X