Part Number Hot Search : 
C4064V JAN2N TLP716 LM117 M62427 ERD15F CL432BLP 930911
Product Description
Full Text Search
 

To Download MP421107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP4211
TOSHIBA Power MOS FET Module Silicon P Channel MOS Type (Four L2--MOSV inOne)
MP4211
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
* * * * * * * 4-V gate drivability Small package by full molding (SIP 10 pin) High drain power dissipation (4 devices operation) : PT = 4 W (Ta = 25C) Low drain-source ON resistance: RDS (ON) = 0.16 (typ.) High forward transfer admittance: |Yfs| = 4.0 S (typ.) Low leakage current: IGSS = 10 A (max) (VGS = 16 V) IDSS = -100 A (max) (VDS = -60 V) Enhancement-mode: Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1 mA) Industrial Applications Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse Symbol VDSS VDGR VGSS ID IDP PD PDT EAS IAR EAR EART Tch Tstg Rating -60 -60 20 -5 -20 2.0 4.0 273 -5 0.2 mJ 0.4 150 -55 to 150 C C Unit V V V A W W mJ A
JEDEC JEITA TOSHIBA
2-25A1C
Weight: 2.1 g (typ.)
Drain power dissipation (1-device operation, Ta = 25C) Drain power dissipation (- device operation, Ta = 25C) Single pulse avalanche energy (Note 1) Avalanche current 1-device operation Repetitive avalanche energy (Note 2) 4-device operation Channel temperature Storage temperature range
Note 1: Condition for avalanche energy (single pulse) measurement VDD = -25 V, starting Tch = 25C, L = 14.84 mH, RG = 25 , IAR = -5 A Note 2: Repetitive rating; pulse width limited by maximum channel temperature Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Please handle with caution.
1
2006-10-27
MP4211
Array Configuration
1
2 3
4 5 10
6 7
8 9
Thermal Characteristics
Characteristics Thermal resistance from channel to ambient (4-device operation, Ta = 25C) Maximum lead temperature for soldering purposes (3.2 mm from case for t = 10 s) TL 260 C Symbol Max Unit
Rth (ch-a)
31.2
C/W
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr VGS -10 V 4.7 0V VDS = -10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = -60 V, VGS = 0 V ID = -10 mA, VGS = 0 V VDS = -10 V, ID = -1 mA VGS = -4 V, ID = -2.5 A VGS = -10 V, ID = -2.5 A VDS = -10 V, ID = -2.5 A Min -60 -0.8 2.0 VOUT 45 ns 55 Typ. 0.24 0.16 4.0 630 95 290 25 Max 10 -100 -2.0 0.28 0.19 Unit A A V V S pF pF pF
ID = -2.5 A RL = 12
Turn-on time Switching time Fall time
ton
tf
VDD -30 V VIN: tr, tf < 5 ns, duty 1%, tw = 10 s 200
Turn-off time Total gate charge (Gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
toff
Qg Qgs Qgd VDD -48 V, VGS = -10 V, ID = -5 A

22 16 6

nC nC nC
2
2006-10-27
MP4211
Source-Drain Diode Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current Pulse drain reverse current Diode forward voltage Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = -5 A, VGS = 0 V IDR = -5 A, VGS = 0 V dIDR/dt = 50 A/s Min Typ. 80 0.1 Max -5 -20 1.7 Unit A A V ns C
Marking
MP4211
JAPAN
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
3
2006-10-27
MP4211
ID - VDS
-5 Common source Tc = 25C -4 -10 -3 -3 -2 -6 -8 -4 -3.5 -10 -10 -8 -8 -6
ID - VDS
Common source Tc = 25C -4
Drain current ID (A)
Drain current ID (A)
-6 -3.5 -4 -3 -2 -2.5 VGS = -2 V
-1
-2.5 VGS = -2 V
0 0
-0.4
-0.8
-1.2
-1.6
-2.0
0 0
-2
-4
-6
-8
-10
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
-10 Tc = -55C -8 25 100 Common source VDS = -10 V -2.0
VDS - VGS
Common source
VDS (V)
Tc = 25C -1.6
Drain current ID (A)
Drain-source voltage
-6
-1.2
-4
-0.8
ID = -5 A -4 -3
-2
-0.4
-2 -1
0 0
)
0 0
-2
-4
-6
-8
-10
-4
-8
-12
-16
-20
Gate-source voltage
VGS (V)
Gate-source voltage
VGS (V)
|Yfs| - ID
|Yfs| (S)
30 Common source 10 5 3 100 1 0.5 0.3 -0.1 -0.3 -1 -3 -10 -30 VDS = -10 V 3 Common source Tc = 25C 1 0.5 0.3
RDS (ON) - ID
Forward transfer admittance
Tc = -55C 25
Drain-source ON resistance RDS (ON) ()
VGS = -4 V -10
0.1 0.05 0.03 -0.1 -0.3 -1 -3 -10 -30
Drain current ID (A)
Drain current ID (A)
4
2006-10-27
MP4211
RDS (ON) - Tc
()
1.0 Common source -30 Common source
IDR - VDS
Drain-source ON resistance RDS (ON)
(A)
0.8
-10 -5 -3
Tc = 25C
0.6 ID = -5 A -2.5 VGS = -4 V -1.2 ID = -5, -2.5, -1.2 A VGS = -10 V 0 -80 -40 0 40 80 120 160
Drain reverse current IDR
-10 -3
0.4
-1 -0.5 -0.3
0.2
-1
VGS = 0, 1 V
-0.1 0
0.4
0.8
1.2
1.6
2.0
Case temperature Tc (C)
Drain-source voltage
VDS (V)
Capacitance - VDS
10000 5000 3000 -2.0
Vth - Tc
Vth (V) Gate threshold voltage
Ciss Common source Coss
(pF)
-1.6
Capacitance C
1000 500 300
-1.2
-0.8
100 VGS = 0 V 50 f = 1 MHz Crss Tc = 25C 30 -0.1 -0.3
-0.4
Common source VDS = -10 V ID = -1 mA
-1
-3
-10
-30
-100
Drain-source voltage
VDS (V)
0 -80
-40
0
40
80
120
160
Case temperature Tc (C)
Dynamic Input/Output Characteristics
-50 Common source ID = -5 A Tc = 25C VDS -30 -12 VDD = -48 V -24 -12 -20 -30 IDP max
Safe Operating Area
VDS (V)
VGS (V)
-40
-16
-10
100 s*
Drain current ID (A)
Drain-source voltage
Gate-source voltage
-3
ID max
1 ms* 10 ms*
-20
-8
100 ms* -1 *: Single nonrepetitive pulse Tc = 25C Curves must be derated linearly with increase in temperature. -3 -10 -30
-10
VGS
-4
-0.3
0 0
8
16
24
32
0 40
-0.1 -1
-100
-300
Total gate charge Qg (nC)
Drain-source voltage
VDS (V)
5
2006-10-27
MP4211
rth - tw
Transient thermal resistance rth (C/W)
300 Curves should be applied in thermal limited area. (Single nonrepetitive pulse) The figure shows thermal resistance per device versus pulse width. (3) (4)
100
(1) (2)
30
10 -No heat sink/Attached on a circuit board(1) 1-device operation (2) 2-device operation (3) 3-device operation Circuit board (4) 4-device operation 0.01 0.1 1 10 100 1000
3
1 0.5 0.001
Pulse width
tw (s)
PDT - Ta
8 (1) 1-device operation (2) 2-device operation (3) 3-device operation (4) 4-device operation Attached on a circuit board 500
EAS - Tch
(W)
Avalanche energy EAS (mJ)
400
PDT
6
Total power dissipation
300
4
(4) (3) (2) Circuit board
200
2 (1)
100
0 0
40
80
120
160
200
0 25
50
75
100
125
150
Ambient temperature Ta (C)
Channel temperature Tch
(C)
Tch - PDT
160
Tch (C)
(1) 120
(2)
(3)
(4)
Channel temperature increase
15 V
80 Circuit board Attached on a circuit board 40 (1) 1-device operation (2) 2-device operation (3) 3-device operation (4) 4-device operation 1 2 3 4 5
BVDSS IAR VDD VDS
-15 V
TEST CIRCUIT Peak IAR = -5 A, RG = 25 VDD = -25 V, L = 14.84 mH
TEST WAVE FORM
1 2 B VDSS AS = *L*I * B 2 - VDD VDSS
0 0
Total power dissipation
PDT
(W)
6
2006-10-27
MP4211
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
7
2006-10-27


▲Up To Search▲   

 
Price & Availability of MP421107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X