Part Number Hot Search : 
R4F242 DS21Q48N IRLB3034 LA7823 SDA006 MA250 LA7161NM DS21Q48N
Product Description
Full Text Search
 

To Download MC-188 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS < Pin Type: MC-188 Series>
Type: MC-188, MC-188N
*Y
Product Description
*EO *EO *E *E 18.5mm Max.,25.5mm Max. Height. (MC-188) 15.5mm Max. 25.5mm Max. Height. (MC-188N) Operating frequency:400kHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements. .
*Y
Feature
*E *E *E
*Y
High inductance variable shielded type. Can be used as DC-DC converter transformer. RoHS Compliance
Dimensions (mm)
36 * K O 0 .7 * } 0 .1 + 1 .0 -0.5 3.5
O12.0 *} 0. 3 O18.0 *} 0 .5
24.5* } 1 .0
MC-188
0.1 + 0.7-0.05 O 1.0 + 24.5*1.0 }
MC-188N
*- *-
36 *
-0.5
12.0*0.3 O }
3.5
15.0*0.5 O }
Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal.
Please refer to the sales offices on our website for a representative near you www.sumida.com
1/1
IFT COILS < Pin Type: MC-188 Series>
Type: MC-188, MC-188N
*Y
Connection (Bottom View)
C B
S A S
D E F
S S
@
H
G
MC-188 S is winding start.
MC-188N
*Y
Specification
Item Inductance Unloaded Q
(MC-188)
(Part No.S1671097) *iP*|R*j 460E H8*" Variable Measuring Condition 1kHz 100kHz
30Min*D
*Y
Specification
Item Inductance
(MC-188N)
(Part No. S1674568) *i 6*| 42EH 8*" 9*j Within Measuring Condition P kHz
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of MC-188

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X