Part Number Hot Search : 
LM246 2N120 D31AD E075WB SR510 CFAST F2015ERW C358C
Product Description
Full Text Search
 

To Download LBSS84WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Power MOSFET 130 mAmps, 50 Volts
P-Channel SOT-323
These miniature surface mount MOSFETs reduce power loss conserve energy, making this device ideal for use in small power management circuitry. Typical applications are dc-dc converters, load switching, power management in portable and battery-powered products such as computers, printers, cellular and cordless telephones. * Energy Efficient * Miniature SOT-323 Surface Mount Package Saves Board Space * Pb-Free Package is available.
3 Drain
LBSS84WT1G
3
1 2
SOT -323
1 Gate
-
Marking Diagram
2 Source
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(Note 4.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 RJA TJ, Tstg 417 -55 to +150 C/W C Unit mW mW/C C/W mW mW/C
PD W
W = Work Week
RJA PD
ORDERING INFORMATION
Device Package Shipping SOT-323 3000/Tape&Reel SOT-323 10000/Tape&Reel
LBSS84WT1G LBSS84WT1G
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Drain Current - Continuous @ TA = 25C - Pulsed Drain Current (tp 10 s) Total Power Dissipation @ TA = 25C Operating and Storage Temperature Range Thermal Resistance - Junction-to-Ambient Maximum Lead Temperature for Soldering Purposes, for 10 seconds Symbol VDSS VGS ID IDM PD TJ, Tstg RJA TL Value 50 20 130 520 225 - 55 to 150 556 260 mW C C/W C Unit Vdc Vdc mA
1/4
LESHAN RADIO COMPANY, LTD.
LBSS84WT1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = 250 Adc) Zero Gate Voltage Drain Current (VDS = 25 Vdc, VGS = 0 Vdc) (VDS = 50 Vdc, VGS = 0 Vdc) (VDS = 50 Vdc, VGS = 0 Vdc, TJ = 125C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 1.) Gate-Source Threaded Voltage (VDS = VGS, ID = 1.0 mAdc) Static Drain-to-Source On-Resistance (VGS = 5.0 Vdc, ID = 100 mAdc) Transfer Admittance (VDS = 25 Vdc, ID = 100 mAdc, f = 1.0 kHz) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 2.) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge SOURCE-DRAIN DIODE CHARACTERISTICS Continuous Current Pulsed Current Forward Voltage (Note 2.) 1. Pulse Test: Pulse Width 300 s, Duty Cycle 2%. 2. Switching characteristics are independent of operating junction temperature. IS ISM VSD - - - - - 2.5 0.130 0.520 - V A (VDD = -15 Vdc, ID = -2.5 Adc, 15 2.5 RL = 50 ) td(on) tr td(off) tf QT - - - - - 2.5 1.0 16 8.0 6000 - - - - - pC ns (VDS = 5.0 Vdc) (VDS = 5.0 Vdc) (VDG = 5.0 Vdc) Ciss Coss Crss - - - 30 10 5.0 - - - pF VGS(th) rDS(on) |yfs| 0.8 - 50 - 5.0 - 2.0 10 - Vdc Ohms mS V(BR)DSS IDSS - - - IGSS - - - - - 0.1 15 60 60 Adc 50 - - Vdc Adc Symbol Min Typ Max Unit
TYPICAL ELECTRICAL CHARACTERISTICS
0.6 I D , DRAIN CURRENT (AMPS) 0.5 0.4 0.3 0.2 0.1 0 1 1.5 2 2.5 3 3.5 4 VDS = 10 V -55C 25C 0.5 0.45 I D , DRAIN CURRENT (AMPS) 0.4 0.3 0.2 0.1 0 0.35 3.0 V 2.75 V 2.5 V 2.25 V 0 1 2 3 4 5 6 7 8 9 10 0.25 TJ = 25C VGS = 3.5 V 3.25 V
150C
0.15
0.05
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. Transfer Characteristics
Figure 2. On-Region Characteristics
2/4
LESHAN RADIO COMPANY, LTD.
LBSS84WT1G
TYPICAL ELECTRICAL CHARACTERISTICS
R DS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 9 8 7 6 5 4 3 2 0 0.1 0.2 0.3 0.4 -55C 25C R DS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 7 6.5 6 5.5 5 4.5 4 3.5 3 2.5 2 0 0.1 0.2 0.3 0.4 -55C 0.5 0.6 25C VGS = 10 V
VGS = 4.5 V 150C
150C
0.5
0.6
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance versus Drain Current
2 1.8 1.6 1.4 1.2 1 0.8 0.6 -55 -5 45 95 145 VGS = 10 V ID = 0.52 A
Figure 4. On-Resistance versus Drain Current
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
8 7 6 5 4 3 2 1 0 0
VDS = 40 V TJ = 25C
VGS = 4.5 V ID = 0.13 A
ID = 0.5 A
500
1000
1500
2000
TJ, JUNCTION TEMPERATURE (C)
QT, TOTAL GATE CHARGE (pC)
Figure 5. On-Resistance Variation with Temperature
1 I D , DIODE CURRENT (AMPS)
Figure 6. Gate Charge
0.1
TJ = 150C
25C
-55C
0.01
0.001
0
0.5
1.0
1.5
2.0
2.5
3.0
VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 7. Body Diode Forward Voltage
3/4
LESHAN RADIO COMPANY, LTD.
LBSS84WT1G
SC-70 (SOT-323)
D e1
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
HE
1 2
E
b e
A 0.05 (0.002)
A2 L
c
DIM A A1 A2 b c D E e e1 L HE
MIN 0.80 0.00 0.30 0.10 1.80 1.15 1.20
2.00
MILLIMETERS NOM MAX 0.90 1.00 0.05 0.10 0.7 REF 0.35 0.40 0.18 0.25 2.10 2.20 1.24 1.35 1.30 1.40 0.65 BSC 0.425 REF 2.10 2.40
MIN 0.032 0.000 0.012 0.004 0.071 0.045 0.047
0.079
INCHES NOM 0.035 0.002 0.028 REF 0.014 0.007 0.083 0.049 0.051 0.026 BSC 0.017 REF 0.083
MAX 0.040 0.004 0.016 0.010 0.087 0.053 0.055
0.095
A1
GENERIC MARKING DIAGRAM
SOLDERING FOOTPRINT*
0.65 0.025 0.65 0.025 XX
M
XXM 1 = Specific Device Code = Date Code = Pb-Free Package
G 1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1
*This information is generic. Please refer to device data sheet for actual part marking. Pb-Free indicator, "G" or microdot " G", may or may not be present.
mm inches
4/4
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm 12mm 16mm 24 mm
A Max 330mm (12.992'') 330mm (12.992'') 360mm (14.173'') 360mm (14.173'')
G 8.4mm+1.5mm, -0.0 (.33''+.059'', -0.00) 12.4mm+2.0mm, -0.0 (.49 ''+ .079'', -0.00) 16.4mm+2.0mm, -0.0 (.646''+.078'', -0.00) 24.4mm+2.0mm, -0.0 (.961''+.070'', -0.00)
T Max 14.4mm (.56'') 18.4mm (.72'') 22.4mm (.882'') 30.4mm (1.197'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 8000PCS/Reel (SOT-723,SOD-723)
80KPCS/Inner Box (SOT-723,SOD-723)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723)


▲Up To Search▲   

 
Price & Availability of LBSS84WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X