Part Number Hot Search : 
T32000 0805E CD010 280MT C029N ST9027XX UPC1663C UT54A
Product Description
Full Text Search
 

To Download JMX-94F05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
JMX-94F
39 30 17.5
03001003499
Features
Magnet latching relay. Small size, light weight. High sensitivity & reliability. Well anti-shock and anti-vibration. Heavy contact load.
Ordering Information
JMX-94F
1
A
2
Z 60
3 4
DC12V
5
4 Contact current 40:40A 60:60A 80:80A 5 Coil rated voltage(V) DC: 9,12, 24 6 Coil NIL:Singal coil:D: Double coils
1 Part number JMX-94F 2 Contact arrangement A:1A B:1B 3 Enclosure S: Sealed type Z: Dust cover
Contact Data
Contact Arrangement Contact Material Contact Rating(resistive) Max. Switching Power Max. Switching Voltage Contact Resistance & Voltage drop Electrical (Rated load) Mechanical (No load) 1A SPSTNO , 1B SPSTNC AgCd O 80A/250VAC 60A/250VAC 40A/250VAC 20000VA 15000VA 10000VA 300VAC Max. Switching Current:80A 50m (at 1A/24VDC) Item 3.12 of IEC255-7 100mV (at rated load) Item 3.12 of IEC255-7 104 106 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Operation life
Coil Parameter
Coil rated voltage VDC Coil resistance 10% Switching voltage VDC (50%-70% of rated voltage) Pulse magnitude ms Coil power consumption W Operate Time ms Reset Time ms
Dash numbers
009-1000 012-1000 024-1000 009-2000 012-2000 024-2000
9 12 24 9 12 24
81 144 576
4.5~6.3 6.0~8.4 12.0~16.8 4.5~6.3 6.0~8.4 12.0~16.8 60 2 20 20 60 1 20 20
2 2 2
40.5 72 288
CAUTION: 1.When latching relays are installed in equipment, the latch and reset coil should not be pulsed simultaneously.
coil should not be pulsed with less than the nominal coil voltage and pulse width should be a minimum of three times the specified operate time of the relay. If these conditions are not followed, it is possible for the relay to be in the magnetically neutral position . 2.Switching voltage is for test purpose only and are no to be used as design criteria.
JMX-94F
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Creepage distance Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Addenda B of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 1500V 50Hz 4000V 8.4mm Functional 100m/s2;Survival:1000 m/s2 11ms 10~55Hz Double amplitude 1.5mm 5N 235 2 3 0.5s -25~70 85% (at 40 ) 33g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. CQC 80A/220VAC
Safety approvals
Safety approval Load
Dimensions
39 Max. 0.535max. 5.5 28
mm /inch
(assistance mounting terminal)
0.098
2.5
0.217 1.102
30 Max. 1.181max.
19.08 0.751
(assistance mounting terminal)
19.08 0.751
0.024(0.039)
25.4 1.000
25.4 1.000
0.6 (1.0)
1.008
3- 1.2 0.047
2.5 0.098
4- 1.2 0.047 2.8 0.110
8.5
9
2.8 0.110
0.433(0.394)
0.335
0.6
0.354
12
11 (10)
0.024
0.472
20
5.08 0.200
5.08 0.200
0.787
Mounting (Bottom view)
17.5 Max.
0.689max.
0.138
0.433
3.5
11
5.08
0.200
3-1X0.4 (3-0.6X0.6)
0.039 0.016 0.024 0.024
+
-
-
Dimensions NOTES: 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only. 3).Relays shall have plus(+) signs placed on the circuit diagram as shown.
Wiring diagram
Reference Data
Ningbo Huaguan Relay Corporation LTD.
2.5 0.098
+ +
21.59 0.850
25.6


▲Up To Search▲   

 
Price & Availability of JMX-94F05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X