Part Number Hot Search : 
MBR3010 1100S AN8014S WP914EDT 0433004 HT7465 CPH3409 N4003
Product Description
Full Text Search
 

To Download HMC620LC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC620LC4
v01.1007
GaAs MMIC I/Q MIXER 3 - 7 GHz
Typical Applications
The HMC620LC4 is ideal for: * Point-to-Point * Point-to-Multi-Point Radio * WiMAX & Fixed Wireless
Features
Wide IF Bandwidth: DC - 3.5 GHz High Image Rejection: 32 dB High LO to RF Isolation: 43 dB High Input IP3: +22 dBm 24 Lead Ceramic 4x4 SMT Package: 16mm2
8
MIXERS - SMT
* VSAT
Functional Diagram
General Description
The HMC620LC4 is a compact I/Q MMIC mixer in a leadless "Pb free" RoHS compliant SMT package, which can be used as either an Image Reject Mixer (IRM) or a Single Sideband Upconverter. The mixer utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. A low frequency quadrature hybrid was used to produce a 100 MHz upper side band (USB) IF output. This product is a much smaller and more consistent alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies. The HMC620LC4 is compatible with high volume surface mount manufacturing techniques.
Electrical Specifi cations, TA = +25 C, IF= 100 MHz, LO = +15 dBm*
Parameter Frequency Range, RF/LO Frequency Range, IF Conversion Loss (As IRM) Image Rejection 1 dB Compression (Input) LO to RF Isolation LO to IF Isolation IP3 (Input) Amplitude Balance Phase Balance 38 26 20 Min. Typ. 3-7 DC - 3.5 7.5 27 12 43 30 22 0.1 3 38 32 9 28 Max. Min. Typ. 3-4 DC - 3.5 8 32 12 40 33 17 0.3 3 9 Max. Units GHz GHz dB dB dBm dB dB dBm dB Deg
* Unless otherwise noted, all measurements performed as downconverter.
8 - 192
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC620LC4
v01.1007
GaAs MMIC I/Q MIXER 3 - 7 GHz
Data taken As IRM With External IF 90 Hybrid Conversion Gain vs. Temperature
0
Image Rejection vs. Temperature
0
CONVERSION GAIN (dB)
IMAGE REJECTION (dB)
-5
-10
+25 C +85 C -40 C
-10
-20
8
3.5 4.5 5.5 6.5 7.5 RF FREQUENCY (GHz)
-15
+25 C +85 C -55 C
-30
-20 2.5
3.5
4.5
5.5
6.5
7.5
-40 2.5
RF FREQUENCY (GHz)
Conversion Gain vs. LO Drive
0 -5 CONVERSION GAIN (dB)
Return Loss
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 2.5
RF LO
-10 -15 -20 -25 -30 2.5
+11 dBm +13 dBm +15 dBm +17 dBm
3.5
4.5
5.5
6.5
7.5
3.5
4.5
5.5
6.5
7.5
RF FREQUENCY (GHz)
FREQUENCY (GHz)
Input P1dB vs. Temperature
20 18 16 P1dB (dBm) 14 12 10
+25 C +85 C -55 C
Input IP3 vs. LO Drive
30
25
IP3 (dBm)
20
15
LO = +11 dBm LO = +15 dBm LO = +19 dBm
10 8 6 2.5 5 2.5
3.5
4.5
5.5
6.5
7.5
3.5
4.5
5.5
6.5
7.5
RF FREQUENCY (GHz)
RF FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
8 - 193
MIXERS - SMT
HMC620LC4
v01.1007
GaAs MMIC I/Q MIXER 3 - 7 GHz
Isolations
-10 -20 -30 -40 -50 -60 -70
LO/RF RF/IF1 LO/IF1 RF/IF2 LO/IF2
IF Bandwidth*
0 -5 RESPONSE (dB) -10 -15 -20 -25 -30 0.5
ISOLATION (dB)
8
MIXERS - SMT
CONVERSION GAIN RETURN LOSS
-80 2.5
3.5
4.5
5.5
6.5
7.5
1
1.5
2
2.5
3
3.5
RF FREQUENCY (GHz)
IF FREQUENCY (GHz)
Amplitude Balance vs. LO Drive
2
Phase Balance vs. LO Drive
10 5 0 -5 -10 -15 -20 2.5
LO = +13 dBm LO = +15 dBm LO = +17 dBm
1
LO = +13 dBm LO = +15 dBm LO = +17 dBm
0
-1
-2 2.5
3.5
4.5
5.5
6.5
7.5
PHASE BALANCE (degrees)
AMPLITUDE BALANCE (dB)
3.5
4.5
5.5
6.5
7.5
RF FREQUENCY (GHz)
RF FREQUENCY (GHz)
Upconverter Performance Conversion Gain vs. LO Drive
0
Upconverter Performance Sideband Rejection vs. LO Drive
0 SIDEBAND REJECTION (dBc) -10 -20 -30 -40 -50 -60 2.5
CONVERSION GAIN (dB)
-5
-10
-15
LO = +13 dBm LO = +15 dBm LO = +17 dBm
LO = +13 dBm LO = +15 dBm LO = +17 dBm
-20 2.5
3.5
4.5
5.5
6.5
7.5
3.5
4.5
5.5
6.5
7.5
RF FREQUENCY (GHz)
RF FREQUENCY (GHz)
* Conversion gain data taken with external IF 90 hybrid
8 - 194
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC620LC4
v01.1007
GaAs MMIC I/Q MIXER 3 - 7 GHz
Harmonics of LO
nLO Spur at RF Port LO Freq. (GHz) 1 2.5 3 4 5 6 7 7 29 26 28 28 36 40 46 2 35 33 32 36 44 36 37 3 48 51 39 45 60 58 55 4 30 39 43 52 41 34 46
MxN Spurious Outputs
nLO mRF 0 1 2 3 4 0 xx 15 69 95 95 1 1 0 61 95 95 2 15 30 78 95 95 3 28 39 60 73 95 4 69 50 71 95 95
8
MIXERS - SMT
8 - 195
RF = 5.6 GHz @ -10 dBm LO = 5.5 GHz @ +15 dBm Data taken without IF 90 hybrid All values in dBc with reference to output power at IF = 100 MHz
LO = +15 dBm Values in dBc below input LO level measured at RF Port.
Absolute Maximum Ratings
RF / IF Input LO Drive Channel Temperature Continuous Pdiss (T=85C) (derate 8.93 mW/C above 85C) Thermal Resistance (RTH) (channel to die bottom) Storage Temperature Operating Temperature +20 dBm +27 dBm 150 C 579 mW 112 C/W -65 to +150 C -55 to +85 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
NOTES: 1. PACKAGE BODY MATERIAL: ALUMINA 2. LEAD AND GROUND PADDLE PLATING: 30 - 80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKLE 3. DIMENSIONS ARE IN INCHES [MILLIMETERS] 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND
Outline Drawing
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC620LC4
v01.1007
GaAs MMIC I/Q MIXER 3 - 7 GHz
Pin Descriptions
Pin Number 1, 2, 6-8, 10, 13, 17-24 3, 5, 12, 14, 16 Function Description No connection required. These pins may be connected to RF/DC ground without affecting performance. Interface Schematic
N/C
GND
8
MIXERS - SMT
These pins and package bottom must be connected to RF/DC ground.
4
RF
This pin is DC coupled and matched to 50 Ohms.
9
IF1
11
IF2
This pin is DC coupled. For applications not requiring operation to DC, this port should be DC blocked externally using a series capacitor whose value has been chosen to pass the necessary IF frequency range. For operation to DC, this pin must not source/sink more than 3mA of current or part non-function and possible part failure will result.
15
LO
This pin is DC coupled and matched to 50 Ohms.
8 - 196
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC620LC4
v01.1007
GaAs MMIC I/Q MIXER 3 - 7 GHz
Evaluation PCB
8
MIXERS - SMT
List of Materials for Evaluation PCB 109998 [1]
Item J1 - J2 J3 - J4 U1 PCB [2] Description PCB Mount SMA RF Connector, SRI PCB Mount SMA Connector, Johnson HMC620LC4 109996 Evaluation Board [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
8 - 197


▲Up To Search▲   

 
Price & Availability of HMC620LC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X