Part Number Hot Search : 
LM7810 T312023 AS78XX07 HA1387 74HC238D 70N6T 74HC238D ZSE40F
Product Description
Full Text Search
 

To Download HL1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES
Safety vent construction design Load life of 5000 hours at 105C For electronic ballast circuits, switching power supply, automotive and other long life required applications
HL Series
OUTLINE
mm D F d 10 5.0 0.6 13 16 7.5 0.8 18
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature 160 ~ 400Vdc -40C ~ +105C Characteristics 20% (M) 450Vdc -40C ~ +105C
(After 2 minutes applying the DC working voltage) Leakage Current (25C)
I 0.06CV + 10 (u A) I : Leakage Current (u A) W.V.
C : Rated Capacitance (u F) 160 200 160 0.15 160 3 6 200 250 200 0.15 200 3 6 250 300 250 0.15 250 3 6
V : Working Voltage (V) 350 400 350 0.20 350 5 6 400 450 400 0.24 400 5 6 450 500 450 0.24 450 6 -
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C) tan W.V. - 25C / + 25C Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 5000 hours application of WV at +105C, the capacitor shall meet the following limits: Capacitance Change Load Test tan Leakage Current 20% of initial value 200% of initial specified value initial specified value
After 1000 hours, no voltage applied at +105C, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 25% of initial value 200% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DIMENSIONS
WV uF 3.3 4.7 10 22 33 47 68 100 150 220 330 10 x 20 10 x 20 13 x 20 13 x 25 16 x 26 16 x 31 16 x 31 18 x 31 ] 10 x 20 13 x 20 13 x 20 13 x 25 16 x 26 16 x 35 18 x 31 10 x 20 13 x 20 13 x 20 13 x 25 16 x 26 16 x 31 18 x 31 18 x 41 10 x 20 13 x 20 13 x 25 16 x 26 16 x 31 18 x 31 160 200 250 350 400 ] ] 10 x 20 13 x 25 16 x 26 16 x 31 18 x 35 18 x 41
D x L (mm)
450 10 x 20 13 x 20 13 x 20 16 x 26 16 x 31 18 x 31 18 x 41
PERMISSIBLE RIPPLE CURRENT
WV uF 3.3 4.7 10 22 33 47 68 100 150 220 330 160 190 265 355 475 637 750 960 1.52 1.30 0.93 0.61 0.28 0.22 0.22 0.22 160 210 265 355 475 650 780 ] 1.52 0.98 0.93 0.61 0.28 0.22 0.22 105 165 210 282 385 520 645 820 3.50 2.40 1.90 1.70 0.79 0.64 0.44 0.35 100 165 230 313 410 530 Item RC 160 Imp RC 200 Imp RC 250 Imp RC
RC: mA (rms) at 120Hz 105C Imp: m (ohm) at 100KHz 25C
350 Imp RC 400 Imp ] ] 3.00 2.10 1.00 0.74 0.49 0.40 105 185 230 300 420 545 2.90 1.32 0.95 0.75 0.49 0.36 RC 60 80 110 200 275 340 460 450 Imp 6.50 3.60 3.00 1.75 1.20 0.96 0.80
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of HL1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X