Part Number Hot Search : 
74ALVC16 BPC25 KSC3125 HCF40 2203134 DTC114 20004 IR3Y29BM
Product Description
Full Text Search
 

To Download EE1617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer < Pin Type:EE Series>
Type: EE1617
*Y Product Description
*E 19.0*~ 16.5mm Max.(L*~ W), 16.5mm Max. Height. *E In addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements
*Y
*E
Feature
Max. Operating frequency 300kHz. Max. Operating power 12.0W(300kHz) *E Ideally used in EL inverters, camera strobe light transformers. Switching regulator. *E RoHS Compliance
*Y
Dimensions (mm)
16.5 Max. 18.5 Max. 3.5A 0.5 0.3 3-2.8A 12.2A 0.3
4
5
10
5
19.0 Max.
5-2.2A
0.3
10- 0.6
1
10
1
4
*Y
Schematics (Bottom)
10 S 1 9 2 8 7 6 S 4 5 S S
3
" S" is winding start
*Y
Specification
Sample No. 10339-T003 Inductance (1-2) 100kHz/0.1V D.C.R. (1-2) 6.5 Max. Hi-pot (1,2-4,5,6,7,8,9,10)(50/60Hz) AC 1200Vrms/2sec.
2.5mH 20%
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of EE1617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X