Part Number Hot Search : 
74352 0V10X AN630 00M16 20400 4674BEP 00M16 TC74LC
Product Description
Full Text Search
 

To Download E91016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
y Fan control EC motor control Steppermotor driver
RIPPLE COUNTER
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
y Fan control
FEATURES y y y y y y y y y y Supply voltage range VS 7.2V to 17.5V Overvoltage shut down Low standby current (power down mode) Limitation of power dissipation by voltage dependent current limitation Externally adjustable minimum current Externally adjustable over temperature protection featuring load current reduction Control of current distribution in 2 parallel power-FETs Turn on the power-FETs during load-dump - 40C to + 125C operating temperature SO16w package Overcurrent limitation is provided as a function of the motor voltage. Over temperature protection is realized as load current reduction to achieve a minimum torque of the motor even at the temperature limit. APPLICATION y Fan regulation The sleep mode with very low standby current of typ. 50A will be activated when the control voltage "SOLL" drops below a minimum value, which can be adjusted externally. Rapid changes in control voltage are converted into smooth motor current transients. DESCRIPTION The IC controls the voltage across a DC fan motor as a function of the voltage applied to the control input "SOLL". The IC delivers the gate voltage for one or two (parallel) external power-FETs, which linearly drive the load current of the motor. The drain currents of the two external power-FETs are matched by measuring the voltages across each individual shunt resistor. PINNING Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Name MOTH MOTL VDD THREF THON SOLL NC IK TEMP S2 GND S1 G2 COMP G1 VS Description Positive motor terminal Negative motor terminal Regulator output voltage 5 V (switched off in standby) Reference voltage for IC activation (wont be switched off) Input for nominal motor voltage Not connected Voltage for maximum short circuit current of driver Temperature input for power reduction Current sense input of slave FET Ground connection Current sense input of master FET Gate control of slave FET Feedback input of motor voltage regulation Gate control of master FET Supply voltage
MOTH MOTL VDD THREF THON SOLL NC IK 1 2 3 4 5 6 7 8
E910.16
PACKAGE
16 15 14 13 12 11 10 9
VS G1 COMP G2 S1 GND S2 TEMP
Threshold voltage for IC activation
BLOCK DIAGRAM
VBAT
VS
MOTH
VBAT
VDD
VDD Regulator
VSOLL
SOLL
Motor Voltage Sense
M
MOTL COMP
THREF
Threshold Limiter Motor control MOSFET Driver
UTHON G1 G2
VDD
TEMP
Temp. Limit Short Circuit Current Set
VDD
IK
Current Sense
S1 S2
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications. Copyright (c) 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited. www.elmos.de | sales@elmos.de
38
elmos product catalog june 2005
39


▲Up To Search▲   

 
Price & Availability of E91016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X