Part Number Hot Search : 
SB144 TLE4275 BFX48 68HC7 80CPT015 MP4208 2SC25 CR10Y
Product Description
Full Text Search
 

To Download DF3A82LFU07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF3A8.2LFU
TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
DF3A8.2LFU
Product for Use Only as Protection against Electrostatic Discharge (ESD)
* This product is for protection against electrostatic discharge (ESD) only and is not intended for any other usage, including without limitation, the constant voltage diode application. * * The mounting of two devices on an ultra-compact package allows the number of parts and the mounting cost to be reduced. Low terminal capacitance : CT = 5.0 pF (typ.) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Power dissipation Junction temperature Storage temperature range Symbol P Tj Tstg Rating 100 125 -55 ~ 125 Unit mW C C
Note: Using continuously under heavy loads (e.g. the application of high JEDEC temperature/current/voltage and the significant change in JEITA temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. TOSHIBA 1-2P1A operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Weight: 0.006 g (typ.) Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25C)
Characteristics Zener voltage Dynamic impedance Knee dynamic impedance Reverse current Terminal capacitance (between Cathode and Anode) Symbol VZ ZZ ZZK IR CT IZ = 5 mA IZ = 5 mA IZ = 0.5 mA VR = 5 V VR = 0 V, f = 1 MHz Test Condition Min 7.8 Typ. 8.2 5.0 Max 8.6 60 100 0.5 Unit V A pF
Guaranteed Level of ESD Immunity
Test Condition IEC61000-4-2 (Contact discharge) ESD Immunity Level
Marking
(top view)
Equivalent Circuit
FU
6kV
Criterion: No damage to device elements
1
2007-11-01
DF3A8.2LFU
IZ - V Z
100 m 100
IF - VF
Zener current IZ (A)
1m
Forward current IF
6 7 8 9 10 11 12 13 14 15
(mA)
10 1 0.5
10 m
100
10
1 5
0.6
0.7
0.8
0.9
1
1.1
1.2
Zener voltage
VZ
(V)
Forward voltage VF
(V)
CT - V R
10 Ta = 25C f = 1 MHz
Total capacitance CT (pF)
1 0
1
2
3
4
5
6
7
8
9
10
Reverse voltage
VR
(V)
2
2007-11-01
DF3A8.2LFU
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
3
2007-11-01


▲Up To Search▲   

 
Price & Availability of DF3A82LFU07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X