Part Number Hot Search : 
D1202 AON7406 DS99144 TEC1033N 03994 09231 D1200 IDT5V996
Product Description
Full Text Search
 

To Download BKR400AC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SanRex(R)
Schottky Barrier Diode
BKR400AC10
IO(AV)= 400A, VRRM=100V, VFM=0.68V
SanRex outstanding metal barrier technology allows BKR400AC10 Schottky Barrier Diode Module to feature a very low forward voltage drop. This device also has low leakage current, low thermal resistance and improved avalanche energy rating. These benefits make this design an extremely reliable and efficient device for use in wide variety of applications requiring high power and low conduction loss. Features * Very Low Forward Voltage Drop * Avalanche Energy Rated * High Surge Current * RoHS Compliance Typical Applications * Rectifier in Switch Mode Power Supplies (SMPS) * Power Supplies for Plating * Uninterruptible Power Supplies (UPS) * Free Wheeling Diode in Converters Internal schematic diagram
< Maximum Ratings > Symbol VRRM IO(AV) IFSM I2t EAS Tj Tstg Tj = 25C (unless otherwise noted) Ratings Unit 100 400 3300/3620 54450 15 -40 to +150 Recommended 2.5-3.9 Recommended 1.0-1.4 Recommended 2.5-3.9 Typical Value -40 to +125 4.7 1.5 4.7 78 V A A A2s mJ C C N*m
Non-isolated TO-244 (1/4-20 Screw)
Item
Conditions
Repetitive Peak Reverse Voltage Average Forward Current Surge Forward Current (Per leg) I 2 t (for fusing) (Per leg) Single Pulse Avalanche Energy (Per leg) Operating Junction Temperature Storage Temperature Mounting Mounting (M6) Torque Mounting (M4) Terminal (M6) Mass
50% duty cycle , T C = 112C, rectangular wave form 1/2 cycle, 50/60Hz, Peak value, nonrepetitive Value for one cycle surge current IAS=30A, L=160H
g
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com
SanRex(R)
Schottky Barrier Diode
< Electrical Characteristics > Symbol Item IRRM VFM Forward Voltage Drop (Per leg) Rth(j-c) Thermal Resistance (Per leg) Repetitive Peak Reverse Current Conditions VD = 100V, Tj= 125C, Pulse width<300s, Duty<2% IF= 200A, Inst. measurement IF= 400A, Inst. measurement IF= 200A, Tj= 125C Inst. measurement IF= 400A, Tj= 125C Inst. measurement Junction to case
BKR400AC10
Tj= 25C (unless otherwise noted) Ratings Unit Min. Typ. Max. 40 mA 0.82 0.93 0.68 0.78 0.2
V C/W
2-1/4 20UNC-2B Depth 8mm
* Note : 1. Dimensions in millimeters 2. Terminal type BKR400AB series - M6 BKR400AC series - 1/4-20
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 Web : www.sanrex.com


▲Up To Search▲   

 
Price & Availability of BKR400AC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X