Part Number Hot Search : 
GP2L01 40140 28C256 2SC5587 GU040 RC121 W86L488Y NX5322EH
Product Description
Full Text Search
 

To Download BAV19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
BAV17---BAV21
VOLTAGE RANGE: 20-200 V CURRENT: 250 mA
SMALL SIGNAL SWITCHING DIODE
Silicon epitaxial planar diode High speed switching diode 500 m W power dissipation
DO - 35(GLASS)
MECHANICAL DATA
Case: DO-35,glass case Polarity: Color band denotes cathode Weight: 0.004 ounces, 0.13 gram s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient temperature unless otherwise specified.
MAXIMUM RATINGS
Reverse voltage Peak reverse voltage Average forw ard rectified current Half w ave rectification w ith resist.load @TA =25 and f 50Hz Forw ard surge current @ t<1s and TJ =25 Pow er dissipation @ TA =25 Thermal resistance junction to ambient Junction temperature Storage temperature range
VR V RM I(AV) IFSM P tot RJA TJ TSTG
BAV17 20 25
BAV18 50 60
BAV19 100 120
250 1) 1.0 500 350 175 -55 --- +175
1)
BAV20 150 200
BAV21 200 250
UNITS
V V mA A mW K/W
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS
Forw ard voltage @ IF=100mA Leakage current at reverse voltage @Tj=25 @Tj=100 f=1MHZ
VF IR CJ t rr
MIN -
TYP 1.5 -
MAX 1.0
UNITS V
100
15 50
nA A
pF ns
www.galaxycn.com
Capacitance @ V F=V R=0V Reverse recovery time from IF=30mA to IR=30mA from IRR=3mA, RL=100.
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
Document Number 0268008
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD CHARACTERISTICS
mA 1000
BAV17---BAV21
FIG.2 -- ADMISSIBLE FORWARD CURRENT VERSUS AMBIENT TEMPERATURE
A .3
100
TJ=100
IO,IF .2
DC CURRENT IF
10
IF
1
TJ=25
.1
CURRENT (RECTIF.) IF(AV)
.1
1
.01 0 .2 .4 .6 .8 1.0V
0
30
60
90
120 TA
150ae
VF
FIG.3 -- ADMISSIBLE POWER DISSLPATION VERSUS AMBIENT TEMPERATURE
mW 500
FIG.4 -- LEAKAGE CURRENT VERSUS JUNCTION TEMPERATURE
1000
I R (TJ)
400
P tot
I R (25
)
100
300
10
200
100
1 VR=50V
1
0
100
TA
200ae
0.1
0
100
TJ
200ae
FIG.5 -- DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
FIG.6 -- CAPACITANCE VERSUS REVERSE VOLTAGE
100
2 1.8 TJ=25
rF
50
1.6 1.4
20 10 5
CJ
1.2 1 .8 .6 .4
2 1 1 2 5 10 20 50
.2 0 .1 .2 .5 1 2 5 10 20 50 100V
IF
100
mA
VR
www.galaxycn.com
Document Number 0268008
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BAV19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X