Part Number Hot Search : 
SSE16020 TPM05215 40192 40020 37503 DS3100 STM8A 24220C
Product Description
Full Text Search
 

To Download AMS202605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Monolithic Systems
FEATURES
* 110m Typ. (5V Input) High Side MOSFET Switch * Short Circuit Protection * Overcurrent Protection * Thermal Protection * Enable Input Compatible With 3V and 5V Logic * Controlled Rise and Fall Times Limit Current Surges and Minimize EMI * Undervoltage Lock-Out Guarantees the Switch is Off At Start-up
AMS2026
DUAL POWER DISTRIBUTION SWITCH
RoHS compliant
* 100A Maximum On-State Supply Current * Available Active-High or Active-Low Enable * Available in Space Saving 8 lead SOIC and 8 lead PDIP
APPLICATIONS
* USB Power Management * Hot Plug-In Power Supplies * Battery-Charger Circuits
PRODUCT DESCRIPTION
The AMS2026 is a dual power distribution switch intended for applications where heavy capacitive loads and short-circuits are likely to be encountered. The high-side switch is a 110m N-channel MOSFET. The switch is controlled by a logic enable input compatible with 3V and 5V logic and is available in active-high or active-low enable. The internal charge pump, designed to control the power switch rise and fall time to minimize current surges during switching, also provides the gate drive. Requiring no external components the charge pump allows operation from supplies as low as 3.3V. When an overload or a short circuit is encountered the AMS2026 limits the output current to a safe level by switching into a constant-current mode and the overcurrent logic output error flag is set to a low. Continuous heavy overloads and short circuits will increase the power dissipation in the switch; this will cause the junction temperature to rise. The thermal protection circuit shuts the power switch off to prevent damage. Once the device has cooled sufficiently, it will turn on automatic. An under voltage lock-out is provided to insure that the power switch is in the Off state at start-up. The AMS2026 is offered in the 8 lead SOIC package and the 8 lead PDIP package.
ORDERING INFORMATION
PACKAGE TYPE 8 LEAD SOIC AMS2026S 8 LEAD PDIP AMS2026P OPER. TEMP RANGE -40C to 85C
PIN CONNECTIONS
8 LEAD SOIC/ 8 LEAD PDIP
ENABLE ERROR ERROR ENABLE 1 2 3 4 8 OUTPUT 7 INPUT
6 GROUND 5 OUTPUT
Top View
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2026
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage Range, VI Output Voltage Range, VO Input Voltage Range, VI at /EN Continuos Output Current, IO -0.3V to 7V -0.3V to VI(IN) +0.3V -0.3V to 7V Internally Limited Internal Power Dissipation Maximum Junction Temperature Storage Temperature Lead Temperature (Soldering 25 sec) (Note 3) +125C -65C to +150C 265C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics for each section at TJ=25C, VI(IN) = 5.5V, IO =rated current, /EN = 0V unless otherwise specified. PARAMETER
Switch On-State Resistance VI(IN) = 5.5V VI(IN) = 5.0V VI(IN) = 4.5V VI(IN) = 4.0V Switch Output Leakage Current /EN = VI /EN = VI , -40C TJ 85C Switch Output Rise Time VI(IN) = 5.5V, CL = 1F VI(IN) = 2.7V, CL = 1F Switch Output Fall Time VI(IN) = 5.5V, CL = 1F VI(IN) = 2.7V, CL = 1F Enable High-Level Input Voltage Enable Low-Level Input Voltage Enable Input Current Enable Delay Time, Low-toHigh Output Short Circuit Current 4.0V VI 5.5V 4.0V VI 5.5V /EN = 0V or /EN = VI CL = 1F CL = 1F VI(IN) = 5.5V, TJ=25C OUT Connected to GND, device enable into short circuit Supply Current, Low-Level Output Supply Current, High-Level Output /EN = VI , TJ=25C /EN = VI , -40C TJ 85C /EN = 0V, TJ=25C /EN = 0V, -40C TJ 85C 73 0.015 10 10 100 100 A A A A 0.66 1.2 -1 2.4 0.6 1 20 40 1.8 4.0 3.8 3.9 3.5
CONDITIONS
(Note 2)
Min.
AMS2026 Typ.
110 110 110 110 0.01
Units Max.
140 140 140 140 5 10 m m m m A A ms ms ms ms V V A ms ms A
Undervoltage lock-out Low2.0 3.0 3.2 V Level Input Voltage Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics tables. Note 2: To ensure constant junction temperature, low duty cycle pulse testing is used; thermal effects must be taken in consideration separately. Note 3: The Power Dissipation for the SO-8 package is 725mW at TA = 25 C. Above TA = 25 C the Power Dissipation must be derated at 5.8mW/ C (for TA = 70 C PD = 464mW ; for TA = 125 C PD = 145mW)
RECOMMENDED OPERATING CONDITIONS:
Input Voltage, VI Input Voltage, VI at /EN Continuous Output Current, IO Operating Junction Temp. Range Min 4.0V 0V 0A -40C Max 5.5V 5.5V 0.6A +125C
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2026
PIN FUNCTIONS
Pin Name Enable /EN (A/B) Ground GND Input IN Error Flag ERROR (A/B) Output OUT(A/B) Pin No. 1/4 6 7 2/3 6-8 I/O I I I O O Description Enable Input, Logic turns power switch on. Ground. Power switch input, also supplies IC's internal circuitry. Overcurrent, Over temperature, Logic output. Power switch output.
BLOCK DIAGRAM
POWER SWITCH IN OUT A * CS * CS OUT B POWER SWITCH
1.2V REFERENCE CURRENT LIMIT ENABLE A ERROR FLAG CHARGE PUMP GATE DRIVER THERMAL SENSE UVLO UVLO CHARGE PUMP ERROR FLAG GATE DRIVER CURRENT LIMIT ENABLE B
ERROR A
ERROR B
GND
*Current Sense
FUNCTIONAL DESCRIPTION
Power Switch The power switch is an N-channel MOSFET with a maximum onstate resistance of 140m (VI(IN) = 5.0V, configured as a high-side switch. Charge Pump An internal 100kHz charge pump supplies the power to the driver circuit and provides the required voltage to pull the gate of the MOSFET above the source. The charge pump requires very little supply current and operates from input voltages as low as 3.0V. Gate Driver The driver controls the gate voltage of the power switch. The driver incorporates circuitry that controls the rise and fall times of the output voltage, as a result it limits large current surges and reduces the associated electromagnetic interference (EMI) produced. The rise and fall times of the output voltage are typically in the 2ms to 4ms range instead of the microsecond or nanosecond range for a standard FET. Enable A logic high on the /EN input turns off the power switch and the bias for the charge pump, driver, and other circuitry to reduce the supply current to less than 10A. A logic zero input restore bias to the drive and control circuits and turns the power on. The enable input is compatible with both TTL and CMOS logic levels. Error Flag The error flag output, is an open drain logic output that is active low when output current exceeds current limit. Until the fault condition is removed the output will remain active low. Current Limit A sense FET monitors the current supplied to the load. In case of an overload or short circuit, the current limit circuitry sends a signal to the driver. The driver will then reduce the gate voltage and drive the power FET into its linear region, which switches the output into a constant current mode and holds the current constant while varying the voltage on the load. Thermal Shutdown The internal thermal shutdown circuit will shut the power switch off when the junction temperature rises to approx. 180C. Hysteresis is build into the thermal sense circuitry, and after the junction temperature has dropped about 20C, the switch turns back on. Until the fault is removed the switch will continue to cycle off and on. Undervoltage Lock-out An internal voltage sense monitors the input voltage. When the input voltage is below 3.2V nominal, the switch is turned off by a control signal. The typical fall time range due to the sense of a low voltage is 250s to 750s.
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2026
APPLICATION HINTS
Power Supply Considerations A 0.047F ceramic bypass capacitor close to the device, between input and ground is recommended. When the output load is heavy or has large paralleled capacitors, a high value electrolytic capacitor should be used. To improve the immunity of the device to ESD, use a 0.1F ceramic capacitor to bypass the output. Current Limit A sense FET monitors overcurrent conditions. When an overcurrent condition is detected the device maintains a constant output current and decreases the voltage accordingly. If the condition is present long enough to activate the thermal limiting the result is the shutdown of the device. There are three situation in which overload can occur. In the first case, the output has been shorted before the device is enabled or before VI has been applied. The device senses the short and switches into a constant-current output. In the second case, the short occurs while the device is enabled. When this happens, very high currents flow for a short time before the current-limit circuit can react. After the current-limit circuit has tripped, the device limits normally. In the third case, the load has been gradually increased beyond the recommended operating current. The current will rise until the current-limit threshold is reached. The AMS2026 is able to deliver current up to the current-limit threshold without damage. When the threshold has been reached the device switches into the constant current mode. When over current condition is detected the error flag logic output remains low until the condition is removed. Power Dissipation and Junction Temperature The thermal resistance of the surface-mount packages such as SOIC is high compared to that of power packages. The use of the Ncannel MOSFET which has low on-resistance, makes it possible for small surface-mount packages to pass large currents. To determine the power dissipation and junction temperature the first step is to find rON at the input voltage and operating temperature. As an initial estimate use the highest operating ambient temperature of interest and read rON from Figure 1. Power dissipation is equal to: PD = rON x I2 Calculate the junction temperature: TJ = PD x RJA + TA Where RJA is the thermal resistance and is 172C/W for the SOIC package. Compare the calculated junction temperature with the initial estimate and if they don't mach within a few degrees, repeat the calculations using the calculated value as the new estimate. A few repetitions will be sufficient to give a reasonable answer. Thermal Protection Thermal protection prevents damage to the device when over load or short circuits conditions are present for extended periods of time. These conditions force the AMS2026 into the constant current mode. As a result the voltage across the high-side switch will increase. Under short-circuit conditions the voltage across the switch is equal to the input voltage. Continuous short circuits and heavy over loads increase the power dissipation in the switch and causes the junction temperature to rise to dangerously high levels. The protection circuit shuts off the switch when it senses the high junction temperature. The switch remains off until the device has cooled about 20C. The switch continues to cycle off and on until the fault is removed. Undervoltage Lock-out An undervoltage lock-out is provided to insure that the switch is in the off state at start-up. When the input voltage falls below 3.0V the switch will be turned off immediately. This will make it easy for designers of hot plug-in systems that may not be able to turn the switch off before removing the input power. In such cases when the device is reinserted, the turn on will have a controlled rise time to reduce EMI and voltage overshoots.
TYPICAL APPLICATIONS
POWER SUPPLY 4.0V - 5.0V
1F 10k 10k
7 0.1F
IN
OUT A
8 0.1F
EXTERNAL LOAD A
ERROR FLAG A ERROR FLAG B ENABLE A ENABLE B
2 3 1 4
ERROR A ERROR B EN EN OUT B GND 6
5 0.1F
EXTERNAL LOAD B
Figure 1
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2026
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
8 LEAD SOIC PLASTIC PACKAGE (S)
0.189-0.197* (4.801-5.004) 8 7 6 5
0.228-0.244 (5.791-6.197)
0.150-0.157** (3.810-3.988)
1
2
3
4
0.053-0.069 (1.346-1.752) 0.004-0.010 (0.101-0.254) 0.008-0.010 (0.203-0.254)
0.010-0.020 x 45 (0.254-0.508) 0-8 TYP
0.014-0.019 (0.355-0.483)
0.050 (1.270) TYP
0.016-0.050 (0.406-1.270)
S (SO-8 ) AMS DRW# 042293
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
8 LEAD PLASTIC DIP PACKAGE (P)
0.400* (10.160) MAX 8 7 6 5
0.2550.015* (6.4770.381)
1
2
3
4
0.045-0.065 (1.143-1.651)
0.1300.005 (3.3020.127)
0.300-0.325 (7.620-8.255)
0.065 (1.651) TYP 0.005 (0.127) MIN 0.1000.010 (2.5400.254) 0.125 (3.175) MIN 0.0180.003 (0.4570.076) 0.015 (0.380) MIN
0.009-0.015 (0.229-0.381) 0.325 +0.025 -0.015 (8.255 +0.635 ) -0.381
P (8L PDIP ) AMS DRW# 042294
*DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTUSIONS. MOLD FLASH OR PROTUSIONS SHALL NOT EXCEED 0.010" (0.254mm)
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


▲Up To Search▲   

 
Price & Availability of AMS202605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X