|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Rev. 03 -- 2 August 2007 Product data sheet 1. General description The 74HC240; 74HCT240 is a high-speed Si-gate CMOS device and is pin compatible with Low-Power Schottky TTL (LSTTL). The 74HC240; 74HCT240 is a dual octal inverting buffer/line driver with 3-state outputs. The 3-state outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state. The 74HC240; 74HCT240 is similar to the 74HC244; 74HCT244 but has inverting outputs. 2. Features s s s s Inverting 3-state outputs Multiple package options Complies with JEDEC standard no. 7 A ESD protection: x HBM JESD22-A114-D exceeds 2000 V x MM JESD22-A115-A exceeds 200 V s Specified from -40 C to +85 C and from -40 C to +125 C 3. Ordering information Table 1. Ordering information Package Temperature range Name 74HC240 74HC240N 74HC240D 74HC240DB 74HC240PW 74HC240BQ -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C DIP20 SO20 SSOP20 TSSOP20 plastic dual in-line package; 20 leads (300 mil) plastic small outline package; 20 leads; body width 7.5 mm plastic shrink small outline package; 20 leads; body width 5.3 mm SOT146-1 SOT163-1 SOT339-1 Description Version Type number plastic thin shrink small outline package; 20 leads; SOT360-1 body width 4.4 mm DHVQFN20 plastic dual-in-line compatible thermal enhanced SOT764-1 very thin quad flat package; no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm DIP20 plastic dual in-line package; 20 leads (300 mil) SOT146-1 74HCT240 74HCT240N -40 C to +125 C NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Table 1. Ordering information ...continued Package Temperature range Name Description plastic small outline package; 20 leads; body width 7.5 mm plastic shrink small outline package; 20 leads; body width 5.3 mm Version SOT163-1 SOT339-1 -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C SO20 SSOP20 TSSOP20 Type number 74HCT240D 74HCT240DB 74HCT240PW 74HCT240BQ plastic thin shrink small outline package; 20 leads; SOT360-1 body width 4.4 mm DHVQFN20 plastic dual-in-line compatible thermal enhanced SOT764-1 very thin quad flat package; no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm 4. Functional diagram 2 1A0 1Y0 18 4 1A1 1Y1 16 6 1A2 1Y2 14 1 8 EN 18 16 14 12 15 17 1 1A3 1Y3 12 2 2 17 4 15 6 13 8 11 1 19 1A0 2A0 1A1 2A1 1A2 2A2 1A3 2A3 1OE 2OE mgu779 1OE 1Y0 18 2Y0 3 1Y1 16 2Y1 5 4 6 8 2A0 2Y0 3 2A1 2Y1 5 19 1Y2 14 2Y2 7 11 1Y3 12 2Y3 9 13 15 17 EN 9 7 5 3 mgu778 13 2A2 2Y2 7 11 2A3 2Y3 9 19 2OE mgu780 Fig 1. Logic symbol Fig 2. IEC logic symbol Fig 3. Functional diagram 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 2 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 5. Pinning information 5.1 Pinning 74HC240 74HCT240 1OE 2 3 4 5 6 7 8 9 GND 10 2A3 11 GND(1) 1 terminal 1 index area 20 VCC 19 2OE 18 1Y0 17 2A0 16 1Y1 15 2A1 14 1Y2 13 2A2 12 1Y3 74HC240 74HCT240 1OE 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 1 2 3 4 5 6 7 8 9 20 VCC 19 2OE 18 1Y0 17 2A0 16 1Y1 15 2A1 14 1Y2 13 2A2 12 1Y3 11 2A3 001aag233 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 GND 10 001aag234 Transparent top view (1) The die substrate is attached to this pad using conductive die attach material. It can not be used as supply pin or input Fig 4. Pin configuration DIP20, SO20, (T)SSOP20 Fig 5. Pin configuration DHVQFN20 5.2 Pin description Table 2. Symbol 1OE 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 GND 2A3 1Y3 2A2 1Y2 2A1 1Y1 74HC_HCT240_3 Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Description output enable input (active LOW) data input bus output data input bus output data input bus output data input bus output ground (0 V) data input bus output data input bus output data input bus output (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 3 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Table 2. Symbol 2A0 1Y0 2OE VCC Pin description ...continued Pin 17 18 19 20 Description data input bus output output enable input (active LOW) supply voltage 6. Functional description Table 3. Input nOE L L H [1] H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state. Function table[1] Output nAn L H X nYn H L Z 7. Limiting values Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK IOK IO ICC IGND Tstg Ptot Parameter supply voltage input clamping current output clamping current output current supply current ground current storage temperature total power dissipation DIP20 package SO20, SSOP20, TSSOP20 and DHVQFN20 packages [1] For DIP20 packages: above 70 C, Ptot derates linearly with 12 mW/K. For SO20 packages: above 70 C, Ptot derates linearly with 8 mW/K. For SSOP20 and TSSOP20 packages: above 60 C, Ptot derates linearly with 5.5 mW/K. For DHVQFN20 packages: above 60 C, Ptot derates linearly with 4.5 mW/K. [1] Conditions VI < -0.5 V or VI > VCC + 0.5 V VO < -0.5 V or VO > VCC + 0.5 V -0.5 V < VO < VCC + 0.5 V Min -0.5 -70 -65 - Max +7 20 20 35 70 +150 750 500 Unit V mA mA mA mA mA C mW mW 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 4 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 8. Recommended operating conditions Table 5. Symbol 74HC240 VCC VI VO t/V supply voltage input voltage output voltage input transition rise and fall rate VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V Tamb 74HCT240 VCC VI VO t/V Tamb supply voltage input voltage output voltage input transition rise and fall rate VCC = 4.5 V ambient temperature 4.5 0 0 -40 5.0 1.67 5.5 VCC VCC 139 +125 V V V ns/V C ambient temperature 2.0 0 0 -40 5.0 1.67 6.0 VCC VCC 625 139 83 +125 V V V ns/V ns/V ns/V C Recommended operating conditions Parameter Conditions Min Typ Max Unit 9. Static characteristics Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter 74HC240 VIH HIGH-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VIL LOW-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VOH HIGH-level VI = VIH or VIL output voltage IO = -20 A; VCC = 2.0 V IO = -20 A; VCC = 4.5 V IO = -20 A; VCC = 6.0 V IO = -6.0 mA; VCC = 4.5 V IO = -7.8 mA; VCC = 6.0 V 1.5 3.15 4.2 1.9 4.4 5.9 1.2 2.4 3.2 0.8 2.1 2.8 2.0 4.5 6.0 0.5 1.35 1.8 1.5 3.15 4.2 1.9 4.4 5.9 3.84 5.34 0.5 1.35 1.8 1.5 3.15 4.2 1.9 4.4 5.9 3.7 5.2 0.5 1.35 1.8 V V V V V V V V V V V Conditions Min 25 C Typ Max -40 C to +85 C -40 C to +125 C Unit Min Max Min Max 3.98 4.32 5.48 5.81 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 5 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Table 6. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOL Conditions Min LOW-level VI = VIH or VIL output voltage IO = 20 A; VCC = 2.0 V IO = 20 A; VCC = 4.5 V IO = 20 A; VCC = 6.0 V IO = 6.0 mA; VCC = 4.5 V IO = 7.8 mA; VCC = 6.0 V II IOZ input leakage current OFF-state output current VI = VCC or GND; VCC = 6.0 V per input pin; VI = VIH or VIL; VO = VCC or GND; other inputs at VCC or GND; VCC = 6.0 V; IO = 0 A 25 C Typ 0 0 0 0.15 0.16 Max 0.1 0.1 0.1 0.26 0.26 0.1 0.5 -40 C to +85 C -40 C to +125 C Unit Min Max 0.1 0.1 0.1 0.33 0.33 1.0 5.0 Min Max 0.1 0.1 0.1 0.4 0.4 1.0 10 V V V V V A A ICC CI supply current VI = VCC or GND; IO = 0 A; VCC = 6.0 V input capacitance HIGH-level input voltage LOW-level input voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V - 3.5 8.0 - - 80 - - 160 - A pF 74HCT240 VIH VIL VOH 2.0 1.6 1.2 0.8 2.0 0.8 2.0 0.8 V V HIGH-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = -20 A IO = -6 mA LOW-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = 20 A IO = 6.0 mA input leakage current OFF-state output current VI = VCC or GND; VCC = 5.5 V per input pin; VI = VIH or VIL; VO = VCC or GND; other inputs at VCC or GND; VCC = 5.5 V; IO = 0 A 4.4 4.5 0.1 0.26 0.1 0.5 4.4 3.84 - 0.1 0.33 1.0 5.0 4.4 3.7 - 0.1 0.4 1.0 10 V V V V A A 3.98 4.32 0 0.16 - VOL II IOZ ICC ICC supply current VI = VCC or GND; VCC = 5.5 V; IO = 0 A additional per input pin; supply current VI = VCC - 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V; IO = 0 A nAn or inputs nOE input - - 8.0 - 80 - 160 A - 150 70 3.5 540 252 - - 675 315 - - 735 343 - A A pF CI input capacitance 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 6 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 10. Dynamic characteristics Table 7. Dynamic characteristics GND = 0 V; for load circuit see Figure 8. Symbol Parameter Conditions Min 74HC240 tpd propagation delay nAn to nYn; see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 5.0 V; CL = 15 pF VCC = 6.0 V ten enable time nOE to nYn; see Figure 7 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tdis disable time nOE to nYn or see Figure 7 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tt transition time see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V CPD power dissipation capacitance per transceiver; VI = GND to VCC [5] [4] [3] [2] [1] 25 C Typ Max -40 C to +125 C Unit Max (85 C) Max (125 C) - 30 11 9 9 39 14 11 41 15 12 14 5 4 30 100 20 17 150 30 26 150 30 26 60 12 10 - 125 25 21 190 38 33 190 38 33 75 15 13 - 150 30 26 225 45 38 225 45 38 90 18 15 - ns ns ns ns ns ns ns ns ns ns ns ns ns pF 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 7 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting Table 7. Dynamic characteristics ...continued GND = 0 V; for load circuit see Figure 8. Symbol Parameter Conditions Min 74HCT240 tpd propagation delay nAn to nYn; see Figure 6 VCC = 4.5 V VCC = 5.0 V; CL = 15 pF ten tdis tt CPD enable time disable time transition time power dissipation capacitance nOE to nYn; VCC = 4.5 V; see Figure 7 nOE to nYn; VCC = 4.5 V; see Figure 7 VCC = 4.5 V; see Figure 6 per transceiver; VI = GND to VCC - 1.5 V [2] [1] 25 C Typ Max -40 C to +125 C Unit Max (85 C) Max (125 C) - 11 9 13 13 5 30 20 30 25 12 - 25 38 31 15 - 30 45 38 18 - ns ns ns ns ns pF [3] [4] [5] [1] [2] [3] [4] [5] tpd is the same as tPHL and tPLH. ten is the same as tPZH and tPZL. tdis is the same as tPHZ and tPLZ. tt is the same as tTHL and tTLH. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of outputs. 11. Waveforms VI nAn input GND tPHL VOH nYn output VOL mgu781 VM VM tPLH VM VM Measurement points are given in Table 8. VOL and VOH are typical voltage output drop that occur with the output load. Fig 6. Input (nAn) to output (nYn) propagation delays and output transition times 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 8 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting VI nOE input GND t PLZ VCC nYn output LOW-to-OFF OFF-to-LOW VOL t PHZ VOH nYn output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled 001aae014 VM t PZL VM VX t PZH VY VM Measurement points are given in Table 8. VOL and VOH are typical voltage output drop that occur with the output load. Fig 7. 3-state enable and disable times Table 8. Type 74HC240 74HCT240 Measurement points Input VM 0.5 x VCC 1.3 V Output VM 0.5 x VCC 1.3 V VX 0.1 x VCC 0.1 x VCC VY 0.9 x VCC 0.9 x VCC 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 9 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting VI negative pulse 0V tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW VM VM VI positive pulse 0V VCC VCC PULSE GENERATOR VI VO RL S1 DUT RT CL open 001aad983 Test data is given in Table 9. Definitions test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistance. S1 = Test selection switch. Fig 8. Load circuitry for measuring switching times Table 9. Type 74HC240 74HCT240 Test data Input VI VCC 3V tr, tf 6 ns 6 ns Load CL 15 pF, 50 pF 15 pF, 50 pF RL 1 k 1 k S1 position tPHL, tPLH open open tPZH, tPHZ GND GND tPZL, tPLZ VCC VCC 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 10 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 12. Package outline DIP20: plastic dual in-line package; 20 leads (300 mil) SOT146-1 D seating plane ME A2 A L A1 c Z e b1 b 20 11 MH wM (e 1) pin 1 index E 1 10 0 5 scale 10 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.02 A2 max. 3.2 0.13 b 1.73 1.30 0.068 0.051 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D (1) E (1) e 2.54 0.1 e1 7.62 0.3 L 3.60 3.05 0.14 0.12 ME 8.25 7.80 0.32 0.31 MH 10.0 8.3 0.39 0.33 w 0.254 0.01 Z (1) max. 2 0.078 26.92 26.54 1.060 1.045 6.40 6.22 0.25 0.24 Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT146-1 REFERENCES IEC JEDEC MS-001 JEITA SC-603 EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-13 Fig 9. Package outline SOT146-1 (DIP20) 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 11 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting SO20: plastic small outline package; 20 leads; body width 7.5 mm SOT163-1 D E A X c y HE vMA Z 20 11 Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A 0 5 scale 10 mm DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.1 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.05 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.9 0.4 0.012 0.096 0.004 0.089 0.019 0.013 0.014 0.009 0.419 0.043 0.055 0.394 0.016 0.035 0.004 0.016 8 o 0 o Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19 Fig 10. Package outline SOT163-1 (SO20) 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 12 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm SOT339-1 D E A X c y HE vMA Z 20 11 Q A2 pin 1 index A1 (A 3) Lp L 1 e bp 10 wM detail X A 0 2.5 scale 5 mm DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 7.4 7.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 0.9 0.5 8 o 0 o Note 1. Plastic or metal protrusions of 0.2 mm maximum per side are not included. OUTLINE VERSION SOT339-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19 Fig 11. Package outline SOT339-1 (SSOP20) 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 13 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm SOT360-1 D E A X c y HE vMA Z 20 11 Q A2 pin 1 index A1 (A 3) A Lp L 1 e bp 10 wM detail X 0 2.5 scale 5 mm DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 6.6 6.4 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8 o 0 o Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT360-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19 Fig 12. Package outline SOT360-1 (TSSOP20) 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 14 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT764-1 20 terminals; body 2.5 x 4.5 x 0.85 mm D B A A A1 E c terminal 1 index area detail X terminal 1 index area e 2 L e1 b 9 vMCAB wM C y1 C C y 1 Eh 20 10 e 11 19 Dh 0 12 X 2.5 scale 5 mm DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 4.6 4.4 Dh 3.15 2.85 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 3.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1 Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT764-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27 Fig 13. Package outline SOT764-1 (DHVQFN20) 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 15 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 13. Abbreviations Table 10. Acronym CMOS DUT ESD HBM MM TTL Abbreviations Description Complementary Metal Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic 14. Revision history Table 11. Revision history Release date 20070802 Data sheet status Product data sheet Change notice Supersedes 74HC_HCT240_CNV_2 Document ID 74HC_HCT240_3 Modifications: * * * The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Added type number 74HC240BQ and 74HCT240BQ (DHVQFN20 package) Product specification - 74HC_HCT240_CNV_2 19970828 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 16 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 15. Legal information 15.1 Data sheet status Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet [1] [2] [3] Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification. Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. 15.2 Definitions Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 15.3 Disclaimers General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or 15.4 Trademarks Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. 16. Contact information For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com 74HC_HCT240_3 (c) NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 -- 2 August 2007 17 of 18 NXP Semiconductors 74HC240; 74HCT240 Octal buffer/line driver; 3-state; inverting 17. Contents 1 2 3 4 5 5.1 5.2 6 7 8 9 10 11 12 13 14 15 15.1 15.2 15.3 15.4 16 17 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 1 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 Legal information. . . . . . . . . . . . . . . . . . . . . . . 17 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Contact information. . . . . . . . . . . . . . . . . . . . . 17 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'. (c) NXP B.V. 2007. All rights reserved. For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 2 August 2007 Document identifier: 74HC_HCT240_3 |
Price & Availability of 74HC240D |