Part Number Hot Search : 
IRF3N25 MMB152W RS2604 P220M NJG1307R ON2758 T6322 M3P2779
Product Description
Full Text Search
 

To Download 5GWJ2CZ47C06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5GWJ2CZ47C
TOSHIBA SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE
5GWJ2CZ47C
SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
Repetitive Peak Reverse Voltage Average Output Rectified Current : VRRM = 40 V : IO = 5 A Unit: mm
Low Switching Losses and Output Noise
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Reverse Voltage Repetitive Peak Reverse Surge Voltage (Note 2) Average Output Rectified Current Peak One Cycle Surge Forward Current (Sin Wave) Junction Temperature Storage Temperature Range Screw Torque SYMBOL VRRM VRRSM IO IFSM Tj Tstg RATING 40 48 5 50 (50Hz) 55 (60Hz) -40~125 -40~150 0.6 UNIT V V A A C C N*m
JEDEC JEITA

Note 1: Pulse Width (tw) 500ns, duty (tw / T) 1 / 25
TOSHIBA 12-10C1A Note 2: Using continuously under heavy loads (e.g. the application of Weight: 2.0 g (typ.) high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Peak Forward Voltage (Note 3) SYMBOL VFM IRRM Cj Rth (j-c) TEST CONDITION IFM = 2.5A VRRM = Rated VR = 10V, f = 1.0MHz Total DC, Junction to Case TYP. 100 MAX 0.55 3.5 3.5 UNIT V mA pF C / W
Repetitive Peak Reverse Current (Note 3) Junction Capacitance Thermal Resistance (Note 3)
Note 3: A value applied to one cell.
POLARITY
1
2006-11-13
5GWJ2CZ47C
MARKING
Abbreviation Code 5GWJ2CZ Part No. 5GWJ2CZ47C
5GWJ2CZ
Part No. (or abbreviation code) Lot No.
Characteristics indicator
A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Handling Precaution
Schottky barrier diodes have reverse current characteristics compared to other diodes. There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage. Please take forward and reverse loss into consideration during design. The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded during operation, even for an instant. The following are the general derating methods that we recommend when you design a circuit with a device. VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/C. Take this temperature coefficient into account designing a device at low temperature. We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IO and Tj be below 100C. When using this device, take the margin into consideration by using an allowable Tamax-IO curve. This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which seldom occurs during the lifespan of the device. Derate this rating when using a device in order to ensure high reliability. We recommend that the device be used at a Tj of below 100C.
IO:
IFSM:
Tj:
Please refer to the Rectifiers databook for further information.
2
2006-11-13
5GWJ2CZ47C
3
2006-11-13
5GWJ2CZ47C
4
2006-11-13
5GWJ2CZ47C
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-13


▲Up To Search▲   

 
Price & Availability of 5GWJ2CZ47C06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X