Part Number Hot Search : 
HFA5253 W523S20 F051601 PA1280NL 084V3T1 MC100LV VTE1285 F2002
Product Description
Full Text Search
 

To Download 2SK3994 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3994
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type (-MOS V)
2SK3994
Switching Regulator, DC/DC Converter Applications Motor Drive Applications
Low drain-source ON-resistance High forward transfer admittance Enhancement mode : RDS (ON) = 90 m (typ.) : |Yfs| = 10 S (typ.) Unit: mm
Low leakage current : IDSS = 100 A (max) (VDS = 250 V) : Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 250 250 30 20 80 45 487 20 4.5 150 -55~150 Unit V V V A A W mJ A mJ C C
Pulse (Note 1)
Drain power dissipation (Tc = 25C) Single-pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
-- SC-67 2-10R1B
Weight: 1.9 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 2.78 62.5 Unit C / W C / W
Note 1: Ensure that the channel temperature does not exceed 150C. Note 2: VDD = 90 V, Tch = 25C (initial), L = 2.06 mH, RG = 25 , IAR = 20 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Handle with care.
1
2006-11-21
2SK3994
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Gate-source breakdown voltage Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON-resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton tf toff Qg Qgs Qgd VDD 200 V, VGS = 10 V, ID = 20 A Duty < 1%, tw = 10 s = VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 250 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 10 A VDS = 10 V, ID = 10 A Min -- 30 -- 250 3.0 -- 5 -- -- -- Typ. -- -- -- -- -- 90 10 2090 280 1000 20 Max 10 -- 100 -- 5.0 105 -- -- -- -- -- pF Unit A V A V V m S
Switching time Fall time
4.7
Turn-on time
RL = 12.5
VGS 10 V 0V
ID = 10 A
--
VOUT
-- 40 -- ns -- 10 --
VDD 125 V -
Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("Miller") charge
-- -- -- --
40 45 22 23
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr Test Condition -- -- IDR = 20 A, VGS = 0 V IDR = 20 A, VGS = 0 V dIDR / dt = 100 A / s Min -- -- -- -- -- Typ. -- -- -- 320 2.8 Max 20 80 -1.5 -- -- Unit A A V ns C
Marking
K3994
Part No. (or abbreviation code) Lot No.
A line indicates a lead-free (Pb-free) package or lead-free (Pb-free) finish.
2
2006-11-21
2SK3994
ID - VDS
50 Common source Tc = 25C 40 Pulse test 9 30 15 10 100 9.5 Common source Tc = 25C 80 Pulse test
ID - VDS
15
12 11
Drain current ID (A)
Drain current ID (A)
8.5
60
10
20
8 7.5
40
9
10
VGS = 7 V
20
8 VGS = 7 V
0 0
2
4
6
8
10
0 0
4
8
12
16
20
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
50 Common source 40 VDS = 10 V Pulse test 5
VDS - VGS
Common source Tc = 25C 4 Pulse test
Drain current ID (A)
Tc = -55C 20 100 10 25 0 0
Drain-source voltage
30
VDS (V)
3
2
ID = 20 A
1
10 5
4
8
12
16
20
0 0
4
8
12
16
20
Gate-source voltage
VGS (V)
Gate-source voltage
VGS (V)
Yfs - ID
100 Common source 1 VDS = 10 V Pulse test Common source Tc = 25C Pulse test
RDS (ON) - ID
Forward transfer admittance Yfs
(S)
10 Tc = -55C 100 25
Drain-source ON-resistance RDS (ON) (m)
0.1
VGS = 10 V 15
1
0.1 0.1
1
10
100
0.01 1
10
100
Drain current ID (A)
Drain current ID (A)
3
2006-11-21
2SK3994
RDS (ON) - Tc
0.3 1000 Common source VGS = 10 V Pulse test 10 5 0.18 ID = 20 A Common source
IDR - VDS
Drain-source ON-resistance RDS (ON) ( )
0.24
(A)
Tc = 25C Pulse test 100
0.12
Drain reverse current IDR
10 10 VGS = 0 V
0.06
5 0 -80 -40 0 40 80 120 160 1 0
3
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0
Case temperature Tc (C)
Drain-source voltage
VDS (V)
Capacitance - VDS
30000 10000 6
Vth - Tc
Vth (V) Gate threshold voltage
Ciss Coss Common source VGS = 0 V f = 1 MHz Tc = 25C 1 10 100 Crss 1000
5
(pF)
4
Capacitance C
1000
3
2 Common source 1V DS = 10 V ID = 1 mA Pulse test 0 -80 -40 0
100
10 0.1
40
80
120
160
Drain-source voltage
VDS (V)
Case temperature Tc (C)
Dynamic input/output characteristics
250 Common source ID = 20 A Tc = 25C Pulse test 20
VDS (V)
200
16
Drain-source voltage
50 V 100 VGS 50
100 V 8
4
0 0
20
40
60
80
0 100
Total gate charge Qg (nC)
4
2006-11-21
Gate-source voltage
150
VDD = 200 V
12
VGS (V)
VDS
2SK3994
Safe operating area
100
max (pulse)
EAS - Tch
500
00s *
1m s * 10
(mJ) Avalanche energy EAS
400
D
max (continuous)
300
Drain current
1
DC operation Tc=25
200
100
0.1
Single nonrepetitive Ta=25 Curves must be derated linealy with increase in temperature.
1 10
0 25
m ax 100 1000
50
75
100
125
150
Channel temperature (initial)
0.01
Tch (C)
Drain-source voltage

15 V -15 V
BVDSS IAR VDD VDS Waveform
AS = 1 B VDSS L I2 B 2 VDSS - VDD
Test circuit RG = 25 VDD = 50 V, L = 2.06 mH
5
2006-11-21
2SK3994
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2006-11-21


▲Up To Search▲   

 
Price & Availability of 2SK3994

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X