Part Number Hot Search : 
0843MW PVC10010 W041K1 D471K AN12974A 1N4740 SMB5361 E30A2CDS
Product Description
Full Text Search
 

To Download 2SK363 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK363
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK363
For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
* * * High breakdown voltage: VGDS = -40 V High input impedance: IGSS = -1.0 nA (max) (VGS = -30 V) Low RDS (ON): RDS (ON) = 20 (typ.) (IDSS = 15 mA) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Gate-drain voltage Gate current Drain power dissipation Junction temperature Storage temperature range Symbol VGDS IG PD Tj Tstg Rating -40 10 400 125 -55~125 Unit V mA mW C C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
JEDEC JEITA TOSHIBA
TO-92 SC-43 2-5F1D
Weight: 0.21 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Gate cut-off current Gate-drain breakdown voltage Drain current Gate-source cut-off voltage Forward transfer admittance Input capacitance Reverse transfer capacitance Drain-source ON resistance Symbol IGSS V (BR) GDS IDSS (Note 1) VGS (OFF) Yfs Ciss Crss RDS (ON) Test Condition VGS = -30 V, VDS = 0 VDS = 0, IG = -100 A VDS = 10 V, VGS = 0 VDS = 10 V, ID = 0.1 A VDS = 10 V, VGS = 0, f = 1 kHz (Note 2) VDS = 10 V, VGS = 0, f = 1 MHz VGD = -10 V, ID = 0, f = 1 MHz VDS = 10 mV, VGS = 0 (Note 2) Min -40 5.0 -0.3 25 Typ. 60 75 15 20 Max -1.0 30 -1.2 Unit nA V mA V mS pF pF
Note 1: IDSS classification GR: 5.0~10.0 mA, BL: 8.0~16.0 mA, V: 14.0~30.0 mA Note 2: Condition of the typical value IDSS = 15 mA
1
2007-11-01
2SK363
2
2007-11-01
2SK363
3
2007-11-01
2SK363
4
2007-11-01
2SK363
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2007-11-01


▲Up To Search▲   

 
Price & Availability of 2SK363

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X