![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SC5368 TOSHIBA Transistor Silicon NPN Triple Diffused Type 2SC5368 High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications Unit: mm * * * High speed: tr = 0.5 s (max), tf = 0.3 s (max) (IC = 0.8 A) High breakdown voltage: VCEO = 450 V High DC current gain: hFE = 20 (min) (IC = 0.2 A) Absolute Maximum Ratings (Tc = 25C) Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Ta = 25C Tc = 25C DC Pulse Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating 650 450 7 2 4 0.5 1.5 10 150 -55 to 150 Unit V V V A A W C C JEDEC JEITA TOSHIBA 2-8H1A Weight: 0.82 g (typ.) Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 1 2006-11-10 2SC5368 Electrical Characteristics (Tc = 25C) Characteristics Collector cut-off current Emitter cut-off current Collector-base breakdown voltage Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Symbol ICBO IEBO V (BR) CBO V (BR) CEO hFE (1) hFE (2) VCE (sat) VBE (sat) tr 20 s IB1 IB1 IB2 INPUT IB2 Fall time tf 0.3 Test Condition VCB = 520 V, IE = 0 VEB = 7 V, IC = 0 IC = 1 mA, IE = 0 IC = 10 mA, IB = 0 VCE = 5 V, IC = 1 mA VCE = 5 V, IC = 0.2 A IC = 0.8 A, IB = 0.1 A IC = 0.8 A, IB = 0.1 A VCC 200 V IC 250 Min 650 450 13 20 Typ. Max 20 10 65 1.0 1.3 V V Unit A A V V Rise time 0.5 Switching time Storage time tstg OUTPUT 2.0 s IB1 = 0.1 A, IB2 = -0.2 A, Duty cycle 1% Marking Lot No. C5368 A line indicates lead (Pb)-free package or lead (Pb)-free finish. Part No. (or abbreviation code) 2 2006-11-10 2SC5368 IC - VCE 2 0.3 0.25 4 Common emitter Tc = 25C Common emitter VCE = 5 V IC - VBE (A) (A) 1.6 0.2 0.15 3 Collector current IC 1.2 0.1 0.05 0.04 0.03 0.02 Collector current IC 2 0.8 1 0.4 Tc = 100C -55 IB = 0.01 A 25 0 0 2 4 6 8 10 0 0 0.5 1 1.5 Collector-emitter voltage VCE (V) Base-emitter voltage VBE (V) hFE - IC 100 Tc = 100C 20 Common emitter 50 10 5 3 VCE (sat) - IC Collector-emitter saturation voltage VCE (sat) (V) IC/IB = 8 DC current gain hFE 30 25 -55 -55 1 0.5 0.3 Tc = 100C 0.1 0.05 0.01 25 10 5 3 Common emitter VCE = 5 V 1 0.01 0.03 0.05 0.1 0.3 0.5 1 3 Collector current IC (A) 0.03 0.1 0.3 1 3 10 Collector current IC (A) Safe Operating Area VBE (sat) - IC 0.3 Common emitter IC/IB = 8 1 -55 10 IC max (pulsed)* 3 IC max (continuous) 1 ms* 10 ms* 1 0.3 0.1 0.03 0.01 0.1 0.03 0.03 0.1 *: Single nonrepetitive pulse Tc = 25C Curves must be derated linearly with increase in temperature. 0.3 1 3 10 30 DC operation Tc = 25C 100 ms* Base-emitter saturation voltage VBE (sat) (V) Tc = 100C 0.5 0.3 25 Collector current IC (A) VCEO max 100 300 1000 0.05 0.1 0.3 0.5 1 2 Collector current IC (A) Collector-emitter voltage VCE (V) 3 2006-11-10 2SC5368 RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 20070701-EN * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. 4 2006-11-10 |
Price & Availability of 2SC536806
![]() |