Part Number Hot Search : 
FMBM5401 MTS800 P4N60 1N2999C IF850 LA2340 1N4743 IRFF113
Product Description
Full Text Search
 

To Download 2SC5208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5208
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5208
High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications DC-AC Inverter Applications
* * High-speed switching: tr = 1.0 s (max) ,tf = 1.5 s (max) High breakdown voltage: VCEO = 400 V Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range DC Pulse Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating 600 400 7 0.8 1.5 0.5 1.3 150 -55~150 Unit V V V A
JEDEC
A W C C
2-8M1A
JEITA TOSHIBA
Weight: 0.55 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2006-11-13
2SC5208
Electrical Characteristics (Ta = 25C)
Characteristic Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Rise time Symbol ICBO IEBO hFE (1) hFE (2) VCE (sat) VBE (sat) tr
IB1
Test Conditions VCB = 600 V, IE = 0 VEB = 7 V, IC = 0 VCE = 5 V, IC = 0.1 A VCE = 5 V, IC = 0.5 A IC = 0.1 A, IB = 0.01 A IC = 0.1 A, IB = 0.01 A
Min 20 12
Typ.
Max 100 100 80 0.4 1.0 1.0
Unit A A
V V
20 s
Storage time
tstg
IB2
Switching time
IB2
400
Input
IB1
Output
2.5
s
VCC = 200 V
Fall time
tf
IB1 = -IB2 = 0.05 A, duty cycle 1%
1.5
Marking
C5208
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-13
2SC5208
IC - VCE
1000 Common emitter Ta = 25C 800 300
hFE - IC
(mA)
80
hFE
60 40
100 50 30
Ta = 100C 25 -40
IC
600
30 20
Collector current
DC current gain
400
10 5
10 5 3 Common emitter VCE = 5 V
200
IB = 2 mA 1 1 10 12
0 0
0 2 4 6 8
3
10
30
100
300
1000
Collector current
IC
(mA)
Collector-emitter voltage
VCE
(V)
VCE (sat) - IC
10 10
VBE (sat) - IC Base-emitter saturation voltage VBE (sat) (V)
Common emitter 5 3 IC/IB = 10
Collector-emitter saturation voltage VCE (sat) (V)
Common emitter 5 3 IC/IB = 10
1 0.5 0.3
1 0.5 0.3
Ta = -40C 100
25
0.1 0.05 0.03 1 3
Ta = 100C -40 10 30 25 100 300 1000
0.1 1
3
10
30
100
300
1000
Collector current IC (mA)
IC
(mA)
Collector current
IC - VBE
1000 Common emitter VCE = 5 V 800 100 50 30
Switching Characteristics
IC/IB = 10 IB1 = -IB2 Pulse width = 20 s 10 5 3 tf tstg Duty cycle 1% Ta = 25C
(mA)
IC
Collector current
400 Ta = 100C 25 200 -40
Switching time
600
(s)
1 0.5 0.3
tr
0 0
0.2
0.4
0.6
0.8
1.0
1.2
0.1 0
0.1
0.2
0.3
0.4
0.5
Base-emitter voltage
VBE
(V)
Collector current
IC
(A)
3
2006-11-13
2SC5208
rth - tw
300
Transient thermal resistance rth (C /W)
Curves should be applied in thermal limited area. (single non-repetitive pulse) Ta=25
100
30
10
3
1 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw (s)
Safe Operating Area
10 1.6
PC - Ta (W)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
IC max (pulsed)*
(A)
1 ms* 0.3 100 ms*
0.1 DC operation Ta = 25C
0.03
0.01
0.003
0.001 0.3
*: Single non-repetitive pulse Tc = 25C Curves must be de-rated linearly with increase in temperature. 1 3 10 30
Collector power dissipation
1
IC max (continuous)
10 ms*
Collector current
IC
PC
3
25
50
75
100
125
150
175
VCEO max 100 300 1000
Ambient temperature
Ta
(C)
Collector-emitter voltage
VCE (V)
4
2006-11-13
2SC5208
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-13


▲Up To Search▲   

 
Price & Availability of 2SC5208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X