Part Number Hot Search : 
CMDL251 2SD11 E2SAA18 N7000 M6015 CXG1008 T2800 MBT22
Product Description
Full Text Search
 

To Download 2SB164006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1640
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SB1640
Audio Frequency Power Amplifier
Unit: mm * * * Low saturation voltage: VCE (sat) = -1.5 V (max) (IC = -2 A, IB = -0.2 A) Collector metal (fin) is covered with mold region. Complementary to 2SD2525
Absolute Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range DC Pulse Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating -60 -60 -7 -3 -6 -0.5 1.8 150 -55 to 150 Unit V V V A A W C C
JEDEC JEITA TOSHIBA
2-10T1A
Weight: 1.5 g (typ.) Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2006-11-21
2SB1640
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol ICBO IEBO V (BR) CEO hFE (1) hFE (2) VCE (sat) VBE fT Cob Test Condition VCB = -60 V, IE = 0 VEB = -7 V, IC = 0 IC = -50 mA, IB = 0 VCE = -5 V, IC = -0.5 A VCE = -5 V, IC = -2 A IC = -2 A, IB = -0.2 A VCE = -5 V, IC = -0.5 A VCE = -5 V, IC = -0.5 A VCB = -10 V, IE = 0, f = 1 MHz Min -60 100 15 Typ. -0.1 -0.75 9 50 Max -10 -10 320 -1.5 -1.0 V V MHz pF Unit A A V
Marking
B1640
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-21
2SB1640
IC - VCE
-3.0 -100 -90 -80 -70 1000 500 300
hFE - IC
-2.5
(A)
DC current gain hFE
-60 -50 -40 -30
Ta = 100C 25 -25
Collector current IC
-2.0
100 50 30
-1.5
-20 IB = -10 mA
-1.0
-0.5 Common emitter Ta = 25C 0 0 -1 -2 -3 -4 -5 -6
10
Common emitter VCE = -5 V -0.03 -0.1 -0.3 -1 -3 -5
5 -0.01
Collector-emitter voltage
VCE (V)
Collector current IC
(A)
VCE (sat) - IC
-2 Common emitter -3 IC/IB = 10
IC - VBE
Collector-emitter saturation voltage VCE (sat) (V)
-1 -0.5 -0.3
(A)
-25
-0.1 -0.05 -0.03 25
Collector current IC
Ta = 100C
-2
Ta = 100C -1 25 -25 Common emitter
-0.01 -0.01
-0.03
-0.1
-0.3
-1
-3 -5
Collector current IC
(A)
0 0
VCE = -5 V -0.4 -0.8 -1.2 -1.6 -2.0
Base-emitter voltage
VBE (V)
3
2006-11-21
2SB1640
rth - tw
300
Transient thermal resistance rth (C/W)
Curves should be applied in thermal limited area. 100 (single nonrepetitive pulse) No heat sink Ta = 25C 30
10
3
1
0.3 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
Safe Operating Area
2.0 -10 -5 IC max (pulsed)* 1 ms* IC max (continuous) DC operation Ta = 25C 100 ms* 10 ms*
PC - Ta PC (W) Collector power dissipation
1.6
(A) IC
-3
-1 -0.5 -0.3
1.2
Collector current
0.8
-0.1 *: Single nonrepetitive pulse Ta = 25C -0.03 Curves must be derated linearly with increase in temperature. -0.01 -0.1 -1 -0.05
0.4
VCEO max -10 -100
0 0
25
50
75
100
125
150
175
Ambient temperature
Ta
(C)
Collector-emitter voltage
VCE
(V)
4
2006-11-21
2SB1640
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-21


▲Up To Search▲   

 
Price & Availability of 2SB164006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X