Part Number Hot Search : 
ADG1433 180RKI80 X24F016V BC547B LC7520 SS110 201KD14 ALTECH
Product Description
Full Text Search
 

To Download 2SB161706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1617
TOSHIBA Transistor Silicon PNP Epitaxial Type (Darlington)
2SB1617
Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
Unit: mm
* *
High DC current gain: hFE = 2000 (min) (VCE = -2 V, IC = -1 A) Low saturation voltage: VCE (sat) = -1.5 V (max) (IC = -1 A, IB = -1 mA)
Absolute Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC (DC) IC (Pulse) IB PC Tj Tstg Rating -100 -100 -8 -2 -3 -0.5 1.3 150 -55 to 150 Unit V V V A A A W C C
JEDEC JEITA TOSHIBA
2-8M1A
Weight: 0.55 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Equivalent Circuit
COLLECTOR
BASE 4 k 800 EMITTER
1
2006-11-21
2SB1617
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Symbol ICBO IEBO V (BR) CEO hFE VCE (sat) VBE (sat) fT Cob ton Test Condition VCB = -80 V, IE = 0 VEB = -8 V, IC = 0 IC = -10 mA, IB = 0 VCE = -2 V, IC = -1 A IC = -1 A, IB = -1 mA IC = -1 A, IB = -1 mA VCE = -2 V, IC = -0.5 A VCB = -10 V, IE = 0, f = 1 MHz Input IB2 IB2 IB1 Output 30 Min -100 2000 Typ. 50 27 0.4 Max -10 -4 -1.5 -2.0 V V MHz pF Unit A mA V
20 s
IB1
Switching time
Storage time
tstg
2.0
s
VCC = -30 V Fall time tf -IB1 = IB2 = 1 mA, duty cycle 1% 0.4
Marking
B1617
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-21
2SB1617
IC - VCE
-4 Common emitter Ta = 25C -3 5000 10000
hFE - IC
DC current gain hFE
(A)
-1000
-800
3000 Ta = 100C 1000 500 300 Common emitter VCE = -2 V 25
Collector current IC
-500 -2 -400 -300 -250 -1 IB = -200 A 0 0
-55
100 -0.03 -5
-0.1
-0.3
-1
-3
-10
-1
-2
-3
-4
Collector current IC
(A)
Collector-emitter voltage
VCE (V)
VCE (sat) - IC
Collector-emitter saturation voltage VCE (sat) (V) Base-emitter saturation voltage VBE (sat) (V)
-5 Common emitter IC/IB = 1000 -3 -5
VBE (sat) - IC
Common emitter IC/IB = 1000 -3 Ta = -55C 25 -1 100
Ta = -55C -1 25 100 -0.5 -0.3 -0.5 -1 -3 -5
-0.5
-0.3
-0.5
-1
-3
-5
Collector current IC
(A)
Collector current IC
(A)
IC - VBE
-3.0 1.6
PC - Ta
(W) Collector power dissipation PC
-2.0 -2.4 -2.8 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
Common emitter -2.5 VCE = -2 V
(A) Collector current IC
-2.0 -1.5 -1.0
Ta = 100C
25 -55
-0.5
0 0
-0.4
-0.8
-1.2
-1.6
25
50
75
100
125
150
175
Base-emitter voltage
VBE (V)
Ambient temperature Ta (C)
3
2006-11-21
2SB1617
rth - tw
300
Transient thermal resistance rth (C/W)
Curves should be applied in thermal limited area. 100 (single nonrepetitive pulse) Ta = 25C
30
10
3
1
0.3 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
Safe Operating Area
-10 IC max (pulsed)* IC max (continuous) 100 ms*
-3
10 ms*
-1
1 ms*
(A)
-0.3
Collector current IC
DC operation Ta = 25C
-0.1
-0.03
-0.01 *: Single nonrepetitive pulse Ta = 25C Curves must be derated linearly with increase in temperature. -1 -3 -10
-0.003
VCEO max -30 -100 -300
-0.001 -0.3
Collector-emitter voltage
VCE (V)
4
2006-11-21
2SB1617
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-21


▲Up To Search▲   

 
Price & Availability of 2SB161706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X