|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SA965 TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) 2SA965 Power Amplifier Applications Driver-Stage Amplifier Applications Unit: mm * Complementary to 2SC2235. Absolute Maximum Ratings (Ta = 25C) Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IE PC Tj Tstg Rating -120 -120 -5 -800 800 900 150 -55 to 150 Unit V V V mA mA mW C C JEDEC TO-92MOD Note: Using continuously under heavy loads (e.g. the application of high JEITA temperature/current/voltage and the significant change in TOSHIBA 2-5J1A temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. Weight: 0.36 g (typ.) operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 1 2006-11-09 2SA965 Electrical Characteristics (Ta = 25C) Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Emitter-base breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol ICBO IEBO V (BR) CEO V (BR) EBO hFE (Note) VCE (sat) VBE fT Cob Test Condition VCB = -120 V, IE = 0 VEB = -5 V, IC = 0 IC = -10 mA, IB = 0 IE = -1 mA, IC = 0 VCE = -5 V, IC = -100 mA IC = -500 mA, IB = -50 mA VCE = -5 V, IC = -500 mA VCE = -5 V, IC = -100 mA VCB = -10 V, IE = 0, f = 1 MHz Min -120 -5 80 Typ. 120 Max -100 -100 240 -1.0 -1.0 40 V V MHz pF Unit nA nA V V Note: hFE classification O: 80 to 160, Y: 120 to 240 Marking A965 Part No. (or abbreviation code) Lot No. Characteristics indicator A line indicates lead (Pb)-free package or lead (Pb)-free finish. 2 2006-11-09 2SA965 IC - VCE -1000 Common emitter -800 -15 -10 Ta = 25C 500 1000 hFE - IC Common emitter VCE = -5 V Ta = 100C 25 -25 (mA) -7 -600 -5 -4 -400 -3 -2 -200 IB = -1 mA 0 0 0 -2 -4 -6 -8 -10 -12 -14 Collector current IC DC current gain hFE 300 100 50 30 10 -3 -10 -30 -100 -300 -1000 Collector current IC (mA) Collector-emitter voltage VCE (V) VCE (sat) - IC -3 -800 Common emitter IC/IB = 10 Common emitter VCE = -5 V IC - VBE Collector-emitter saturation voltage VCE (sat) (V) (mA) Ta = 100C 25 -25 -1 -0.5 -0.3 -600 Collector current IC -400 Ta = 100C 25 -25 -0.1 -0.05 -0.03 -3 -10 -30 -100 -200 ) 0 0 -300 -1000 Collector current IC (mA) -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 Base-emitter voltage VBE (V) Safe Operating Area -3000 IC max (pulsed)* -1000 IC max (continuous) 1 ms* 10 ms* PC - Ta (W) (mA) 1.0 -500 -300 100 ms* Collector power dissipation PC 0.8 Collector current IC -100 -50 -30 DC operation 0.6 0.4 -10 -5 *: Single nonrepetitive pulse 0.2 -3 Ta = 25C Curves must be derated linearly 0 0 20 40 60 80 100 120 140 160 180 with increase in temperature. -1 -0.5 -1 -3 -5 -10 -30 -50 -100 -300 Ambient temperature Ta (C) Collector-emitter voltage VCE (V) 3 2006-11-09 2SA965 RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 20070701-EN * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations. 4 2006-11-09 |
Price & Availability of 2SA96507 |