Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download 2SA101307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1013
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1013
Color TV Verttical Deflection Output Applications Power Switching Applications
* * * * High voltage: VCEO = -160 V Large continuous collector current capability Recommended for vertical deflection output & sound output applications for line-operated TV. Complementary to 2SC2383. Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating -160 -160 -6 -1 -0.5 900 150 -55 to 150 Unit V V V A A mW C C
JEDEC JEITA TOSHIBA
TO-92MOD 2-5J1A
Note: Using continuously under heavy loads (e.g. the application of high Weight: 0.36 g (typ.) temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
1
2006-11-09
2SA1013
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol ICBO IEBO V (BR) CEO Test Condition VCB = -150 V, IE = 0 VEB = -6 V, IC = 0 IC = -10 mA, IB = 0 Min -160 60 -0.45 15 Typ. 50 Max -1.0 -1.0 200 -1.5 -0.75 35 V V MHz pF Unit A A V
hFE (Note) VCE = -5 V, IC = -200 mA VCE (sat) VBE fT Cob IC = -500 mA, IB = -50 mA VCE = -5 V, IC = -5 mA VCE = -5 V, IC = -200 mA VCB = -10 V, IE = 0, f = 1 MHz
Note: hFE classification R: 60 to 120, O: 100 to 200
Marking
A1013
Part No. (or abbreviation code) Lot No. Characteristics indicator A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2006-11-09
2SA1013
IC - VCE
-1.0 -15 -0.8 -12 -10 -8 -0.6 -6 -4.5 -3 -0.2 -2 IB = -1 mA 0 0 0 -4 -8 -12 -16 -20 -24 -28 5 -10 300 Common emitter Ta = 25C
hFE - IC
(A)
DC current gain hFE
100
-10 -5 VCE = -2 V
Collector current IC
50 30
-0.4
10 Common emitter Ta = 25C -30 -100 -300 -1000
Collector-emitter voltage
VCE (V)
Collector current IC
(A)
hFE - IC
300 Ta = 100C -3 Common emitter
VCE (sat) - IC
Collector-emitter saturation voltage VCE (sat) (V)
Ta = 25C -1 -0.5 -0.3
DC current gain hFE
100
25 0
50 30
-0.1 -0.05 -0.03 -5 -10
IC/IB = 10 5
10
5 -10
Common emitter VCE = -10 V VCE = -5 V -30 -100 -300 -1000
-30
-100
-300
-1000
Collector current IC
(mA)
Collector current IC
(A)
VCE (sat) - IC
-3 Common emitter
IC - VBE
-1.0 Common emitter VCE = -5 V -0.8
Collector-emitter saturation voltage VCE (sat) (V)
IC/IB = 10 -1
(A)
Collector current IC
-0.5 -0.3
-0.6
Ta = 100C 25 0
-0.4
-0.1 -0.05 -0.03 -5
Ta = 100C
-0.2
25 0 -10 -30 -100 -300 -1000 -0 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4
Collector current IC
(A)
Base-emitter voltage
VBE (V)
3
2006-11-09
2SA1013
fT - IC
Collector output capacitance Cob (pF)
300 300
Cob - VCB
Common emitter f = 1 MHz Ta = 25C
Transition frequency ft (MHz)
100 VCE = -5 V 50 30 -2
100 50 30
10 5 3 -1 Common emitter Ta = 25C -3 -10 -30 -100 -300
10 5 3 -1 -3 -10 -30 -100 -300
Collector current IC
(A)
Collector-base voltage VCE (V)
Safe Operating Area
-3 IC max (pulsed)* 1 ms* 10 ms*
-1 -0.5
100 ms*
(A)
-0.3
Thermal limited
Collector current IC
-0.1 IC max = -1.0 A -0.05 DC operation Ta = 25C -0.03
S/B limited
VCEO max
*: Single nonrepetitive pulse -0.01 Ta = 25C Curves must be derated linearly -0.003 with increase in temperature. -3 -10 -30 -100 -300
-1
Collector-emitter voltage
VCE (V)
4
2006-11-09
2SA1013
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-09


▲Up To Search▲   

 
Price & Availability of 2SA101307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X