Part Number Hot Search : 
DG202C 010D0 31200 C900506 ALVCH166 7C54X 74LVC245 2110B
Product Description
Full Text Search
 

To Download 25CTQ040SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21032 rev. A 06/06
25CTQ...SPbF 25CTQ.. -1PbF
SCHOTTKY RECTIFIER 30 Amp
IF(AV) = 30Amp VR = 35/ 45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 15 Apk, TJ=125C (per leg) range
Description/ Features Units
A The 25CTQ.. center tap Schottky rectifier series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-220 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
30
35/ 45 990 0.50
V A V
- 55 to 150
C
Case Styles
25CTQ...SPbF 25CTQ...-1PbF
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
D2PAK www.irf.com
TO-262 1
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V) 25CTQ035SPbF 25CTQ035-1PbF 35 25CTQ040SPBF 25CTQ040-1PbF 40 25CTQ045SPbF 25CTQ045-1PbF 45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 990 250 20 3 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
25CTQ Units
30 A
Conditions
50% duty cycle @ TC = 102 C, rectangular wave form
TJ = 25 C, IAS = 3 Amps, L = 4.40 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
25CTQ Units
0.56 0.71 0.50 0.64 V V V V mA mA pF nH @ 15A @ 30A @ 15A @ 30A
Conditions
TJ = 25 C TJ = 125 C VR = rated V R
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
1.75 70 900 8.0 10000
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
25CTQ Units
-55 to 150 -55 to 150 3.25 1.63 0.50 C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device Min. Max.
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased
2.0 (0.07) g (oz.) 6 (5) 12 (10) Kg-cm (Ibf-in) Case style D2Pak Case style TO-262
25CTQ...S 25CTQ...-1
2
www.irf.com
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
10 00
10 00 10 0 R v rs C rr n - I (m ) ee e u e t A R 1 0 1 .1 .0 1 .0 1 0 0 T =1 0 C 5 J 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta ta e u F rw rdC rre t - IF (A s n nos o a un )
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
1 0 T =1 0C 5 J
J n tio C p c n e- C (p ) u c n a a ita c F T
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00
T =1 5C 2 J T= 2 5C J 1
T =2 5C J
.1 0
.2
.4
.6
.8
1
1 .2 1 .4 1 .6 1 .8
2
10 0 0
1 0
2 0
3 0
4 0
5 0
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c - Zth C( /W h rm l p d n e C) J D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0 .1
F rw rdV lta eD p- V (V oa o g ro ) F M
R v rs V lta e- V (V ee e o g R)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
PM D
t 1 t 2 N te : os 1 D tyfa to D= t / t .u cr 12 S g P ls in le u e (T e a R s ta c ) h rm l e is n e 2 P a T =P xZ . ek +T JD M th C C J .0 1 .1 1 1 0 10 0
.0 1
.0 1 0 .0 0 1 00
.0 0 01
.0 1 0
t , R c n u r P ls D ra n(S c n s e ta g la u e u tio eod) 1
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
10 6 A w b C s T m e tu - ( ) llo a le a e e p ra re C 10 5 10 4 10 3 10 2 10 1 10 0 0 D C 2CQ 5T R J (D ) =3 5 C .2 /W th C C 1 2 D=0 8 .0 D=0 7 .1 1 0 D=0 5 .2 D=0 3 .3 .5 8 D=0 0 6 4 2 0 0 2 4 6 81 1 1 1 1 2 2 0246802 A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
A e g P w r L s - (W tts v ra e o e o s a)
R SL it M im
D C
5
1 0
1 5
2 0
5 2
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FR EE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F Rg = 25 ohm
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
Outlines Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
Part Marking Information
D2PAK
THIS IS A 25CTQ045S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
25CTQ045S
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
EXAMPLE: THIS IS A 25CTQ045-1 LOT CODE 1789 ASSEMBLED ON WW 19, 2002 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 2 = 2002 WEEK 19 P = LEAD-FREE
Tape & Reel Information
Dimensions in millimeters and (inches)
6
www.irf.com
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
Ordering Information Table
Device Code
25
1
C
2
T
3
Q
4
045
5
S TRL PbF
6 7 8
1 2 3 4 5 6 7
-
Current Rating (25A) Circuit Configuration C = Common Cathode T = TO-220 Schottky "Q" Series Voltage Ratings S = D 2Pak -1= TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D 2Pak only) TRR = Tape & Reel (Right Oriented - for D2Pak only) 035 = 35V 040 = 40V 045 = 45V
8
-
none = Standard Production PbF = Lead-Free
www.irf.com
7
25CTQ...SPbF, 25CTQ...-1PbF Series
Bulletin PD-21032 rev. A 06/06
25CTQ045 ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation * * Contain Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT 25CTQ045 ANO CAT D1 ANO 1 DMOD (0.07089) *Define diode model .MODEL DMOD D(IS=1.72789623043916E-04A,N=1.16449261507669,BV=52V, + IBV=0.347382965330896A,RS= 0.000623832,CJO=2.01681525450576E-08, + VJ=1.79426113441105,XTI=2, EG=0.778356513713514) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=30.866905105089) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.873853E-03/30.86691)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*5.486216E-02*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS 25CTQ045
Thermal Model Subcircuit .SUBCKT 25CTQ045 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 4.04E-01 2.01E+00 8.32E+00 3.80E+02 1.62E+00 1.22E+00 3.50E-01 4.34E-02
.ENDS 25CTQ045
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 06/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 25CTQ040SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X